Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB95210 Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # MB95210
Description  Low-Pin-Count Microcontrollers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB95210 Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  MB95210 Datasheet HTML 1Page - Fujitsu Component Limited. MB95210 Datasheet HTML 2Page - Fujitsu Component Limited. MB95210 Datasheet HTML 3Page - Fujitsu Component Limited. MB95210 Datasheet HTML 4Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Low-Pin-Count Microcontrollers
MB95200, MB95300, and MB95400 Series
Description0
The Fujitsu F2MC-8FX low-pin-count series meets the growing
demand for microcontrollers (MCUs) in small-scale, low-cost ap-
plications such as home appliances, electrical tools, consumer
healthcare products and after-market car accessories.
The MB95200, MB95300 and MB95400 families are general-
purpose, single-chip microcontrollers. In addition to a compact
instruction set, these microcontrollers contain a variety of pe-
ripheral controls capable of enabling BLDC motor control or 120
degree DC inverter motor control applications, an LCD controller,
a voltage comparator and operation amplifier.
Flexible and highly functional, the devices can be used for
system control and sub-micro control. For example, if I/O ports
or A/D converters in the main microcontroller are insufficient
due to system specification changes, the Fujitsu low-pin-count
microcontrollers can support these functions as a sub-microcon-
troller. Or if the standby current of the main microcontroller is
too large, the MCUs can manage the power supply.
The MB95200, MB95300 and MB95400 family devices feature
high-performance, low-voltage, embedded flash; a preci-
sion on-chip RC oscillator; and an on-chip debug feature. The
dual-operation flash memory supports a boot-loader imple-
mentation. The flash memory also supports a cost-effective
emulation of an on-chip EEPROM by simultaneously executing
the program code while writing or erasing data from one of the
flash sectors.
The Fujitsu MB95300 series also contains built-in hardware,
including a multi-pulse generator (MPG), which can be used
for the multi-channel DC motor control, BLDC motor control
and 120 degree DC inverter motor control operation; and an
LCD controller, which can operate 190pix or 128pix size. The
MB95400 series contains a built-in voltage comparator and
operational amplifier.
The Fujitsu low-pin-count MCUs are easy to use and provide
an optimal environment at each stage of the process from
program development to writing to flash memory. The BGM
adapter in-circuit emulator can be used for debugging and
flash programming.
Fujitsu F2MC-8FX Low-Pin-Count Microcontrollers
FS factsheet
1.8V - 3.6V
2.4V - 5.5V
MB95310
MB95370
• LCD
• EEPROM*
MB95350
• I2C
• EEPROM*
MB95200
MB95210
MB95220
MB95260
MB95270
MB95280
• EEPROM*
MB95330
MB95390
• Timers
• Motor Control
• EEPROM*
MB95430
• Ope Amp
• Comparator
• EEPROM*


Similar Part No. - MB95210

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB95200H CYPRESS-MB95200H Datasheet
2Mb / 66P
   F2MC-8FX 8-bit Microcontroller
MB95220H CYPRESS-MB95220H Datasheet
2Mb / 58P
   F2MC-8FX 8-bit Microcontroller
MB95260H CYPRESS-MB95260H Datasheet
2Mb / 92P
   New 8FX 8-bit Microcontrollers
More results

Similar Description - MB95210

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T83C5101 ATMEL-T83C5101_03 Datasheet
740Kb / 58P
   8-bit Low Pin Count Microcontrollers
T83C5101 ATMEL-T83C5101_08 Datasheet
678Kb / 58P
   8-bit Low Pin Count Microcontrollers
logo
Microchip Technology
PIC16F18455 MICROCHIP-PIC16F18455 Datasheet
8Mb / 706P
   28-Pin Full-Featured, Low Pin Count Microcontrollers with XLP
2019
PIC16F1614 MICROCHIP-PIC16F1614 Datasheet
415Kb / 19P
   Full-Featured, Low Pin Count, High-Temperature Microcontrollers
Revision A 2/2019
logo
TEMIC Semiconductors
T87C5101 TEMIC-T87C5101 Datasheet
243Kb / 52P
   8-bit Low pin count Microcontrollers, 0-66 MHz
logo
Microchip Technology
PIC16F18425 MICROCHIP-PIC16F18425 Datasheet
10Mb / 708P
   14/20-Pin Full-Featured, Low Pin Count Microcontrollers with XLP
2019
PIC16F18424 MICROCHIP-PIC16F18424 Datasheet
10Mb / 707P
   14/20-Pin Full-Featured, Low Pin Count Microcontrollers with XLP
2019
PIC16F18426 MICROCHIP-PIC16F18426 Datasheet
10Mb / 708P
   14/20-Pin Full-Featured, Low Pin Count Microcontrollers with XLP
2019
PIC16F15213 MICROCHIP-PIC16F15213_V01 Datasheet
9Mb / 439P
   PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
Doc Rev. E Date 6/2022
PIC24FJ64GP205 MICROCHIP-PIC24FJ64GP205 Datasheet
8Mb / 809P
   16-Bit eXtreme Low-Power Microcontrollers with USB in Low Pin Count Packages
Revision D (March 2022)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com