Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2DP1502SXCT Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY2DP1502SXCT
Description  1:2 LVPECL Fanout Buffer 20-ps maximum output-to-output skew
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2DP1502SXCT Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY2DP1502SXCT Datasheet HTML 4Page - Cypress Semiconductor CY2DP1502SXCT Datasheet HTML 5Page - Cypress Semiconductor CY2DP1502SXCT Datasheet HTML 6Page - Cypress Semiconductor CY2DP1502SXCT Datasheet HTML 7Page - Cypress Semiconductor CY2DP1502SXCT Datasheet HTML 8Page - Cypress Semiconductor CY2DP1502SXCT Datasheet HTML 9Page - Cypress Semiconductor CY2DP1502SXCT Datasheet HTML 10Page - Cypress Semiconductor CY2DP1502SXCT Datasheet HTML 11Page - Cypress Semiconductor CY2DP1502SXCT Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
CY2DP1502
Document Number: 001-56308 Rev. *G
Page 8 of 13
Ordering Information
Ordering Code Definition
Part Number
Type
Production Flow
Pb-free
CY2DP1502SXC
8-Pin SOIC
Commercial, 0 °C to 70 °C
CY2DP1502SXCT
8-Pin SOIC tape and reel
Commercial, 0 °C to 70 °C
CY2DP1502SXI
8-Pin SOIC
Industrial, –40 °C to 85 °C
CY2DP1502SXIT
8-Pin SOIC tape and reel
Industrial, –40 °C to 85 °C
CY2DP1502ZXC
8-Pin TSSOP
Commercial, 0 °C to 70 °C
CY2DP1502ZXCT
8-Pin TSSOP tape and reel
Commercial, 0 °C to 70 °C
CY2DP1502ZXI
8-Pin TSSOP
Industrial, –40 °C to 85 °C
CY2DP1502ZXIT
8-Pin TSSOP tape and reel
Industrial, –40 °C to 85 °C
CY
Base part number
2DP15 02
Number of differential output pairs
Company ID: CY = Cypress
SX/ZX
Pb-free packages
SX: SOIC
ZX: TSSOP
Temperature range
C = Commercial
I = Industrial
C/I T
Tape and reel


Similar Part No. - CY2DP1502SXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2DP1504 CYPRESS-CY2DP1504 Datasheet
301Kb / 14P
   1:4 LVPECL Fanout Buffer with Selectable Clock Input
CY2DP1504ZXC CYPRESS-CY2DP1504ZXC Datasheet
301Kb / 14P
   1:4 LVPECL Fanout Buffer with Selectable Clock Input
CY2DP1504ZXCT CYPRESS-CY2DP1504ZXCT Datasheet
301Kb / 14P
   1:4 LVPECL Fanout Buffer with Selectable Clock Input
CY2DP1504ZXI CYPRESS-CY2DP1504ZXI Datasheet
301Kb / 14P
   1:4 LVPECL Fanout Buffer with Selectable Clock Input
CY2DP1504ZXIT CYPRESS-CY2DP1504ZXIT Datasheet
301Kb / 14P
   1:4 LVPECL Fanout Buffer with Selectable Clock Input
More results

Similar Description - CY2DP1502SXCT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT8T53S111I RENESAS-IDT8T53S111I Datasheet
841Kb / 19P
   1:10 LVPECL Output Fanout Buffer
2019
logo
Cypress Semiconductor
CY2DM1502 CYPRESS-CY2DM1502 Datasheet
285Kb / 12P
   1:2 CML / LVPECL Input to CML Output Fanout Buffer
logo
Integrated Device Techn...
8SLVP1204 IDT-8SLVP1204_18 Datasheet
580Kb / 24P
   LVPECL Output Fanout Buffer
8SLVP1104I IDT-8SLVP1104I_18 Datasheet
458Kb / 21P
   LVPECL Output Fanout Buffer
8SLVP1102I IDT-8SLVP1102I_18 Datasheet
462Kb / 21P
   LVPECL Output Fanout Buffer
logo
Pericom Semiconductor C...
PI6C485311 PERICOM-PI6C485311_06 Datasheet
370Kb / 6P
   3.3V Low Skew 1-to-2 Differential to LVPECL Fanout Buffer
PI6C485311WE PERICOM-PI6C485311WE Datasheet
370Kb / 6P
   3.3V Low Skew 1-to-2 Differential to LVPECL Fanout Buffer
logo
Diodes Incorporated
PI6C5912016 DIODES-PI6C5912016 Datasheet
1Mb / 14P
   16 Output LVPECL Fanout Buffer
PI6C5912012 DIODES-PI6C5912012 Datasheet
1Mb / 15P
   12 Output LVPECL Fanout Buffer
logo
Integrated Device Techn...
8302I-01 IDT-8302I-01 Datasheet
247Kb / 8P
   Low Skew, 1-to-2 LVCMOS / LVTTL Fanout Buffer W/ Complementary Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com