Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2DL1504ZXIT Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY2DL1504ZXIT
Description  1:4 Differential LVDS Fanout Buffer with Selectable Clock Input
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2DL1504ZXIT Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY2DL1504ZXIT Datasheet HTML 1Page - Cypress Semiconductor CY2DL1504ZXIT Datasheet HTML 2Page - Cypress Semiconductor CY2DL1504ZXIT Datasheet HTML 3Page - Cypress Semiconductor CY2DL1504ZXIT Datasheet HTML 4Page - Cypress Semiconductor CY2DL1504ZXIT Datasheet HTML 5Page - Cypress Semiconductor CY2DL1504ZXIT Datasheet HTML 6Page - Cypress Semiconductor CY2DL1504ZXIT Datasheet HTML 7Page - Cypress Semiconductor CY2DL1504ZXIT Datasheet HTML 8Page - Cypress Semiconductor CY2DL1504ZXIT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
CY2DL1504
Document Number: 001-56312 Rev. *F
Page 5 of 14
DC Electrical Specifications
(VDD = 3.3 V ± 5% or 2.5 V ± 5%; TA = 0 °C to 70 °C (Commercial) or –40 °C to 85 °C (Industrial))
Parameter
Description
Condition
Min
Max
Unit
IDD
Operating supply current
All LVDS outputs terminated with a load of
100
Ω[3, 4]
–61
mA
VIH1
Input high voltage,
LVDS and LVPECL input clocks,
IN0, IN0#, IN1, and IN1#
–VDD + 0.3
V
VIL1
Input low voltage,
LVDS and LVPECL input clocks,
IN0, IN0#, IN1, and IN1#
–0.3
V
VIH2
Input high voltage,
CLK_EN, IN_SEL, and OE
VDD = 3.3 V
2.0
VDD + 0.3
V
VIL2
Input low voltage,
CLK_EN, IN_SEL, and OE
VDD = 3.3 V
–0.3
0.8
V
VIH3
Input high voltage,
CLK_EN, IN_SEL, and OE
VDD = 2.5 V
1.7
VDD + 0.3
V
VIL3
Input low voltage,
CLK_EN, IN_SEL, and OE
VDD = 2.5 V
–0.3
0.7
V
VID_LVDS
[5]
LVDS input differential amplitude
See Figure 3 on page 7
0.4
0.8
V
VID_LVPECL
[5]
LVPECL input differential amplitude
See Figure 3 on page 7
0.4
1.0
V
VICM
Input common mode voltage
See Figure 3 on page 7
0.5
VDD – 0.2
V
IIH
Input high current, All inputs
Input = VDD
[6]
–150
μA
IIL
Input low current, All inputs
Input = VSS
[6]
–150
μA
VPP
LVDS differential output voltage peak
to Peak, Single-ended
VDD = 3.3 V or 2.5 V,
RTERM = 100 Ω between Q and Q# pairs
[3, 7]
250
470
mV
VOCM
LVDS differential output common
mode voltage
VDD = 3.3 V or 2.5 V,
RTERM = 100 Ω between Q and Q# pairs
[3, 7]
1.125
1.375
V
ΔV
OCM
Change in VOCM between
complementary output states
VDD = 3.3 V or 2.5 V,
RTERM = 100 Ω between Q and Q# pairs
[3, 7]
–50
mV
IOZ
Output leakage current
OE = VSS, VOUT = 0.75V – 1.75V
–15
15
μA
RP
Internal pull-up/pull-down resistance,
LVCMOS logic inputs
CLK_EN has pull-up only
IN_SEL has pull-down only
OE has pull-up only
60
165
k
Ω
CIN
Input capacitance
Measured at 10 MHz; per pin
3
pF
Notes
3. Refer to Figure 2 on page 7.
4. IDD includes current that is dissipated externally in the output termination resistors.
5. VID minimum of 400 mV is required to meet all output AC Electrical Specifications. The device is functional with VID minimum of greater than 200 mV.
6. Positive current flows into the input pin, negative current flows out of the input pin.
7. Refer to Figure 4 on page 7.
[+] Feedback


Similar Part No. - CY2DL1504ZXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2DL1504ZXIT CYPRESS-CY2DL1504ZXIT Datasheet
309Kb / 15P
   1:4 Differential LVDS Fanout Buffer with Selectable Clock Input
More results

Similar Description - CY2DL1504ZXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2DL1504 CYPRESS-CY2DL1504 Datasheet
309Kb / 15P
   1:4 Differential LVDS Fanout Buffer with Selectable Clock Input
CY2DL15110 CYPRESS-CY2DL15110 Datasheet
430Kb / 13P
   1:10 Differential LVDS Fanout Buffer with Selectable Clock Input
CY2DP1504 CYPRESS-CY2DP1504 Datasheet
301Kb / 14P
   1:4 LVPECL Fanout Buffer with Selectable Clock Input
CY2DP1510 CYPRESS-CY2DP1510 Datasheet
303Kb / 13P
   1:10 LVPECL Fanout Buffer with Selectable Clock Input
CY2CP1504 CYPRESS-CY2CP1504 Datasheet
298Kb / 13P
   1:4 LVCMOS to LVPECL Fanout Buffer with Selectable Clock Input
logo
ON Semiconductor
NB3L8504S ONSEMI-NB3L8504S_16 Datasheet
249Kb / 11P
   1:4 Differential Input to LVDS Fanout Buffer / Translator
April, 2016 ??Rev. 2
logo
Pericom Semiconductor C...
PI6C49S1504 PERICOM-PI6C49S1504 Datasheet
1Mb / 10P
   High Performance Selectable 1:4 Differential Fanout Buffer
logo
Asahi Kasei Microsystem...
AK8181F AKM-AK8181F Datasheet
654Kb / 12P
   3.3V LVDS 1:4 Clock Fanout Buffer
AK8181G AKM-AK8181G Datasheet
585Kb / 10P
   3.3V LVDS 1:4 Clock Fanout Buffer
logo
Integrated Device Techn...
MC100ES8014 IDT-MC100ES8014 Datasheet
496Kb / 7P
   Low Voltage 1:5 Differential LVDS Clock Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com