Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2XF23 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY2XF23
Description  High Performance LVDS Oscillator with Frequency Margining - I2C Control
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2XF23 Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY2XF23 Datasheet HTML 1Page - Cypress Semiconductor CY2XF23 Datasheet HTML 2Page - Cypress Semiconductor CY2XF23 Datasheet HTML 3Page - Cypress Semiconductor CY2XF23 Datasheet HTML 4Page - Cypress Semiconductor CY2XF23 Datasheet HTML 5Page - Cypress Semiconductor CY2XF23 Datasheet HTML 6Page - Cypress Semiconductor CY2XF23 Datasheet HTML 7Page - Cypress Semiconductor CY2XF23 Datasheet HTML 8Page - Cypress Semiconductor CY2XF23 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
CY2XF23
Document Number: 001-53145 Rev. *E
Page 5 of 16
Programming Description
The CY2XF23 is a programmable device. Before being used in
an application, it must be programmed with the output
frequencies and other variables described in Programming
Variables on page 5. Two different device types are available,
each with its own programming flow. They are described in the
following sections.
Field-Programmable CY2XF23F
Field programmable devices are shipped unprogrammed and
must be programmed before being installed on a printed circuit
board (PCB). Customers use CyClockWizard™ software to
specify the device configuration and generate a joint electron
devices
engineering
council
(JEDEC - extension .jed)
programming file. Programming of samples and prototype
quantities is available using the CyClockWizard software along
with a CY3675-CLKMAKER1 CyClockMaker Clock Programmer
Kit with a CY3675-LCC6A socket adapter. Cypress’s value
added distribution partners also provide programming services.
Field programmable devices are designated with an ‘F’ in the
part number. They are intended for quick prototyping and
inventory reduction. The software and programmer kit hardware
can be downloaded from www.cypress.com by clicking the
hyperlinks above.
Factory-Configured CY2XF23
For ready-to-use devices, the CY2XF23 is available with no field
programming required. Pre-configured devices (see Standard
and Application-Specific Factory Configurations) are available
for samples or orders, or a request for a custom configuration
can be made. All requests are submitted to the local Cypress
Field Application Engineer (FAE) or sales representative. After
the request is processed, the user receives a new part number,
samples, and datasheet with the programmed values. This part
number is used for additional sample requests and production
orders. The CY2XF23 is one-time programmable (OTP).
Programming Variables
Output Frequencies
The CY2XF23 is programmed with up to four independent output
frequencies, which are then selected using the I2C interface. The
device can synthesize frequencies to a resolution of 1 part per
million (ppm), but the actual accuracy of the output frequency is
limited by the accuracy of the integrated reference crystal.
The CY2XF23 has an output frequency range of 50 MHz to
690 MHz, but the range is not continuous. The CY2XF23 cannot
generate frequencies in the ranges of 521 MHz to 529 MHz and
596 MHz to 617 MHz.
Industrial versus Commercial Device Performance
Industrial and commercial devices have different internal
crystals. They have a potentially significant impact on
performance levels for applications requiring the lowest possible
phase noise. CyClockWIzard software allows the user to select
between and view the expected performance of both options.
Memory Map
Five fields can be written via the I2C bus. Four frequency words
define the output frequency. As shown in Table 2, each of these
words is a 6-byte field. When writing to a frequency word, all six
bytes should be written. They may be written either as individual
byte writes, or as a block write. The currently selected frequency
word should not be written to. All four words are symmetrical,
meaning that a 6-byte value that is valid for one word is also valid
for any of the other words, and produces the same frequency.
The fifth field is the select byte, located at byte address 40h. The
value written into the two least significant bits determines the
active frequency word. The other bits of the byte are reserved
and must be written with the values indicated in the table. Users
should never write to any address other than the 25 bytes
described here.
Serial Interface Protocol and Timing
The CY2XF23 uses pins SDA and SCLK for an I2C bus that
operates up to 100 kbits/sec in read or write mode. The
CY2XF23 is always a slave on this bus, meaning that it never
initiates a bus transaction. The basic write protocol is as follows:
Start Bit; 7-bit Device Address (DA); R/W Bit; Slave Clock
Acknowledge (ACK); 8-bit Memory Address (MA); ACK; 8-bit
Data; ACK; 8-bit Data in MA+1 if desired; ACK; 8-bit Data in
MA+2; ACK; and so on, until STOP Bit. The basic serial format
is illustrated in Figure 4 on page 7.
Table 1. Device Programming Variables
Variable
Output frequency 0
Output frequency 1
Output frequency 2
Output frequency 3
Temperature range (commercial or industrial)
Table 2. Frequency Words
Frequency
Word
Byte Addresses
(hex)
Word Select
(Select Byte 40h)
0
10h to 15h
00
1
16h to 1Bh
01
2
1Ch to 21h
10
3
22h to 27h
11
Table 3. Register 40h: Select Byte
Bits
Default Value
(binary)
Name
Description
7:2 000000
Reserved
Reserved. Always write
this value.
1:0 User-defined
Word select Selects the Frequency
Word to determine the
output frequency. 00
selects Word 0; 01
selects Word 1; 10
selects Word 2; 11
selects Word 3.
[+] Feedback


Similar Part No. - CY2XF23

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2XF23 CYPRESS-CY2XF23 Datasheet
406Kb / 11P
   High Performance LVDS Oscillator with Frequency Margining - I2C Control
CY2XF23FLXCT CYPRESS-CY2XF23FLXCT Datasheet
300Kb / 11P
   6-Pin Ceramic LCC SMD - Tape and Reel
CY2XF23FLXCT CYPRESS-CY2XF23FLXCT Datasheet
406Kb / 11P
   High Performance LVDS Oscillator with Frequency Margining - I2C Control
CY2XF23FLXIT CYPRESS-CY2XF23FLXIT Datasheet
300Kb / 11P
   6-Pin Ceramic LCC SMD - Tape and Reel
CY2XF23FLXIT CYPRESS-CY2XF23FLXIT Datasheet
406Kb / 11P
   High Performance LVDS Oscillator with Frequency Margining - I2C Control
More results

Similar Description - CY2XF23

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2XF23 CYPRESS-CY2XF23 Datasheet
406Kb / 11P
   High Performance LVDS Oscillator with Frequency Margining - I2C Control
CY2XF33 CYPRESS-CY2XF33 Datasheet
365Kb / 7P
   High Performance LVDS Oscillator with Frequency Margining - Pin Control
CY2XF24 CYPRESS-CY2XF24_11 Datasheet
385Kb / 17P
   High Performance LVPECL Oscillator with Frequency Margining ??I2C Control
CY2XF33 CYPRESS-CY2XF33_11 Datasheet
213Kb / 12P
   High-Performance LVDS Oscillator With Frequency Margining ??Pin Control
CY2XF32 CYPRESS-CY2XF32 Datasheet
368Kb / 8P
   High Performance CMOS Oscillator with Frequency Margining - Pin Control
CY2XF32 CYPRESS-CY2XF32_11 Datasheet
268Kb / 10P
   High Performance CMOS Oscillator with Frequency Margining ??Pin Control
CY2XF34 CYPRESS-CY2XF34 Datasheet
419Kb / 10P
   High Performance LVPECL Oscillator with Frequency Margining - Pin Control
CY2XF34_1106 CYPRESS-CY2XF34_1106 Datasheet
231Kb / 12P
   High Performance LVPECL Oscillator with Frequency Margining ??Pin Control
logo
Maxim Integrated Produc...
DS4M125 MAXIM-DS4M125 Datasheet
138Kb / 7P
   3.3V Margining Clock Oscillator with LVPECL/LVDS Output
Rev 0; 12/07
logo
TEMEX
RV1490HF TEMEX-RV1490HF Datasheet
668Kb / 10P
   High Performance High Frequency Fundamental Voltage Control Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com