Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2XF24FLXCT Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY2XF24FLXCT
Description  High Performance LVPECL Oscillator with Frequency Margining ??I2C Control
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2XF24FLXCT Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY2XF24FLXCT Datasheet HTML 1Page - Cypress Semiconductor CY2XF24FLXCT Datasheet HTML 2Page - Cypress Semiconductor CY2XF24FLXCT Datasheet HTML 3Page - Cypress Semiconductor CY2XF24FLXCT Datasheet HTML 4Page - Cypress Semiconductor CY2XF24FLXCT Datasheet HTML 5Page - Cypress Semiconductor CY2XF24FLXCT Datasheet HTML 6Page - Cypress Semiconductor CY2XF24FLXCT Datasheet HTML 7Page - Cypress Semiconductor CY2XF24FLXCT Datasheet HTML 8Page - Cypress Semiconductor CY2XF24FLXCT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
CY2XF24
Document Number: 001-53146 Rev. *E
Page 4 of 17
Functional Description
The CY2XF24 is a PLL-based high-performance clock
generator. It uses an internal crystal oscillator as a reference,
and outputs one differential LVPECL clock. It has an I2C bus
serial interface[1], which is used to change the output frequency.
The CY2XF24 comes configured for four different frequencies.
At power-on, the four configurations are transparently loaded
into an internal volatile memory which, in turn, controls the PLL.
You can switch between the four frequencies through the I2C
bus. You can also configure the CY2XF24 with new output
frequencies by shifting new data into the internal memory.
Frequency margining is a common application for this feature.
One frequency is used for the standard operating mode of the
device, while additional frequencies are available for margin
testing, either during product development or in-system
manufacturing test.
Note that all configuration changes made using I2C are
temporary and are lost when power is removed from the device.
At power-on, the device returns to its original state.
The configuration for a particular frequency is stored in a 6-byte
block of memory, known as a word. The CY2XF24 has four such
words, labeled ‘Frequency Word 0’ through ‘Frequency Word 3’.
An additional register byte contains a 2-bit field, which selects
one of the four frequency words. By writing to this Select Byte,
you can switch back and forth between the four programmed
frequencies. The select byte can be configured to select any of
the four frequency words at power on.
When changing the output frequency, the frequency transition is
not guaranteed to be smooth. There can be frequency
excursions beyond the start frequency and the new frequency.
Glitches and runt pulses are possible, and time must be allowed
for the PLL to relock.
If more than four frequencies are needed, the I2C Bus can be
used to change any of the four frequency words. When writing
frequency words through I2C, you should not change the
currently selected word. Instead, write one of the three
unselected words before changing the select byte to select that
new word.
Figure 2 shows how the frequency words are arranged and
selected.
Figure 2. Frequency Words
Configuration Software
Cypress provides CyClockWizard™ software that enables users
to create data values for shifting into the frequency words. This
software is required because the algorithm is too complicated to
be described here.
The user specifies the output frequency. The software then
calculates the bit stream for up to four frequency words, as
outlined by the register addresses for each word seen in
Figure 2.
Programming Description
The CY2XF24 is a programmable device. Before being used in
an application, it must be programmed with the output
frequencies and other variables described in Programming
Variables on page 5. Two different device types are available,
each with its own programming flow. They are described in the
following section.
Field-Programmable CY2XF24F
Field programmable devices are shipped unprogrammed and
must be programmed before being installed on a printed circuit
board (PCB). Customers use CyClockWizard™ Software to
specify the device configuration and generate a joint electron
devices engineering council (JEDEC - extension .jed)
programming file. Programming of samples and prototype
quantities is available using the CyClockWizard software along
with a CY3675-CLKMAKER1 CyClockMaker Clock Programmer
Kit with a CY3675-LCC6A socket adapter. Cypress’s value
added distribution partners also provide programming services.
Field programmable devices are designated with an ‘F’ in the
part number. They are intended for quick prototyping and
inventory reduction. The software and programmer kit hardware
can be downloaded from www.cypress.com by clicking the
hyperlinks above.
Standard and Application-Specific Factory Configurations
Part Number
Output Frequency
Frequency Word
RMS Phase Jitter (Random)
Offset Range
Jitter (Typical)
CY2XF24LXI625T
78.125 MHz
156.25 MHz
312.50 MHz
625.00 MHz (default)
0
1
2
3
1.875 MHz to 20 MHz
1.875 MHz to 20 MHz
1.875 MHz to 20 MHz
1.875 MHz to 20 MHz
0.37 ps
0.31 ps
0.29 ps
0.31 ps
Note
1. The serial interface is I2C Bus compliant, with the following exceptions: SDA input leakage current, SDA input capacitance, SDA and SCLK are clamped
to VDD, setup time, and output hold time.
10h – 15h
Frequency Word 0
PLL
Frequency Word 1
Frequency Word 2
Frequency Word 3
16h – 1Bh
1Ch – 21h
22h – 27h
Select Byte
40h
00
01
10
11
Bits [1:0]
Register
Address
Sel
Control
[+] Feedback


Similar Part No. - CY2XF24FLXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2XF24FLXCT CYPRESS-CY2XF24FLXCT Datasheet
308Kb / 12P
   6-Pin Ceramic LCC SMD - Tape and Reel
More results

Similar Description - CY2XF24FLXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2XF34 CYPRESS-CY2XF34 Datasheet
419Kb / 10P
   High Performance LVPECL Oscillator with Frequency Margining - Pin Control
CY2XF23 CYPRESS-CY2XF23 Datasheet
406Kb / 11P
   High Performance LVDS Oscillator with Frequency Margining - I2C Control
CY2XF34_1106 CYPRESS-CY2XF34_1106 Datasheet
231Kb / 12P
   High Performance LVPECL Oscillator with Frequency Margining ??Pin Control
CY2XF23 CYPRESS-CY2XF23_11 Datasheet
490Kb / 16P
   High Performance LVDS Oscillator with Frequency Margining - I2C Control
CY2XF32 CYPRESS-CY2XF32 Datasheet
368Kb / 8P
   High Performance CMOS Oscillator with Frequency Margining - Pin Control
CY2XF32 CYPRESS-CY2XF32_11 Datasheet
268Kb / 10P
   High Performance CMOS Oscillator with Frequency Margining ??Pin Control
CY2XF33 CYPRESS-CY2XF33 Datasheet
365Kb / 7P
   High Performance LVDS Oscillator with Frequency Margining - Pin Control
CY2XF33 CYPRESS-CY2XF33_11 Datasheet
213Kb / 12P
   High-Performance LVDS Oscillator With Frequency Margining ??Pin Control
logo
Maxim Integrated Produc...
DS4M125 MAXIM-DS4M125 Datasheet
138Kb / 7P
   3.3V Margining Clock Oscillator with LVPECL/LVDS Output
Rev 0; 12/07
logo
TEMEX
RV1490HF TEMEX-RV1490HF Datasheet
668Kb / 10P
   High Performance High Frequency Fundamental Voltage Control Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com