Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2XF32 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY2XF32
Description  High Performance CMOS Oscillator with Frequency Margining ??Pin Control
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2XF32 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY2XF32 Datasheet HTML 2Page - Cypress Semiconductor CY2XF32 Datasheet HTML 3Page - Cypress Semiconductor CY2XF32 Datasheet HTML 4Page - Cypress Semiconductor CY2XF32 Datasheet HTML 5Page - Cypress Semiconductor CY2XF32 Datasheet HTML 6Page - Cypress Semiconductor CY2XF32 Datasheet HTML 7Page - Cypress Semiconductor CY2XF32 Datasheet HTML 8Page - Cypress Semiconductor CY2XF32 Datasheet HTML 9Page - Cypress Semiconductor CY2XF32 Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
CY2XF32
Document Number: 001-53147 Rev. *D
Page 7 of 10
Ordering Information
The following table contains only the parts that are currently available. If you do not see what you are looking for, contact your local
sales representative. For more information, visit the Cypress website at www.cypress.com and refer to the product summary page at
http://www.cypress.com/products.
Some product offerings are factory programmed customer specific devices with customized part numbers. The Possible
Configurations table shows the available device types, but not complete part numbers. Contact your local Cypress FAE of Sales
Representative for more information.
Possible Configurations
Ordering Code Definitions
Part Number[6]
Configuration
Package Description
Product Flow
Pb-free
CY2XF32FLXCT
Field Programmable
6-Pin Ceramic LCC SMD – Tape and Reel
Commercial, 0° to 70°C
CY2XF32FLXIT
Field Programmable
6-Pin Ceramic LCC SMD – Tape and Reel
Industrial, –40° to 85°C
Part Number[6]
Configuration
Package Description
Product Flow
Pb-free
CY2XF32LXCxxxT
Factory Configured
6-Pin Ceramic LCC SMD – Tape and Reel
Commercial, 0° to 70°C
CY2XF32LXIxxxT
Factory Configured
6-Pin Ceramic LCC SMD – Tape and Reel
Industrial, –40° to 85°C
T = Tape and Reel
Customer Specific Code
Temperature Range: C = Commercial, I = Industrial
Pb-free
Package type
Part identifier
Family
Company ID: CY = Cypress
xx
CY
xxx
T
L X
xxx
X
Note
6. “xxx” is a factory assigned code that identifies the programming option.
[+] Feedback


Similar Part No. - CY2XF32

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2XF32 CYPRESS-CY2XF32 Datasheet
368Kb / 8P
   High Performance CMOS Oscillator with Frequency Margining - Pin Control
CY2XF32FLXCT CYPRESS-CY2XF32FLXCT Datasheet
369Kb / 8P
   6-Pin Ceramic LCC SMD - Tape and Reel
CY2XF32FLXCT CYPRESS-CY2XF32FLXCT Datasheet
368Kb / 8P
   High Performance CMOS Oscillator with Frequency Margining - Pin Control
CY2XF32FLXIT CYPRESS-CY2XF32FLXIT Datasheet
369Kb / 8P
   6-Pin Ceramic LCC SMD - Tape and Reel
CY2XF32FLXIT CYPRESS-CY2XF32FLXIT Datasheet
368Kb / 8P
   High Performance CMOS Oscillator with Frequency Margining - Pin Control
More results

Similar Description - CY2XF32

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2XF32 CYPRESS-CY2XF32 Datasheet
368Kb / 8P
   High Performance CMOS Oscillator with Frequency Margining - Pin Control
CY2XF33 CYPRESS-CY2XF33 Datasheet
365Kb / 7P
   High Performance LVDS Oscillator with Frequency Margining - Pin Control
CY2XF34 CYPRESS-CY2XF34 Datasheet
419Kb / 10P
   High Performance LVPECL Oscillator with Frequency Margining - Pin Control
CY2XF33 CYPRESS-CY2XF33_11 Datasheet
213Kb / 12P
   High-Performance LVDS Oscillator With Frequency Margining ??Pin Control
CY2XF34_1106 CYPRESS-CY2XF34_1106 Datasheet
231Kb / 12P
   High Performance LVPECL Oscillator with Frequency Margining ??Pin Control
CY2XF23 CYPRESS-CY2XF23 Datasheet
406Kb / 11P
   High Performance LVDS Oscillator with Frequency Margining - I2C Control
CY2XF24 CYPRESS-CY2XF24_11 Datasheet
385Kb / 17P
   High Performance LVPECL Oscillator with Frequency Margining ??I2C Control
CY2XF23 CYPRESS-CY2XF23_11 Datasheet
490Kb / 16P
   High Performance LVDS Oscillator with Frequency Margining - I2C Control
logo
TEMEX
RV1490HF TEMEX-RV1490HF Datasheet
668Kb / 10P
   High Performance High Frequency Fundamental Voltage Control Crystal Oscillator
logo
Analog Devices
ADM1069ASTZ AD-ADM1069ASTZ Datasheet
537Kb / 32P
   Super Sequencer with Margining Control
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com