Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2XF33 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY2XF33
Description  High-Performance LVDS Oscillator With Frequency Margining ??Pin Control
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2XF33 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY2XF33 Datasheet HTML 2Page - Cypress Semiconductor CY2XF33 Datasheet HTML 3Page - Cypress Semiconductor CY2XF33 Datasheet HTML 4Page - Cypress Semiconductor CY2XF33 Datasheet HTML 5Page - Cypress Semiconductor CY2XF33 Datasheet HTML 6Page - Cypress Semiconductor CY2XF33 Datasheet HTML 7Page - Cypress Semiconductor CY2XF33 Datasheet HTML 8Page - Cypress Semiconductor CY2XF33 Datasheet HTML 9Page - Cypress Semiconductor CY2XF33 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
CY2XF33
Document Number: 001-53148 Rev. *E
Page 6 of 12
Termination Circuits
Figure 2. LVDS Termination
AC Electrical Characteristics[5]
Parameter
Description
Condition
Min
Typ
Max
Unit
FOUT
Output frequency[6]
–50
690
MHz
FSC
Frequency stability, commercial
devices[7]
TA = 0 °C to 70 °C
±35
ppm
FSI
Frequency stability, industrial devices[7] TA = –40 °C to 85 °C
±55
ppm
AG
Aging, 10 years
±15
ppm
TDC
Output duty cycle
F
450 MHz, measured at zero crossing
45
50
55
%
F > 450 MHz, measured at zero
crossing
40
50
60
%
TR, TF
Output rise and fall time
20% and 80% of full output swing
0.35
1.0
ns
TLOCK
Startup time
Time for CLK to reach valid frequency
measured from the time VDD = VDD(min)
––
5
ms
TLFS
Re-lock time
Time for CLK to reach valid frequency
from FS0 or FS1 pin change
––
1
ms
TJitter()
RMS phase jitter (random)
fOUT = 106.25 MHz (12 kHz–20 MHz)
1
ps
Notes
5. Not 100% tested, guaranteed by design and characterization.
6. This parameter is specified in CyberClocks Online software.
7. Frequency stability is the maximum variation in frequency from F0. It includes initial accuracy, plus variation from temperature and supply voltage.
CLK
CLK#
100


Similar Part No. - CY2XF33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2XF33 CYPRESS-CY2XF33 Datasheet
365Kb / 7P
   High Performance LVDS Oscillator with Frequency Margining - Pin Control
CY2XF33FLXCT CYPRESS-CY2XF33FLXCT Datasheet
367Kb / 7P
   6-Pin Ceramic LCC SMD - Tape and Reel
CY2XF33FLXCT CYPRESS-CY2XF33FLXCT Datasheet
365Kb / 7P
   High Performance LVDS Oscillator with Frequency Margining - Pin Control
CY2XF33FLXIT CYPRESS-CY2XF33FLXIT Datasheet
367Kb / 7P
   6-Pin Ceramic LCC SMD - Tape and Reel
CY2XF33FLXIT CYPRESS-CY2XF33FLXIT Datasheet
365Kb / 7P
   High Performance LVDS Oscillator with Frequency Margining - Pin Control
More results

Similar Description - CY2XF33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2XF33 CYPRESS-CY2XF33 Datasheet
365Kb / 7P
   High Performance LVDS Oscillator with Frequency Margining - Pin Control
CY2XF23 CYPRESS-CY2XF23 Datasheet
406Kb / 11P
   High Performance LVDS Oscillator with Frequency Margining - I2C Control
CY2XF23 CYPRESS-CY2XF23_11 Datasheet
490Kb / 16P
   High Performance LVDS Oscillator with Frequency Margining - I2C Control
CY2XF32 CYPRESS-CY2XF32 Datasheet
368Kb / 8P
   High Performance CMOS Oscillator with Frequency Margining - Pin Control
CY2XF32 CYPRESS-CY2XF32_11 Datasheet
268Kb / 10P
   High Performance CMOS Oscillator with Frequency Margining ??Pin Control
CY2XF34 CYPRESS-CY2XF34 Datasheet
419Kb / 10P
   High Performance LVPECL Oscillator with Frequency Margining - Pin Control
CY2XF34_1106 CYPRESS-CY2XF34_1106 Datasheet
231Kb / 12P
   High Performance LVPECL Oscillator with Frequency Margining ??Pin Control
CY2XF24 CYPRESS-CY2XF24_11 Datasheet
385Kb / 17P
   High Performance LVPECL Oscillator with Frequency Margining ??I2C Control
logo
Maxim Integrated Produc...
DS4M125 MAXIM-DS4M125 Datasheet
138Kb / 7P
   3.3V Margining Clock Oscillator with LVPECL/LVDS Output
Rev 0; 12/07
logo
TEMEX
RV1490HF TEMEX-RV1490HF Datasheet
668Kb / 10P
   High Performance High Frequency Fundamental Voltage Control Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com