Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2XP22ZXCT Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY2XP22ZXCT
Description  Crystal to LVPECL Clock Generator One LVPECL output pair
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2XP22ZXCT Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY2XP22ZXCT Datasheet HTML 2Page - Cypress Semiconductor CY2XP22ZXCT Datasheet HTML 3Page - Cypress Semiconductor CY2XP22ZXCT Datasheet HTML 4Page - Cypress Semiconductor CY2XP22ZXCT Datasheet HTML 5Page - Cypress Semiconductor CY2XP22ZXCT Datasheet HTML 6Page - Cypress Semiconductor CY2XP22ZXCT Datasheet HTML 7Page - Cypress Semiconductor CY2XP22ZXCT Datasheet HTML 8Page - Cypress Semiconductor CY2XP22ZXCT Datasheet HTML 9Page - Cypress Semiconductor CY2XP22ZXCT Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
CY2XP22
Document #: 001-10229 Rev. *F
Page 9 of 10
Document History Page
Document Title: CY2XP22 Crystal to LVPECL Clock Generator
Document Number: 001-10229
Revision
ECN
Orig. of
Change
Submission
Date
Description of Change
**
506262
RGL
See ECN
New Data Sheet
*A
838060
RGL
See ECN
Changed status from Advance to Preliminary
*B
2700242
KVM/PYRS
04/30/2009
Reformatted
Revised phase noise values
Replaced VCC with VDD; VEE with VSS; updated pin names
Removed pull-up resistor on F_SEL
Corrected temperature range, added industrial temperature range
Increased IDD from 120 / 100 mA to 150 / 140 mA
Added CINX parameter, revised CIN parameter
Revised LVPECL output specs
Added thermal resistance information
Changed VIL, VIH, IIL & IIH specs
Revised suggested crystal load capacitor values
*C
2718898
WWZ
06/15/09
Minor ECN to post data sheet to external web
*D
2767298
KVM
09/22/09
Add IDD spec for unterminated outputs
Change parameter name for IDD (terminated outputs) from IDD to IDDT
Remove IDD footnote about externally dissipated current
Add footnote reference to CIN and CINX:not 100% tested
Add max limit for TR, TF: 1.0 ns
Change TLOCK max from 10 ms to 5 ms
Split out parameter TLFS from TLOCK
*E
2896121
KVM
03/19/2010
Updated Package Diagram (Figure 11)
*F
3219081
04/07/2011
BASH
Changed status from preliminary to final.
Template and style updates as per current Cypress standards.
Added ordering code definitions, acronyms, and units of measure.
Updated package diagram to *C.
[+] Feedback


Similar Part No. - CY2XP22ZXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2XP22ZXCT CYPRESS-CY2XP22ZXCT Datasheet
248Kb / 8P
   Crystal to LVPECL Clock Generator
More results

Similar Description - CY2XP22ZXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2XP24 CYPRESS-CY2XP24_11 Datasheet
404Kb / 12P
   Crystal to LVPECL Clock Generator One LVPECL Output Pair
CY2XP41 CYPRESS-CY2XP41_11 Datasheet
261Kb / 10P
   Crystal to LVPECL Clock Generator
CY2XP24ZXC CYPRESS-CY2XP24ZXC Datasheet
342Kb / 8P
   Crystal to LVPECL Clock Generator
CY2XP22ZXC CYPRESS-CY2XP22ZXC Datasheet
248Kb / 8P
   Crystal to LVPECL Clock Generator
CY2XP41ZXC CYPRESS-CY2XP41ZXC Datasheet
321Kb / 8P
   Crystal to LVPECL Clock Generator
logo
Integrated Device Techn...
ICS853S01I IDT-ICS853S01I Datasheet
484Kb / 23P
   One LVPECL output pair
logo
Integrated Circuit Syst...
ICS843071I ICST-ICS843071I Datasheet
303Kb / 15P
   FEMTOCLOCKS??CRYSTAL-TO- LVPECL CLOCK GENERATOR
logo
Integrated Device Techn...
873991 IDT-873991 Datasheet
270Kb / 18P
   LVPECL-TO-LVPECL/ECL CLOCK GENERATOR
ICS8N3PG10MBKI-062 IDT-ICS8N3PG10MBKI-062 Datasheet
270Kb / 20P
   One differential LVPECL output pair
logo
Integrated Circuit Syst...
ICS843031 ICST-ICS843031 Datasheet
211Kb / 11P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com