Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2XP24ZXCT Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY2XP24ZXCT
Description  Crystal to LVPECL Clock Generator One LVPECL Output Pair
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2XP24ZXCT Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY2XP24ZXCT Datasheet HTML 2Page - Cypress Semiconductor CY2XP24ZXCT Datasheet HTML 3Page - Cypress Semiconductor CY2XP24ZXCT Datasheet HTML 4Page - Cypress Semiconductor CY2XP24ZXCT Datasheet HTML 5Page - Cypress Semiconductor CY2XP24ZXCT Datasheet HTML 6Page - Cypress Semiconductor CY2XP24ZXCT Datasheet HTML 7Page - Cypress Semiconductor CY2XP24ZXCT Datasheet HTML 8Page - Cypress Semiconductor CY2XP24ZXCT Datasheet HTML 9Page - Cypress Semiconductor CY2XP24ZXCT Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
CY2XP24
Document #: 001-15705 Rev. *G
Page 6 of 12
Parameter Measurements
Figure 2. 3.3 V Output Load AC Test Circuit
Figure 3. 2.5 V Output Load AC Test Circuit
Figure 4. Output DC Parameters
Figure 5. Output Rise and Fall Time
Figure 6. RMS Phase Jitter
SCOPE
V
DD
V
SS
LVPECL
50
50
Z = 50
Z = 50
CLK#
CLK
2V
-1.3V +/- 0.165V
SCOPE
V
DD
V
SS
LVPECL
50
50
Z = 50
Z = 50
CLK#
CLK
2V
-0.5V +/- 0.125V
CLK
V
A
V
B
CLK#
V
OD
V
OCM = (VA + VB)/2
20%
80%
T
R
CLK
20%
80%
CLK#
T
F
Phase noise
Phase noise mark
Offset Frequency
f1
f2
RMS Jitter =
Area Under the Masked Phase Noise Plot
Noise Power
[+] Feedback


Similar Part No. - CY2XP24ZXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2XP24ZXCT CYPRESS-CY2XP24ZXCT Datasheet
342Kb / 8P
   Crystal to LVPECL Clock Generator
More results

Similar Description - CY2XP24ZXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2XP22 CYPRESS-CY2XP22_11 Datasheet
281Kb / 10P
   Crystal to LVPECL Clock Generator One LVPECL output pair
CY2XP41 CYPRESS-CY2XP41_11 Datasheet
261Kb / 10P
   Crystal to LVPECL Clock Generator
CY2XP24ZXC CYPRESS-CY2XP24ZXC Datasheet
342Kb / 8P
   Crystal to LVPECL Clock Generator
CY2XP22ZXC CYPRESS-CY2XP22ZXC Datasheet
248Kb / 8P
   Crystal to LVPECL Clock Generator
CY2XP41ZXC CYPRESS-CY2XP41ZXC Datasheet
321Kb / 8P
   Crystal to LVPECL Clock Generator
logo
Integrated Device Techn...
ICS853S01I IDT-ICS853S01I Datasheet
484Kb / 23P
   One LVPECL output pair
logo
Integrated Circuit Syst...
ICS843071I ICST-ICS843071I Datasheet
303Kb / 15P
   FEMTOCLOCKS??CRYSTAL-TO- LVPECL CLOCK GENERATOR
logo
Integrated Device Techn...
873991 IDT-873991 Datasheet
270Kb / 18P
   LVPECL-TO-LVPECL/ECL CLOCK GENERATOR
ICS8N3PG10MBKI-062 IDT-ICS8N3PG10MBKI-062 Datasheet
270Kb / 20P
   One differential LVPECL output pair
logo
Integrated Circuit Syst...
ICS843031 ICST-ICS843031 Datasheet
211Kb / 11P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com