Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N7002 Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # 2N7002
Description  FIELD EFFECT TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

2N7002 Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  2N7002 Datasheet HTML 1Page - KEC(Korea Electronics) 2N7002 Datasheet HTML 2Page - KEC(Korea Electronics) 2N7002 Datasheet HTML 3Page - KEC(Korea Electronics) 2N7002 Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2009. 11. 17
3/4
2N7002
Revision No : 4
DRAIN-SOURCE VOLTAGE V
(V)
0
DS
0
I
- V
DDS
1
COMMON SOURCE
Ta=25 C
V
=3V
GS
23
4
5
0.3
0.6
0.9
1.5
1.2
4V
5V
6V
10V
GATE-SOURCE VOLTAGE V
(V)
GS
ID - VGS
0.1
0
0.2
COMMON SOURCE
Ta=25 C
0.3
0.4
0.5
0.6
2
1
3
4
6
5
0
0.0
1
23
4
5
0.6
0.3
0.9
DRAIN CURRENT I
(A)
D
R
- I
DS(ON)
D
0
2
1
3
4
5
JUNCTION TEMPERATURE T
( C)
j
R
- T
DS(ON)
j
0.6
COMMON SOURCE
VDS=VGS
ID =250µA
1
0.8
1.2
1.4
JUNCTION TEMPERATURE T
( C)
j
V
- T
th
j
25 C
-55 C
125 C
COMMON SOURCE
V
GS =10V
BODY DIODE FORWARD VOLTAGE V
(V)
SD
I
- V
SSD
0.01
0.0
0.1
1
0.3
0.6
0.9
1.2
1.5
VGS =10
VGS =0
-100
0
50
100
-50
150
-100
0
50
100
-50
150
VGS=3V
6V
5V
10V
4V
VGS =10V
ID =500mA
VGS =5V
ID =50mA


Similar Part No. - 2N7002

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
2N7002 NCEPOWER-2N7002 Datasheet
307Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
logo
Pan Jit International I...
2N7002 PANJIT-2N7002 Datasheet
91Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Silicon Supplies
2N7002 SS-2N7002 Datasheet
620Kb / 4P
   Small Signal MOSFET Bare Die
logo
Fairchild Semiconductor
2N7002 FAIRCHILD-2N7002 Datasheet
116Kb / 7P
   N-Channel Enhancement Mode Field Effect Transistor
2N7002 FAIRCHILD-2N7002 Datasheet
162Kb / 4P
   Advanced Small Signal MOSFET
More results

Similar Description - 2N7002

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
2N7000A KEC-2N7000A Datasheet
67Kb / 4P
   FIELD EFFECT TRANSISTOR
2N7002A KEC-2N7002A_09 Datasheet
57Kb / 4P
   FIELD EFFECT TRANSISTOR
2N7000 KEC-2N7000 Datasheet
68Kb / 4P
   FIELD EFFECT TRANSISTOR
logo
Isahaya Electronics Cor...
2SK930 ISAHAYA-2SK930 Datasheet
226Kb / 4P
   FIELD-EFFECT TRANSISTOR
logo
NEC
2SK193 NEC-2SK193 Datasheet
39Kb / 2P
   Field Effect Transistor
logo
New Jersey Semi-Conduct...
40822 NJSEMI-40822 Datasheet
108Kb / 1P
   FIELD-EFFECT TRANSISTOR
40822 NJSEMI-40822_13 Datasheet
108Kb / 1P
   FIELD-EFFECT TRANSISTOR
logo
Isahaya Electronics Cor...
2SJ498 ISAHAYA-2SJ498 Datasheet
110Kb / 4P
   FIELD-EFFECT TRANSISTOR
2SJ145 ISAHAYA-2SJ145 Datasheet
219Kb / 4P
   FIELD-EFFECT TRANSISTOR
logo
Toshiba Semiconductor
2SK788 TOSHIBA-2SK788 Datasheet
366Kb / 5P
   FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com