Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7B994V-2AXI Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7B994V-2AXI
Description  High Speed Multi Phase PLL Clock Buffer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7B994V-2AXI Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7B994V-2AXI Datasheet HTML 1Page - Cypress Semiconductor CY7B994V-2AXI Datasheet HTML 2Page - Cypress Semiconductor CY7B994V-2AXI Datasheet HTML 3Page - Cypress Semiconductor CY7B994V-2AXI Datasheet HTML 4Page - Cypress Semiconductor CY7B994V-2AXI Datasheet HTML 5Page - Cypress Semiconductor CY7B994V-2AXI Datasheet HTML 6Page - Cypress Semiconductor CY7B994V-2AXI Datasheet HTML 7Page - Cypress Semiconductor CY7B994V-2AXI Datasheet HTML 8Page - Cypress Semiconductor CY7B994V-2AXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
RoboClock
CY7B993V, CY7B994V
Document #: 38-07127 Rev. *J
Page 2 of 18
Logic Block Diagram
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
FS
OUTPUT_MODE
FBF0
FBDS0
FBDS1
FBDIS
4F0
4F1
4DS0
4DS1
DIS4
3F0
3F1
3DS0
3DS1
DIS3
2F0
2F1
2DS0
2DS1
DIS2
1F0
1F1
1DS0
1DS1
DIS1
QFA0
QFA1
4QA0
4QA1
4QB0
4QB1
3QA0
3QA1
3QB0
3QB1
2QA0
2QA1
2QB0
2QB1
1QA0
1QA1
1QB0
1QB1
LOCK
FBKA+
FBKA–
FBKB+
FBKB–
FBSEL
REFA+
REFA–
REFB+
REFB–
REFSEL
3
INV3
Divide and
Phase
Select
Matrix
Divide and
Phase
Select
Matrix
Divide and
Phase
Select
Matrix
Divide and
Phase
Select
Matrix
Divide and
Phase
Select
Matrix
Phase
Freq.
Detector
Filter
VCO
Control Logic
Divide and Phase
Generator
Feedback Bank
Bank 4
Bank 3
Bank 2
Bank 1
[+] Feedback


Similar Part No. - CY7B994V-2AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B994V-2AXI CYPRESS-CY7B994V-2AXI Datasheet
391Kb / 15P
   High-speed Multi-phase PLL Clock Buffer
CY7B994V-2AXIT CYPRESS-CY7B994V-2AXIT Datasheet
391Kb / 15P
   High-speed Multi-phase PLL Clock Buffer
More results

Similar Description - CY7B994V-2AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B9945V CYPRESS-CY7B9945V Datasheet
110Kb / 10P
   High-speed Multi-phase PLL Clock Buffer
CY7B994V CYPRESS-CY7B994V Datasheet
292Kb / 14P
   High-Speed Multi-Phase PLL Clock Buffer
CY7B993V CYPRESS-CY7B993V_05 Datasheet
391Kb / 15P
   High-speed Multi-phase PLL Clock Buffer
CY7B9945V CYPRESS-CY7B9945V_07 Datasheet
261Kb / 11P
   High Speed Multi-phase PLL Clock Buffer
CY7B9945V CYPRESS-CY7B9945V_11 Datasheet
430Kb / 15P
   High Speed Multi-phase PLL Clock Buffer
CY7B9930V CYPRESS-CY7B9930V Datasheet
158Kb / 9P
   High-Speed Multi-Frequency PLL Clock Buffer
CY7B9973V CYPRESS-CY7B9973V Datasheet
167Kb / 8P
   High-Speed Multi-Output PLL Clock Buffer
CY7B995 CYPRESS-CY7B995_07 Datasheet
383Kb / 13P
   2.5/3.3V 200-MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B9950 CYPRESS-CY7B9950_07 Datasheet
331Kb / 12P
   2.5/3.3V, 200 MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B9950 CYPRESS-CY7B9950_06 Datasheet
296Kb / 10P
   2.5/3.3V, 200-MHz High-Speed Multi-Phase PLL Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com