Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7B993V-5AXC Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7B993V-5AXC
Description  High Speed Multi Phase PLL Clock Buffer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7B993V-5AXC Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7B993V-5AXC Datasheet HTML 7Page - Cypress Semiconductor CY7B993V-5AXC Datasheet HTML 8Page - Cypress Semiconductor CY7B993V-5AXC Datasheet HTML 9Page - Cypress Semiconductor CY7B993V-5AXC Datasheet HTML 10Page - Cypress Semiconductor CY7B993V-5AXC Datasheet HTML 11Page - Cypress Semiconductor CY7B993V-5AXC Datasheet HTML 12Page - Cypress Semiconductor CY7B993V-5AXC Datasheet HTML 13Page - Cypress Semiconductor CY7B993V-5AXC Datasheet HTML 14Page - Cypress Semiconductor CY7B993V-5AXC Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
RoboClock
CY7B993V, CY7B994V
Document #: 38-07127 Rev. *J
Page 11 of 18
Operating Current
ICCI
Internal Operating
Current
CY7B993V
VCC = Max, fMAX[7]
250
mA
CY7B994V
250
mA
ICCN
Output Current
Dissipation/Pair[8]
CY7B993V
VCC = Max,
CLOAD = 25 pF,
RLOAD = 50 at VCC/2,
fMAX
–40
mA
CY7B994V
50
mA
Electrical Characteristics Over the Operating Range (continued)
Parameter
Description
Test Conditions
Min
Max
Unit
Capacitance
Parameter
Description
Test Conditions
Min
Max
Unit
CIN
Input Capacitance
TA = 25C, f = 1 MHz, VCC = 3.3V
5
pF
Switching Characteristics Over the Operating Range[9, 10, 11, 12, 13]
Parameter
Description
CY7B993/4V-2
CY7B993/4V-5
Unit
Min
Typ
Max
Min
Typ
Max
fIN
Clock Input Frequency
CY7B993V
12
100
12
100
MHz
CY7B994V
24
200
24
200
MHz
fOUT
Clock Output Frequency
CY7B993V
12
100
12
100
MHz
CY7B994V
24
200
24
200
MHz
tSKEWPR
Matched-Pair Skew[14, 15]
200
200
ps
tSKEWBNK
Intrabank Skew[14, 15]
200
250
ps
tSKEW0
Output-Output Skew (same frequency and phase, rise to
rise, fall to fall)[14, 15]
250
550
ps
tSKEW1
Output-Output Skew (same frequency and phase, other
banks at different frequency, rise to rise, fall to fall)[14, 15]
250
650
ps
tSKEW2
Output-Output Skew (invert to nominal of different banks,
compared banks at same frequency, rising edge to falling
edge aligned, other banks at same frequency)[14, 15]
250
700
ps
tSKEW3
Output-Output Skew (all output configurations outside of
tSKEW1and tSKEW2)[14, 15]
500
800
ps
tSKEWCPR
Complementary Outputs Skew (crossing to crossing,
complementary outputs of the same bank)[14, 15, 16, 17]
200
300
ps
tCCJ1-3
Cycle-to-Cycle Jitter (divide by 1 output frequency,
FB = divide by 1, 2, 3)
50
150
50
150 ps Peak
tCCJ4-12
Cycle-to-Cycle Jitter (divide by 1 output frequency,
FB = divide by 4, 5, 6, 8, 10, 12)
50
100
50
100 ps Peak
tPD
Propagation Delay, REF to FB Rise
–250
250
–500
500
ps
Notes
7. ICCI measurement is performed with Bank1 and FB Bank configured to run at maximum frequency (fNOM = 100 MHz for CY7B993V, fNOM = 200 MHz for
CY7B994V), and all other clock output banks to run at half the maximum frequency. FS and OUTPUT_MODE are asserted to the HIGH state.
8. This is dependent upon frequency and number of outputs of a bank being loaded. The value indicates maximum ICCN at maximum frequency and maximum
load of 25 pF terminated to 50
 at VCC/2.
9. This is for non-three level inputs.
10. Assumes 25 pF Max load capacitance up to 185 MHz. At 200 MHz the Max load is 10 pF.
11. Both outputs of pair must be terminated, even if only one is being used.
12. Each package must be properly decoupled.
13. AC parameters are measured at 1.5V unless otherwise indicated.
14. Test Load CL= 25 pF, terminated to VCC/2 with 50up to185 MHz and 10 pF load to 200 MHz.
15. SKEW is defined as the time between the earliest and the latest output transition among all outputs for which the same phase delay has been selected when
all outputs are loaded with 25 pF and properly terminated up to 185 MHz. At 200 MHz the max load is 10 pF.
16. Complementary output skews are measured at complementary signal pair intersections.
17. Guaranteed by statistical correlation. Tested initially and after any design or process changes that may affect these parameters.
[+] Feedback


Similar Part No. - CY7B993V-5AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B993V-5AXC CYPRESS-CY7B993V-5AXC Datasheet
391Kb / 15P
   High-speed Multi-phase PLL Clock Buffer
CY7B993V-5AXCT CYPRESS-CY7B993V-5AXCT Datasheet
391Kb / 15P
   High-speed Multi-phase PLL Clock Buffer
More results

Similar Description - CY7B993V-5AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B9945V CYPRESS-CY7B9945V Datasheet
110Kb / 10P
   High-speed Multi-phase PLL Clock Buffer
CY7B994V CYPRESS-CY7B994V Datasheet
292Kb / 14P
   High-Speed Multi-Phase PLL Clock Buffer
CY7B993V CYPRESS-CY7B993V_05 Datasheet
391Kb / 15P
   High-speed Multi-phase PLL Clock Buffer
CY7B9945V CYPRESS-CY7B9945V_07 Datasheet
261Kb / 11P
   High Speed Multi-phase PLL Clock Buffer
CY7B9945V CYPRESS-CY7B9945V_11 Datasheet
430Kb / 15P
   High Speed Multi-phase PLL Clock Buffer
CY7B9930V CYPRESS-CY7B9930V Datasheet
158Kb / 9P
   High-Speed Multi-Frequency PLL Clock Buffer
CY7B9973V CYPRESS-CY7B9973V Datasheet
167Kb / 8P
   High-Speed Multi-Output PLL Clock Buffer
CY7B995 CYPRESS-CY7B995_07 Datasheet
383Kb / 13P
   2.5/3.3V 200-MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B9950 CYPRESS-CY7B9950_07 Datasheet
331Kb / 12P
   2.5/3.3V, 200 MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B9950 CYPRESS-CY7B9950_06 Datasheet
296Kb / 10P
   2.5/3.3V, 200-MHz High-Speed Multi-Phase PLL Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com