Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1009D Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C1009D
Description  1-Mbit (128 K 횞 8) Static RAM Low active power
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1009D Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C1009D Datasheet HTML 6Page - Cypress Semiconductor CY7C1009D Datasheet HTML 7Page - Cypress Semiconductor CY7C1009D Datasheet HTML 8Page - Cypress Semiconductor CY7C1009D Datasheet HTML 9Page - Cypress Semiconductor CY7C1009D Datasheet HTML 10Page - Cypress Semiconductor CY7C1009D Datasheet HTML 11Page - Cypress Semiconductor CY7C1009D Datasheet HTML 12Page - Cypress Semiconductor CY7C1009D Datasheet HTML 13Page - Cypress Semiconductor CY7C1009D Datasheet HTML 14Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
CY7C109D
CY7C1009D
Document #: 38-05468 Rev. *G
Page 10 of 14
Ordering Information
Speed
(ns)
Ordering Code
Package
Diagram
Package Type
Operating
Range
10
CY7C109D-10VXI
51-85033
32-pin (400-Mil) Molded SOJ (Pb-free)
Industrial
CY7C109D-10ZXI
51-85056
32-pin TSOP Type I (Pb-free)
CY7C1009D-10VXI
51-85041
32-pin (300-Mil) Molded SOJ (Pb-free)
Ordering Code Definitions
Please contact your local Cypress sales representative for availability of these parts.
Temperature Range:
I = Industrial
Package Type: XX = VX or ZX
VX = 32-pin Molded SOJ (Pb-free)
ZX = 32-pin TSOP Type I (Pb-free)
Speed: 10 ns
D = C9, 90 nm Technology
xx9 = 09 or 009 = (400-Mil / 300-Mil) 1-Mbit density
1 = Fast Asynchronous SRAM family
Technology Code: C = CMOS
7 = SRAM
CY = Cypress
C
CY
1
- 10 XX
7
xx9 D
I
[+] Feedback


Similar Part No. - CY7C1009D

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1009D CYPRESS-CY7C1009D Datasheet
991Kb / 11P
   1-Mbit (128K x 8) Static RAM
CY7C1009D-10VXI CYPRESS-CY7C1009D-10VXI Datasheet
991Kb / 11P
   1-Mbit (128K x 8) Static RAM
More results

Similar Description - CY7C1009D

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1019DV-3310VXI CYPRESS-CY7C1019DV-3310VXI Datasheet
553Kb / 16P
   1-Mbit (128 K 횞 8) Static RAM
CY7C1019CV33 CYPRESS-CY7C1019CV33_12 Datasheet
463Kb / 13P
   1-Mbit (128 K 횞 8) Static RAM
CY62128ELL-45ZXIT CYPRESS-CY62128ELL-45ZXIT Datasheet
970Kb / 19P
   1-Mbit (128 K 횞 8) Static RAM
CY7C1019CV33 CYPRESS-CY7C1019CV33_11 Datasheet
463Kb / 13P
   1-Mbit (128 K 횞 8) Static RAM Center Power/Ground Pinout
CY62128EV30LL-45ZXIT CYPRESS-CY62128EV30LL-45ZXIT Datasheet
952Kb / 18P
   1-Mbit (128 K x 8) Static RAM
CY7C1019D CYPRESS-CY7C1019D_11 Datasheet
870Kb / 15P
   1-Mbit (128 K 횞 8) Static RAM CMOS for optimum speed/power
CY62128E CYPRESS-CY62128E_13 Datasheet
970Kb / 19P
   1-Mbit (128 K x 8) Static RAM
CY621282BN_1106 CYPRESS-CY621282BN_1106 Datasheet
508Kb / 14P
   1-Mbit (128 K x 8) Static RAM
CY7C1011CV33 CYPRESS-CY7C1011CV33_13 Datasheet
510Kb / 16P
   2-Mbit (128 K 횞 16) Static RAM
CY62137EV30 CYPRESS-CY62137EV30_12 Datasheet
570Kb / 18P
   2-Mbit (128 K 횞 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com