Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C185-35SC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C185-35SC
Description  64-Kbit (8 K 횞 8) Static RAM CMOS for optimum speed/power
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C185-35SC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C185-35SC Datasheet HTML 1Page - Cypress Semiconductor CY7C185-35SC Datasheet HTML 2Page - Cypress Semiconductor CY7C185-35SC Datasheet HTML 3Page - Cypress Semiconductor CY7C185-35SC Datasheet HTML 4Page - Cypress Semiconductor CY7C185-35SC Datasheet HTML 5Page - Cypress Semiconductor CY7C185-35SC Datasheet HTML 6Page - Cypress Semiconductor CY7C185-35SC Datasheet HTML 7Page - Cypress Semiconductor CY7C185-35SC Datasheet HTML 8Page - Cypress Semiconductor CY7C185-35SC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
CY7C185
64-Kbit (8 K × 8) Static RAM
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 38-05043 Rev. *E
Revised April 20, 2011
Features
High speed
15 ns
Fast tDOE
Low active power
715 mW
Low standby power
85 mW
CMOS for optimum speed/power
Easy memory expansion with CE1, CE2 and OE features
TTL-compatible inputs and outputs
Automatic power-down when deselected
Available in non Pb-free 28-pin (300-Mil) Molded SOJ, 28-pin
(300-Mil) Molded SOIC and Pb-free 28-pin (300-Mil) Molded
DIP
Functional Description
The CY7C185[1] is a high-performance CMOS static RAM
organized as 8192 words by 8 bits. Easy memory expansion is
provided by an active LOW chip enable (CE1), an active HIGH
chip enable (CE2), and active LOW output enable (OE) and
tri-state drivers. This device has an automatic power-down
feature (CE1 or CE2), reducing the power consumption by 70%
when deselected. The CY7C185 is in a standard 300-mil-wide
DIP, SOJ, or SOIC package.
An active LOW write enable signal (WE) controls the
writing/reading operation of the memory. When CE1 and WE
inputs are both LOW and CE2 is HIGH, data on the eight data
input/output pins (I/O0 through I/O7) is written into the memory
location addressed by the address present on the address pins
(A0 through A12). Reading the device is accomplished by
selecting the device and enabling the outputs, CE1 and OE
active LOW, CE2 active HIGH, while WE remains inactive or
HIGH. Under these conditions, the contents of the location
addressed by the information on address pins are present on the
eight data input or output pins.
The input or output pins remain in a high-impedance state unless
the chip is selected, outputs are enabled, and write enable (WE)
is HIGH. A die coat is used to insure alpha immunity.
A1
A2
A3
A4
A5
A6
A7
A8
I/O0
8K x 8
ARRAY
INPUT BUFFER
COLUMN DECODER
POWER
DOWN
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
CE1
CE2
WE
OE
Logic Block Diagram
Selection Guide
Description
-15
-20
-35
Maximum Access Time (ns)
15
20
35
Maximum Operating Current (mA)
130
110
100
Maximum CMOS Standby Current (mA)
15
15
15
Note
1. For guidelines on SRAM system design, please refer to the ‘System Design Guidelines’ Cypress application note, available on the internet at www.cypress.com.
[+] Feedback


Similar Part No. - CY7C185-35SC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C185-35SC CYPRESS-CY7C185-35SC Datasheet
197Kb / 11P
   8K x 8 Static RAM
CY7C185-35SC CYPRESS-CY7C185-35SC Datasheet
307Kb / 12P
   8K x 8 Static RAM
CY7C185-35SC CYPRESS-CY7C185-35SC Datasheet
200Kb / 11P
   8K x 8 Static RAM
More results

Similar Description - CY7C185-35SC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1021BNV33 CYPRESS-CY7C1021BNV33_11 Datasheet
553Kb / 17P
   64 K 횞 16 Static RAM CMOS for optimum speed/power
CY7C1019D CYPRESS-CY7C1019D_11 Datasheet
870Kb / 15P
   1-Mbit (128 K 횞 8) Static RAM CMOS for optimum speed/power
CY7C197N CYPRESS-CY7C197N_11 Datasheet
220Kb / 13P
   256 K 횞 1 Static RAM CMOS for optimum speed/power
CY7C192 CYPRESS-CY7C192_11 Datasheet
439Kb / 12P
   64 K 횞 4 Static RAM with Separate IO CMOS for optimum speed/power
CY7C1021D CYPRESS-CY7C1021D_11 Datasheet
510Kb / 16P
   1-Mbit (64 K 횞 16) Static RAM CMOS for Optimum Speed and Power
CY62256EV18 CYPRESS-CY62256EV18 Datasheet
269Kb / 14P
   256-Kbit (32 K 횞 8) Static RAM
CY7C1021CV26 CYPRESS-CY7C1021CV26_11 Datasheet
551Kb / 16P
   1-Mbit (64 K x 16) Static RAM CMOS for optimum speed/power
CY14MB064Q CYPRESS-CY14MB064Q_12 Datasheet
1Mb / 30P
   64-Kbit (8 K 횞 8) SPI nvSRAM
CY14MB064Q1B CYPRESS-CY14MB064Q1B Datasheet
913Kb / 28P
   64-Kbit (8 K 횞 8) SPI nvSRAM
FM16W08 CYPRESS-FM16W08 Datasheet
326Kb / 18P
   64-Kbit (8 K 횞 8) Wide Voltage Bytewide F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com