Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C199D-10VXI Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C199D-10VXI
Description  256 K (32 K x 8) Static RAM Automatic power-down when deselected
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C199D-10VXI Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C199D-10VXI Datasheet HTML 1Page - Cypress Semiconductor CY7C199D-10VXI Datasheet HTML 2Page - Cypress Semiconductor CY7C199D-10VXI Datasheet HTML 3Page - Cypress Semiconductor CY7C199D-10VXI Datasheet HTML 4Page - Cypress Semiconductor CY7C199D-10VXI Datasheet HTML 5Page - Cypress Semiconductor CY7C199D-10VXI Datasheet HTML 6Page - Cypress Semiconductor CY7C199D-10VXI Datasheet HTML 7Page - Cypress Semiconductor CY7C199D-10VXI Datasheet HTML 8Page - Cypress Semiconductor CY7C199D-10VXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
CY7C199D
Document Number: 38-05471 Rev. *I
Page 5 of 14
Capacitance
Parameter [2]
Description
Test Conditions
Max
Unit
CIN
Input capacitance
TA = 25 C, f = 1 MHz, VCC = 5.0 V
8
pF
COUT
Output capacitance
8pF
Thermal Resistance
Parameter [2]
Description
Test Conditions
28-pin SOJ
28-pin TSOP I Unit
JA
Thermal resistance
(junction to ambient)
Still air, soldered on a 3 × 4.5 inch,
four-layer printed circuit board
59.16
54.65
C/W
JC
Thermal resistance
(junction to case)
40.84
21.49
C/W
AC Test Loads and Waveforms
Figure 3. AC Test Loads and Waveforms [3]
R2
R1 480
3.0 V
GND
90%
10%
90%
10%
5 V
OUTPUT
5pF
INCLUDING
ALL INPUT PULSES
* CAPACITIVE LOAD CONSISTS
OF ALL COMPONENTS OF THE
TEST ENVIRONMENT
30pF*
OUTPUT
Z = 50
50
1.5 V
(a)
(c)
High Z characteristics:
255
JIG AND SCOPE
(b)
Rise Time:
3 ns
Fall Time:
3 ns
Notes
2. Tested initially and after any design or process changes that may affect these parameters.
3. AC characteristics (except high Z) are tested using the load conditions shown in Figure 3 (a). High Z characteristics are tested for all speeds using the test load
shown in Figure 3 (c).
[+] Feedback


Similar Part No. - CY7C199D-10VXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C199D-10VXI CYPRESS-CY7C199D-10VXI Datasheet
931Kb / 10P
   256K (32K x 8) Static RAM
CY7C199D-10VXI CYPRESS-CY7C199D-10VXI Datasheet
374Kb / 12P
   256K (32K x 8) Static RAM
CY7C199D-10VXIT CYPRESS-CY7C199D-10VXIT Datasheet
476Kb / 14P
   256 K (32 K 횞 8) Static RAM
More results

Similar Description - CY7C199D-10VXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62138FV30 CYPRESS-CY62138FV30_11 Datasheet
701Kb / 18P
   2-Mbit (256 K x 8) Static RAM Automatic power down when deselected
CY7C199N CYPRESS-CY7C199N_11 Datasheet
435Kb / 14P
   32 K 횞 8 Static RAM Automatic power-down when deselected
CY62138F CYPRESS-CY62138F_11 Datasheet
604Kb / 15P
   2-Mbit (256 K x 8) Static RAM Automatic power down when deselected
CY62138EV30_1106 CYPRESS-CY62138EV30_1106 Datasheet
462Kb / 15P
   2-Mbit (256 K x 8) MoBL Static RAM Automatic power down when deselected
CY62158EV30 CYPRESS-CY62158EV30_11 Datasheet
435Kb / 16P
   8-Mbit (1024 K x 8) Static RAM Automatic power down when deselected
CY7C1049DV33 CYPRESS-CY7C1049DV33_11 Datasheet
869Kb / 14P
   4-Mbit (512 K x 8) Static RAM Automatic power down when deselected
CY62157E CYPRESS-CY62157E_11 Datasheet
457Kb / 18P
   8-Mbit (512 K x 16) Static RAM Automatic power down when deselected
CY62148ESL CYPRESS-CY62148ESL_11 Datasheet
264Kb / 14P
   4-Mbit (512 K x 8) Static RAM Automatic power-down when deselected
CY62148E CYPRESS-CY62148E_11 Datasheet
941Kb / 16P
   4-Mbit (512 K x 8) Static RAM Automatic power-down when deselected
CY62128EV30_1106 CYPRESS-CY62128EV30_1106 Datasheet
952Kb / 18P
   1-Mbit (128 K x 8) Static RAM Automatic power-down when deselected
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com