Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C136A-55NXI Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C136A-55NXI
Description  2K x 8 Dual-Port Static RAM High speed access: 15 ns
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C136A-55NXI Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C136A-55NXI Datasheet HTML 7Page - Cypress Semiconductor CY7C136A-55NXI Datasheet HTML 8Page - Cypress Semiconductor CY7C136A-55NXI Datasheet HTML 9Page - Cypress Semiconductor CY7C136A-55NXI Datasheet HTML 10Page - Cypress Semiconductor CY7C136A-55NXI Datasheet HTML 11Page - Cypress Semiconductor CY7C136A-55NXI Datasheet HTML 12Page - Cypress Semiconductor CY7C136A-55NXI Datasheet HTML 13Page - Cypress Semiconductor CY7C136A-55NXI Datasheet HTML 14Page - Cypress Semiconductor CY7C136A-55NXI Datasheet HTML 15Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
CY7C132, CY7C136
CY7C136A, CY7C142, CY7C146
Document #: 38-06031 Rev. *G
Page 11 of 15
Interrupt Timing Diagrams [16]
Figure 12. Left Side Sets INTR
Figure 13. Right Side Clears INTR
Figure 14. Right Side Sets INTL
Figure 15. Right Side Clears INTL
Switching Waveforms (continued)
WRITE 7FF
tINS
ADDRESSL
R/WL
tWC
tEINS
CEL
tHA
tSA
tWINS
INTR
READ 7FF
tRC
tEINR
tHA
tINR
tOINR
ADDRESSR
CER
R/WR
INTR
OER
WRITE 7FE
tINS
ADDRESSR
R/WR
tWC
tEINS
CER
tHA
tSA
tWINS
INTL
READ 7FE
tEINR
tHA
tINR
tOINR
ADDRESSL
CEL
R/WL
INTL
OEL
tRC
[+] Feedback


Similar Part No. - CY7C136A-55NXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C136A-55NXI CYPRESS-CY7C136A-55NXI Datasheet
468Kb / 15P
   2K x 8 Dual-Port Static RAM
CY7C136A-55NXI CYPRESS-CY7C136A-55NXI Datasheet
364Kb / 17P
   2K x 8 Dual-Port Static RAM
More results

Similar Description - CY7C136A-55NXI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7132SA IDT-IDT7132SA_15 Datasheet
203Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_08 Datasheet
143Kb / 17P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
IDT7132SA IDT-IDT7132SA_18 Datasheet
169Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_18 Datasheet
184Kb / 18P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
7132SA100J IDT-7132SA100J Datasheet
292Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
7132SA55JI IDT-7132SA55JI Datasheet
292Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT7132SA IDT-IDT7132SA Datasheet
175Kb / 11P
   HIGH-SPEED 2K x 8 DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C132 CYPRESS-CY7C132_05 Datasheet
562Kb / 18P
   2K x 8 Dual-Port Static RAM
CY7C146 CYPRESS-CY7C146 Datasheet
455Kb / 15P
   2K x 8 Dual-Port Static RAM
CY7C136 CYPRESS-CY7C136 Datasheet
455Kb / 15P
   2K x 8 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com