Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1012AV33 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1012AV33
Description  512 K 횞 24 Static RAM TTL-compatible inputs and outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1012AV33 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1012AV33 Datasheet HTML 1Page - Cypress Semiconductor CY7C1012AV33 Datasheet HTML 2Page - Cypress Semiconductor CY7C1012AV33 Datasheet HTML 3Page - Cypress Semiconductor CY7C1012AV33 Datasheet HTML 4Page - Cypress Semiconductor CY7C1012AV33 Datasheet HTML 5Page - Cypress Semiconductor CY7C1012AV33 Datasheet HTML 6Page - Cypress Semiconductor CY7C1012AV33 Datasheet HTML 7Page - Cypress Semiconductor CY7C1012AV33 Datasheet HTML 8Page - Cypress Semiconductor CY7C1012AV33 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
CY7C1012AV33
512 K × 24 Static RAM
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 38-05254 Rev. *H
Revised June 7, 2011
512 K × 24 Static RAM
Features
High speed
tAA = 8 ns
Low active power
1080 mW (max)
Operating voltages of 3.3 ± 0.3 V
2.0 V data retention
Automatic power-down when deselected
TTL-compatible inputs and outputs
Easy memory expansion with CE0, CE1 and CE2 features
Available in non Pb-free 119 ball PBGA.
Functional Description
The CY7C1012AV33 is a high-performance CMOS static RAM
organized as 512 K words by 24 bits. Each data byte is
separately controlled by the individual chip selects (CE0, CE1,
CE2). CE0 controls the data on the I/O0–I/O7, while CE1 controls
the data on I/O8–I/O15, and CE2 controls the data on the data
pins I/O16–I/O23. This device has an automatic power-down
feature that significantly reduces power consumption when
deselected.
Writing the data bytes into the SRAM is accomplished when the
chip select controlling that byte is LOW and the write enable input
(WE) input is LOW. Data on the respective input/output (I/O) pins
is then written into the location specified on the address pins
(A0–A18). Asserting all of the chip selects LOW and write enable
LOW will write all 24 bits of data into the SRAM. Output enable
(OE) is ignored while in WRITE mode.
Data bytes can also be individually read from the device.
Reading a byte is accomplished when the chip select controlling
that byte is LOW and write enable (WE) HIGH while output
enable (OE) remains LOW. Under these conditions, the contents
of the memory location specified on the address pins will appear
on the specified data input/output (I/O) pins. Asserting all the chip
selects LOW will read all 24 bits of data from the SRAM.
The 24 I/O pins (I/O0–I/O23) are placed in a high-impedance
state when all the chip selects are HIGH or when the output
enable (OE) is HIGH during a READ mode. For further details,
refer to the truth table of this data sheet.
The CY7C1012AV33 is available in a standard 119-ball PBGA.
A1
A2
A3
A4
A5
A6
A7
A8
COLUMN
DECODER
INPUT BUFFER
512K x 24
ARRAY
A0
I/O0–I/O7
OE
I/O8–I/O15
CE0, CE1, CE2
WE
A9
I/O16–I/O23
CONTROL LOGIC
Functional Block Diagram
[+] Feedback


Similar Part No. - CY7C1012AV33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1012AV33 CYPRESS-CY7C1012AV33 Datasheet
175Kb / 9P
   512K x 24 Static RAM
CY7C1012AV33-10BGC CYPRESS-CY7C1012AV33-10BGC Datasheet
175Kb / 9P
   512K x 24 Static RAM
CY7C1012AV33-10BGI CYPRESS-CY7C1012AV33-10BGI Datasheet
175Kb / 9P
   512K x 24 Static RAM
CY7C1012AV33-12BGC CYPRESS-CY7C1012AV33-12BGC Datasheet
175Kb / 9P
   512K x 24 Static RAM
CY7C1012AV33-12BGI CYPRESS-CY7C1012AV33-12BGI Datasheet
175Kb / 9P
   512K x 24 Static RAM
More results

Similar Description - CY7C1012AV33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1049CV33AUTO CYPRESS-CY7C1049CV33AUTO Datasheet
873Kb / 13P
   4-Mbit (512 K 횞 8) Static RAM TTL-compatible inputs and outputs
CY7C1049D CYPRESS-CY7C1049D_11 Datasheet
330Kb / 12P
   4-Mbit (512 K 횞 8) Static RAM TTL-compatible inputs and outputs
CY7C1041CV33AUTO CYPRESS-CY7C1041CV33AUTO Datasheet
572Kb / 17P
   4-Mbit (256 K 횞 16) Static RAM TTL-compatible inputs and outputs
CY7C1020CV33 CYPRESS-CY7C1020CV33_10 Datasheet
465Kb / 13P
   512 K (32 K 횞 16) Static RAM
CY7C1020CV33 CYPRESS-CY7C1020CV33_12 Datasheet
465Kb / 13P
   512 K (32 K 횞 16) Static RAM
CY7C1049CV33 CYPRESS-CY7C1049CV33_11 Datasheet
845Kb / 13P
   4-Mbit (512 K 횞 8) Static RAM
CY62148E CYPRESS-CY62148E_10 Datasheet
420Kb / 14P
   4-Mbit (512 K 횞 8) Static RAM
CYRS1049DV33 CYPRESS-CYRS1049DV33 Datasheet
1Mb / 16P
   4-Mbit (512 K 횞 8) Static RAM
CY7C1020CV26 CYPRESS-CY7C1020CV26_10 Datasheet
390Kb / 11P
   512 Kb (32 K 횞 16) Static RAM
CY62148EV30 CYPRESS-CY62148EV30_12 Datasheet
414Kb / 18P
   4-Mbit (512 K 횞 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com