Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1019D Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C1019D
Description  1-Mbit (128 K 횞 8) Static RAM CMOS for optimum speed/power
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1019D Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C1019D Datasheet HTML 1Page - Cypress Semiconductor CY7C1019D Datasheet HTML 2Page - Cypress Semiconductor CY7C1019D Datasheet HTML 3Page - Cypress Semiconductor CY7C1019D Datasheet HTML 4Page - Cypress Semiconductor CY7C1019D Datasheet HTML 5Page - Cypress Semiconductor CY7C1019D Datasheet HTML 6Page - Cypress Semiconductor CY7C1019D Datasheet HTML 7Page - Cypress Semiconductor CY7C1019D Datasheet HTML 8Page - Cypress Semiconductor CY7C1019D Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
CY7C1019D
Document #: 38-05464 Rev. *G
Page 5 of 15
Capacitance [3]
Parameter
Description
Test Conditions
Max
Unit
CIN
Input Capacitance
TA = 25 C, f = 1 MHz, VCC = 5.0 V
6
pF
COUT
Output Capacitance
8
pF
Thermal Resistance [3]
Parameter
Description
Test Conditions
400-Mil
Wide SOJ
TSOP II
Unit
JA
Thermal Resistance
(Junction to Ambient)
Still Air, soldered on a 3 × 4.5 inch, four-layer
printed circuit board
56.29
62.22
C/W
JC
Thermal Resistance
(Junction to Case)
38.14
21.43
C/W
Figure 1. AC Test Loads and Waveforms [4]
90%
10%
3.0 V
GND
90%
10%
ALL INPUT PULSES
* CAPACITIVE LOAD CONSISTS
OF ALL COMPONENTS OF THE
TEST ENVIRONMENT
Rise Time:
3 ns
Fall Time:
3 ns
30 pF*
OUTPUT
Z = 50
50
1.5V
(b)
(a)
5 V
OUTPUT
5 pF
(c)
R1 480
R2
255
High Z characteristics:
INCLUDING
JIG AND
SCOPE
Notes
3. Tested initially and after any design or process changes that may affect these parameters.
4. AC characteristics (except High Z) are tested using the load conditions shown in Figure 1 (a). High Z characteristics are tested for all speeds using the test load
shown in Figure 1 (c).
[+] Feedback


Similar Part No. - CY7C1019D

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1019D CYPRESS-CY7C1019D Datasheet
343Kb / 11P
   1-Mbit (128K x 8) Static RAM
CY7C1019D CYPRESS-CY7C1019D Datasheet
899Kb / 13P
   1-Mbit (128K x 8) Static RAM
CY7C1019D-10VXI CYPRESS-CY7C1019D-10VXI Datasheet
343Kb / 11P
   1-Mbit (128K x 8) Static RAM
CY7C1019D-10VXI CYPRESS-CY7C1019D-10VXI Datasheet
899Kb / 13P
   1-Mbit (128K x 8) Static RAM
CY7C1019D-10ZSXI CYPRESS-CY7C1019D-10ZSXI Datasheet
343Kb / 11P
   1-Mbit (128K x 8) Static RAM
More results

Similar Description - CY7C1019D

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1019DV-3310VXI CYPRESS-CY7C1019DV-3310VXI Datasheet
553Kb / 16P
   1-Mbit (128 K 횞 8) Static RAM
CY7C1019CV33 CYPRESS-CY7C1019CV33_12 Datasheet
463Kb / 13P
   1-Mbit (128 K 횞 8) Static RAM
CY62128ELL-45ZXIT CYPRESS-CY62128ELL-45ZXIT Datasheet
970Kb / 19P
   1-Mbit (128 K 횞 8) Static RAM
CY7C197N CYPRESS-CY7C197N_11 Datasheet
220Kb / 13P
   256 K 횞 1 Static RAM CMOS for optimum speed/power
CY7C1021D CYPRESS-CY7C1021D_11 Datasheet
510Kb / 16P
   1-Mbit (64 K 횞 16) Static RAM CMOS for Optimum Speed and Power
CY7C185 CYPRESS-CY7C185_11 Datasheet
394Kb / 15P
   64-Kbit (8 K 횞 8) Static RAM CMOS for optimum speed/power
CY7C1021BNV33 CYPRESS-CY7C1021BNV33_11 Datasheet
553Kb / 17P
   64 K 횞 16 Static RAM CMOS for optimum speed/power
CY7C109D CYPRESS-CY7C109D_11 Datasheet
392Kb / 14P
   1-Mbit (128 K 횞 8) Static RAM Low active power
CY7C1021CV26 CYPRESS-CY7C1021CV26_11 Datasheet
551Kb / 16P
   1-Mbit (64 K x 16) Static RAM CMOS for optimum speed/power
CY7C1019CV33 CYPRESS-CY7C1019CV33_11 Datasheet
463Kb / 13P
   1-Mbit (128 K 횞 8) Static RAM Center Power/Ground Pinout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com