Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GC63R250RB Datasheet(PDF) 3 Page - Thinking Electronic Industrial Co.,Ltd

Part # GC63R250RB
Description  3-Electrode 6.08.0 mm Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

GC63R250RB Datasheet(HTML) 3 Page - Thinking Electronic Industrial Co.,Ltd

  GC63R250RB Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd GC63R250RB Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd GC63R250RB Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd GC63R250RB Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Gas Discharge Tube:
:GC6 Series
3-Electrode Φ6.0*8.0 mm Type
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
3
www.thinking.com.tw
2010.09
All specification are subject to change without notice.
Dimensions
□= R (Radial lead type)
□= N (No lead type)
□=F (Fail-Safe Device)
S
R2
R1
T1
d
L
Unit: mm
Dimensions
Item
Spec.
Tolerance
D
6.0
+0.2/-0.5
T
8.5
±0.5
T1
11.5
+0.8/-0.5
L
7.5
±0.5
S
3.8
±0.3
d
0.8
±0.05
Dimensions
Item
Spec.
Tolerance
D
6.0
+0.2/-0.5
T
8.5
±0.5
Unit: mm
Dimensions
Item
Spec.
Tolerance
R1
6.3
±0.3
R2
7.6
±0.4
T1
13.4
±0.4
L
11.0
±0.5
S
4.4
±0.3
d
1.0
±0.05
Unit: mm


Similar Part No. - GC63R250RB

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
GC6-1 SYNERGY-GC6-1 Datasheet
392Kb / 3P
   Directional coupler
GC6-2 SYNERGY-GC6-2 Datasheet
341Kb / 3P
   Directional coupler
logo
Microsemi Corporation
GC6001 MICROSEMI-GC6001 Datasheet
105Kb / 2P
   POWER GENERATION Microwave Noise Diodes
GC6002 MICROSEMI-GC6002 Datasheet
105Kb / 2P
   POWER GENERATION Microwave Noise Diodes
GC6003 MICROSEMI-GC6003 Datasheet
105Kb / 2P
   POWER GENERATION Microwave Noise Diodes
More results

Similar Description - GC63R250RB

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
GB83R075NB THINKING-GB83R075NB Datasheet
157Kb / 4P
   3-Electrode 8.0T10 mm Type
GQF3R075NRM THINKING-GQF3R075NRM Datasheet
214Kb / 4P
   SMD 3-Electrode 57.2 mm Type
GD52R070NB THINKING-GD52R070NB Datasheet
180Kb / 5P
   2-Electrode 5.5T6 mm Type
GF42R075NRM THINKING-GF42R075NRM Datasheet
164Kb / 3P
   SMD 2-Electrode 44.2 mm Type
GF62R075NRM THINKING-GF62R075NRM Datasheet
136Kb / 4P
   SMD 2-Electrode 6.2T4.2 mm Type
GD82R070NB THINKING-GD82R070NB Datasheet
173Kb / 5P
   2-Electrode 8.0T8 mm High Voltage Type
logo
EPCOS
B88069X2601B502 EPCOS-B88069X2601B502 Datasheet
83Kb / 2P
   3-Electrode-Arrester
logo
Guangdong Juxing Electr...
JX3R-L JUXING-JX3R-L Datasheet
1Mb / 3P
   3-Electrode arrester
logo
EPCOS
B88069X5870B502 EPCOS-B88069X5870B502 Datasheet
64Kb / 2P
   3-Electrode-Arrester
logo
Guangdong Juxing Electr...
JX3R-F JUXING-JX3R-F Datasheet
1Mb / 3P
   3-Electrode arrester
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com