Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCF3A103334D3 Datasheet(PDF) 1 Page - Thinking Electronic Industrial Co.,Ltd

Part # TCF3A103334D3
Description  Lead Frame for Temperature Sensing/Compensation
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

TCF3A103334D3 Datasheet(HTML) 1 Page - Thinking Electronic Industrial Co.,Ltd

  TCF3A103334D3 Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd TCF3A103334D3 Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd TCF3A103334D3 Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd TCF3A103334D3 Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd TCF3A103334D3 Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
NTC Thermistor:
:TCF Type
Lead Frame for Temperature Sensing/Compensation
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
1
www.thinking.com.tw
2008.03
Features
1. RoHS compliant
2. Body size ψ3mm
3. Radial lead resin coated
4. -40 ~ +100℃ operating temperature range
5. Wide resistance range
6. Cost effective
7. Agency recognition: UL /cUL
Recommended Applications
1. Home appliances (air conditioner, refrigerator,
electric fan, electric cooker, washing machine,
microwave oven, drinking machine, CTV, radio.)
2. Automotive electronics
3. Computers
4. Digital meter
Part Number Code
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Structure and Dimensions
Product Type
TCF
Thinking
NTC thermistor
TCF type
Size
3
ψ3mm
Zero Power
Resistance
at 25℃ (R25)
102
1KΩ
103
10KΩ
473
47KΩ
Tolerance of
R25
F
±1%
G
±2%
H
±3%
J
±5%
K
±10%
B Value
First
Two Digits
30
31
32
40
41
30
31
32
40
41
B Value
Last
Two Digits
0
A
1
B
2
H
8
J
9
K
00
05
10
15
20
75
80
85
90
95
Tolerance of
B Value
1
±1%
2
±2%
3
±3%
Optional Suffix
Y
RoHS
compliant
Appearance
A
0.5 x 0.2mm
straight lead
Definition
of
B Value
A
B25/85
B
B25/50
3.8 max.
(Unit:mm)
0.5± 0.05
2.5±0.5
2.4 max.
Tiebar cut
0.7±0.05
0.2±0.02


Similar Part No. - TCF3A103334D3

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
TCF30 COOPER-TCF30 Datasheet
269Kb / 2P
   Low-Peak CUBEFuse With and Without Indication
logo
Eaton All Rights Reserv...
TCF30 EATON-TCF30 Datasheet
1Mb / 6P
   UL Class CF branch circuit time-delay CUBEFuse
TCF300 EATON-TCF300 Datasheet
1Mb / 6P
   UL Class CF branch circuit time-delay CUBEFuse
TCF300RN EATON-TCF300RN Datasheet
1Mb / 6P
   UL Class CF branch circuit time-delay CUBEFuse
logo
Cooper Bussmann, Inc.
TCF30RN COOPER-TCF30RN Datasheet
269Kb / 2P
   Low-Peak CUBEFuse With and Without Indication
More results

Similar Description - TCF3A103334D3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TTC05 ETC2-TTC05 Datasheet
2Mb / 5P
   Temperature Compensation/Sensing
logo
Thinking Electronic Ind...
TTS1B50213271 THINKING-TTS1B50213271 Datasheet
109Kb / 6P
   Bead Type for Temperature Sensing/Compensation
TGMAA503F3993DA6 THINKING-TGMAA503F3993DA6 Datasheet
94Kb / 4P
   Glass Encapsulated Type for Temperature Sensing/Compensation
TTF3A50211 THINKING-TTF3A50211 Datasheet
103Kb / 5P
   Insulation Film Type for Temperature Sensing/Compensation
logo
EPCOS
S964 EPCOS-S964 Datasheet
530Kb / 26P
   NTC thermistors for temperature sensing and compensation
logo
Thinking Electronic Ind...
DHT0A50213552 THINKING-DHT0A50213552 Datasheet
210Kb / 6P
   Glass Axial Type for Temperature Sensing/Compensation
TTC3A901139D1 THINKING-TTC3A901139D1 Datasheet
150Kb / 7P
   3mm Disc Type for Temperature Sensing/Compensation
logo
EPCOS
B57964S0202F000 EPCOS-B57964S0202F000 Datasheet
324Kb / 17P
   NTC thermistors for temperature sensing and compensation
logo
Thinking Electronic Ind...
TTC050055 THINKING-TTC050055 Datasheet
384Kb / 8P
   圭5 mm Disc Type for Temperature Sensing/Compensation
logo
List of Unclassifed Man...
M02097-11 ETC2-M02097-11 Datasheet
671Kb / 21P
   Temperature compensation for modulation current
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com