Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GQF3R470NRW Datasheet(PDF) 2 Page - Thinking Electronic Industrial Co.,Ltd

Part # GQF3R470NRW
Description  SMD 3-Electrodes 過5*7.2 mm Symmetrical Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

GQF3R470NRW Datasheet(HTML) 2 Page - Thinking Electronic Industrial Co.,Ltd

  GQF3R470NRW Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd GQF3R470NRW Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd GQF3R470NRW Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd GQF3R470NRW Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Gas Discharge Tube:
:GQF Series
SMD 3-Electrodes Φ5*7.2 mm Symmetrical Type
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
2
www.thinking.com.tw
2010.09
All specification are subject to change without notice.
Characteristics
Max. DC
Spark-over
Voltage
Max. Impulse
Breakdown
Voltage
Impulse Discharge
Current (8/20µs)
Impulse
Discharge
Life
(10/1000µs)
Nom. AC
Discharge Current
DC
Holdover
Voltage
(100V/S)
100V/
µs
1KV/
µs
1
Time
10
Times
200A
50Hz,
1S
SINGLE
9 CYCLES
<150ms
Minimum
Insulation
Resistance
Maximum
Capacitance
(1MHz)
Safety
approvals
Type
(V)
(V)
(V)
(KA)
Times
(A)
(V)
(G )
(pF)
UL
1449
UL
497B
GQF3R230NRW
230±20%
600
700
10
5
5
20
135
GQF3R250NRW
250±20%
600
700
10
5
5
20
135
GQF3R350NRW
350±20%
650
750
10
5
5
20
135
GQF3R400NRW
400±20%
700
800
10
5
5
20
135
GQF3R420NRW
420±20%
700
800
10
5
5
20
135
GQF3R470NRW
470±20%
800
900
10
5
5
20
135
GQF3R600NRW
600±20%
900
1000
10
5
5
20
135
GQF3R800NRW
800±20%
1150
1400
10
5
5
20
135
GQF3R11BNRW
1100±20%
1450
1750
10
5
300
5
20
135
1
2
Note 1: UL / 497B→ File No. E245070 , UL / 1449 3rd→ File No. E314979
Note 2: Insulation resistance test conditions:
DC Breakdown Voltage
DC Measuring Voltage
145-400V
100V
420-800V
250V
1000-2000V
500V
Note 3: DC Breakdown Voltage @ 100V/us for L1 / lL2 to ground and L1 to L2
Note 4: Impulse Breakdown Voltage @ 100V/us and 1000V/us for L1 / L2 to ground
Dimension
7.2±0.3
5.0±0.1
0.4
0.4
1.5


Similar Part No. - GQF3R470NRW

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
GQF3R470NRM THINKING-GQF3R470NRM Datasheet
214Kb / 4P
   SMD 3-Electrode 57.2 mm Type
More results

Similar Description - GQF3R470NRW

ManufacturerPart #DatasheetDescription
logo
OptoDiode Corp
SXUV20HS1 OPTODIODE-SXUV20HS1_18 Datasheet
279Kb / 2P
   Photodiode 過5 mm
AXUV20HS1 OPTODIODE-AXUV20HS1_18 Datasheet
462Kb / 3P
   Photodiode 過5 mm
AXUV63HS1 OPTODIODE-AXUV63HS1_18 Datasheet
445Kb / 3P
   Photodiode 過5 mm
logo
Rohm
SLA-360 ROHM-SLA-360 Datasheet
121Kb / 4P
   High luminance, small LEDs (過3, 過3.1 mm)
logo
GREATECS
RD3 GREATECS-RD3 Datasheet
264Kb / 1P
   7.2 x 7.2 mm Rotary DIP Switches
TP7 GREATECS-TP7 Datasheet
104Kb / 1P
   7.2 x 7.2 mm Sealed Tactile Switches
logo
Ningbo Foryard Optoelec...
FYL-3019URUGW1A-CC FORYARD-FYL-3019URUGW1A-CC Datasheet
285Kb / 5P
   過3mm round type led
logo
Thinking Electronic Ind...
GQF3R075NRM THINKING-GQF3R075NRM Datasheet
214Kb / 4P
   SMD 3-Electrode 57.2 mm Type
logo
List of Unclassifed Man...
HLWW-L51A ETC2-HLWW-L51A Datasheet
57Kb / 5P
   5過 White LED LAMP
logo
Ningbo Foryard Optoelec...
FYL-3019URUBW1A-CA FORYARD-FYL-3019URUBW1A-CA Datasheet
283Kb / 5P
   過3mm round type led
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com