Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1049CV33-10ZXI Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C1049CV33-10ZXI
Description  4-Mbit (512 K 횞 8) Static RAM Automatic power down when deselected
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1049CV33-10ZXI Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C1049CV33-10ZXI Datasheet HTML 1Page - Cypress Semiconductor CY7C1049CV33-10ZXI Datasheet HTML 2Page - Cypress Semiconductor CY7C1049CV33-10ZXI Datasheet HTML 3Page - Cypress Semiconductor CY7C1049CV33-10ZXI Datasheet HTML 4Page - Cypress Semiconductor CY7C1049CV33-10ZXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1049CV33-10ZXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1049CV33-10ZXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1049CV33-10ZXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1049CV33-10ZXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
CY7C1049CV33
Document #: 38-05006 Rev. *M
Page 5 of 13
AC Test Loads and Waveforms
Figure 2. AC Test Loads and Waveforms [4]
90%
10%
3.0 V
GND
90%
10%
ALL INPUT PULSES
* CAPACITIVE LOAD CONSISTS
OF ALL COMPONENTS OF THE
TEST ENVIRONMENT
Rise Time: 1 V/ns
Fall Time: 1 V/ns
30 pF*
OUTPUT
Z = 50
50
1.5 V
(b)
(a)
3.3 V
OUTPUT
5 pF
(c)
R 317

R2
351

8, 10-ns devices:
High Z characteristics:
Note
4. AC characteristics (except High Z) are tested using the load conditions shown in Figure 2 (a). High Z characteristics are tested for all speeds using the test load shown
in Figure 2 (c).
[+] Feedback


Similar Part No. - CY7C1049CV33-10ZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1049CV33-10ZXI CYPRESS-CY7C1049CV33-10ZXI Datasheet
206Kb / 11P
   4-Mbit (512K x 8) Static RAM
CY7C1049CV33-10ZXI CYPRESS-CY7C1049CV33-10ZXI Datasheet
898Kb / 12P
   4 Mbit (512K x 8) Static RAM
More results

Similar Description - CY7C1049CV33-10ZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1049DV33 CYPRESS-CY7C1049DV33_11 Datasheet
869Kb / 14P
   4-Mbit (512 K x 8) Static RAM Automatic power down when deselected
CY62148ESL CYPRESS-CY62148ESL_11 Datasheet
264Kb / 14P
   4-Mbit (512 K x 8) Static RAM Automatic power-down when deselected
CY62148E CYPRESS-CY62148E_11 Datasheet
941Kb / 16P
   4-Mbit (512 K x 8) Static RAM Automatic power-down when deselected
CY62157E CYPRESS-CY62157E_11 Datasheet
457Kb / 18P
   8-Mbit (512 K x 16) Static RAM Automatic power down when deselected
CY62157EV30 CYPRESS-CY62157EV30_11 Datasheet
485Kb / 21P
   8-Mbit (512 K x 16) Static RAM Automatic power down when deselected
CY7C199N CYPRESS-CY7C199N_11 Datasheet
435Kb / 14P
   32 K 횞 8 Static RAM Automatic power-down when deselected
CY62158EV30 CYPRESS-CY62158EV30_11 Datasheet
435Kb / 16P
   8-Mbit (1024 K x 8) Static RAM Automatic power down when deselected
CY62138FV30 CYPRESS-CY62138FV30_11 Datasheet
701Kb / 18P
   2-Mbit (256 K x 8) Static RAM Automatic power down when deselected
CY62128EV30_1106 CYPRESS-CY62128EV30_1106 Datasheet
952Kb / 18P
   1-Mbit (128 K x 8) Static RAM Automatic power-down when deselected
CY62138F CYPRESS-CY62138F_11 Datasheet
604Kb / 15P
   2-Mbit (256 K x 8) Static RAM Automatic power down when deselected
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com