Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GQF3R11BNRW Datasheet(PDF) 1 Page - Thinking Electronic Industrial Co.,Ltd

Part # GQF3R11BNRW
Description  SMD 3-Electrodes 過5*7.2 mm Symmetrical Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

GQF3R11BNRW Datasheet(HTML) 1 Page - Thinking Electronic Industrial Co.,Ltd

  GQF3R11BNRW Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd GQF3R11BNRW Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd GQF3R11BNRW Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd GQF3R11BNRW Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Gas Discharge Tube:
:GQF Series
SMD 3-Electrodes Φ5*7.2 mm Symmetrical Type
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
1
www.thinking.com.tw
2010.09
All specification are subject to change without notice.
Features
1. RoHS compliant
2. Rugged ceramic-metal construction
3. DC spark-over voltage: 230~1100V
4. Low capacitance
5. Agency recognition: UL/cUL
Recommended Applications
1. Data transmission lines
2. Communication lines
3. CATV system
4. Power distribution system
5. Power supplier
6. Test equipment
7. Instrumentation circuits
Part Number Code
G
Q
F
3
R
0
7
5
N
B
W
1
2
3
4
5
6
7
8
9
10
11
12
13
Product Code
G
THINKING Gas
Discharge Tube
Type Series (size)
QF
Φ5.0*T7.2
Electrode Number
3R
3 Electrodes
DC Spark-over
Voltage
070
70V
230
230V
600
600V
14B
1400V
25B
2500V
Lead Wire Style
N
No Lead
Packaging
B
Bulk
T
Ammo
Taping
R
Reel
Taping
Internal Control
Code
Product Type
W
SMD Symmetrical Type


Similar Part No. - GQF3R11BNRW

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
GQF3R11BNRM THINKING-GQF3R11BNRM Datasheet
214Kb / 4P
   SMD 3-Electrode 57.2 mm Type
More results

Similar Description - GQF3R11BNRW

ManufacturerPart #DatasheetDescription
logo
OptoDiode Corp
SXUV20HS1 OPTODIODE-SXUV20HS1_18 Datasheet
279Kb / 2P
   Photodiode 過5 mm
AXUV20HS1 OPTODIODE-AXUV20HS1_18 Datasheet
462Kb / 3P
   Photodiode 過5 mm
AXUV63HS1 OPTODIODE-AXUV63HS1_18 Datasheet
445Kb / 3P
   Photodiode 過5 mm
logo
Rohm
SLA-360 ROHM-SLA-360 Datasheet
121Kb / 4P
   High luminance, small LEDs (過3, 過3.1 mm)
logo
GREATECS
RD3 GREATECS-RD3 Datasheet
264Kb / 1P
   7.2 x 7.2 mm Rotary DIP Switches
TP7 GREATECS-TP7 Datasheet
104Kb / 1P
   7.2 x 7.2 mm Sealed Tactile Switches
logo
Ningbo Foryard Optoelec...
FYL-3019URUGW1A-CC FORYARD-FYL-3019URUGW1A-CC Datasheet
285Kb / 5P
   過3mm round type led
logo
Thinking Electronic Ind...
GQF3R075NRM THINKING-GQF3R075NRM Datasheet
214Kb / 4P
   SMD 3-Electrode 57.2 mm Type
logo
List of Unclassifed Man...
HLWW-L51A ETC2-HLWW-L51A Datasheet
57Kb / 5P
   5過 White LED LAMP
logo
Ningbo Foryard Optoelec...
FYL-3019URUBW1A-CA FORYARD-FYL-3019URUBW1A-CA Datasheet
283Kb / 5P
   過3mm round type led
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com