Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KRL1200010 Datasheet(PDF) 5 Page - Thinking Electronic Industrial Co.,Ltd

Part # KRL1200010
Description  KRL120 Radial Leaded Type 120V
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

KRL1200010 Datasheet(HTML) 5 Page - Thinking Electronic Industrial Co.,Ltd

  KRL1200010 Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd KRL1200010 Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd KRL1200010 Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd KRL1200010 Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd KRL1200010 Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd KRL1200010 Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd KRL1200010 Datasheet HTML 7Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Polymer PTC Resettable Fuse:
:KRL Type
KRL120 Radial Leaded Type 120V
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
5
www.thinking.com.tw
2009.12
All specifications are subject to change without notice
Packaging
Tape & Reel Specification
See table below and Fig. 1~5 for details
Description
EIA Mark
Dimensions (mm)
Tolerance
(mm)
Sprocket hole pitch
P0
12.7
±0.3
Ordinate to adjacent component lead
KRL1200010-KRL1200100
3.6
Ordinate to adjacent component lead
KRL1200110-KRL1200185
3.45
Ordinate to adjacent component lead
KRL1200200-KRL1200300
P1
7.3
±1.0
Device pitch
KRL1200010-KRL1200100
12.7
Device pitch
KRL1200110-KRL1200250
25.4
Device pitch
KRL1200300~KRL1200375
P
38.1
±1.0
Carrier tape width
W
18.0
±1.0
Top distance between tape edges
W0
3.0
Max
Hold-down tape width
W1
12.0
±1.0
Lead spacing
C
See “ Structure and Dimensions”
--
Abscissa to top
KRL1200010 to KRL1200070
32.2
Abscissa to top
KRL1200075 to KRL1200375
H1
47.5
max
Abscissa to plane (straight lead)
H
18.0
+2/-0
Abscissa to plane (kinked lead)
H0
16.0
±0.5
Sprocket hole position
W2
9
+0.75/-0.5
Sprocket hole diameter
D0
4.0
±0.2
Lead protrusion
L1
1.0
Max.
Tape thickness
t
0.9
Max.
Body tape plane deviation
p
0
±1.3
Body lateral deviation
h
0
±1.0
Reel width
W3
56
Max.
Reel diameter
340
±10.0
Arbor hold diameter
n0
31
±1
Core diameter
n
80
Min.


Similar Part No. - KRL1200010

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
KRL2400005 THINKING-KRL2400005 Datasheet
172Kb / 5P
   KRL240 Radial Leaded Type 240V
KRL2400008 THINKING-KRL2400008 Datasheet
172Kb / 5P
   KRL240 Radial Leaded Type 240V
KRL2400012 THINKING-KRL2400012 Datasheet
172Kb / 5P
   KRL240 Radial Leaded Type 240V
KRL2400016 THINKING-KRL2400016 Datasheet
172Kb / 5P
   KRL240 Radial Leaded Type 240V
KRL2400025 THINKING-KRL2400025 Datasheet
172Kb / 5P
   KRL240 Radial Leaded Type 240V
More results

Similar Description - KRL1200010

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
KRG0160075 THINKING-KRG0160075 Datasheet
331Kb / 7P
   KRG016 Radial Leaded Type 16V
KRG0600010 THINKING-KRG0600010 Datasheet
308Kb / 7P
   KRG060 Radial Leaded Type 60V
KRG0300090 THINKING-KRG0300090 Datasheet
165Kb / 7P
   KRG030 Radial Leaded Type 30V
KRL2400005 THINKING-KRL2400005 Datasheet
172Kb / 5P
   KRL240 Radial Leaded Type 240V
logo
Littelfuse
60R010 LITTELFUSE-60R010_10 Datasheet
210Kb / 7P
   Radial Leaded
logo
Thinking Electronic Ind...
KRT6000015 THINKING-KRT6000015 Datasheet
143Kb / 5P
   Radial Leaded Type KRT600 For Telecom Application
KRT2500008 THINKING-KRT2500008 Datasheet
177Kb / 6P
   Radial Leaded Type KRT250 For Telecom Application
logo
Taiyo Yuden (U.S.A.), I...
LHL13TB332J TAIYO-YUDEN-LHL13TB332J Datasheet
522Kb / 20P
   RADIAL LEADED INDUCTORS
logo
XFMRS Inc.
RLXF0811-822J XFMRS-RLXF0811-822J Datasheet
31Kb / 1P
   Radial Leaded Inductor
logo
Taiyo Yuden (U.S.A.), I...
LHL08TB272J TAIYO-YUDEN-LHL08TB272J Datasheet
137Kb / 1P
   Radial Leaded Inductors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com