Electronic Components Datasheet Search |
|
SML50A15 Datasheet(PDF) 1 Page - Seme LAB |
|
SML50A15 Datasheet(HTML) 1 Page - Seme LAB |
1 / 2 page SML50A15 Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk 6/99 VDSS ID IDM VGS VGSM PD TJ , TSTG TL IAR EAR EAS Drain – Source Voltage Continuous Drain Current Pulsed Drain Current 1 Gate – Source Voltage Gate – Source Voltage Transient Total Power Dissipation @ Tcase = 25°C Derate Linearly Operating and Storage Junction Temperature Range Lead Temperature : 0.063” from Case for 10 Sec. Avalanche Current1 (Repetitive and Non-Repetitive) Repetitive Avalanche Energy 1 Single Pulse Avalanche Energy 2 N–CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS 500 14.7 58.8 ±30 ±40 155 1.24 –55 to 150 300 14.7 30 960 V A A V W W/°C °C A mJ ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated) 1) Repetitive Rating: Pulse Width limited by maximum junction temperature. 2) Starting TJ = 25°C, L = 8.89mH, RG = 25Ω, Peak IL = 14.7A VDSS 500V ID(cont) 14.7A RDS(on) 0.300Ω Ω • Faster Switching • Lower Leakage • TO–3 Hermetic Package StarMOS is a new generation of high voltage N–Channel enhancement mode power MOSFETs. This new technology minimises the JFET effect, increases packing density and reduces the on-resistance. StarMOS also achieves faster switching speeds through optimised gate layout. D S G 12 3 (case) 25.15 (0.99) 26.67 (1.05) 10.67 (0.42) 11.18 (0.44) 3.84 (0.151) 4.09 (0.161) 7.92 (0.312) 12.70 (0.50) 6.35 (0.25) 9.15 (0.36) 1.52 (0.06) 3.43 (0.135) TO–3 Package Outline. Dimensions in mm (inches) Pin 1 – Gate Pin 2 – Source Case – Drain |
Similar Part No. - SML50A15 |
|
Similar Description - SML50A15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |