Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KRG0300700 Datasheet(PDF) 6 Page - Thinking Electronic Industrial Co.,Ltd

Part # KRG0300700
Description  KRG030 Radial Leaded Type 30V
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

KRG0300700 Datasheet(HTML) 6 Page - Thinking Electronic Industrial Co.,Ltd

  KRG0300700 Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd KRG0300700 Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd KRG0300700 Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd KRG0300700 Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd KRG0300700 Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd KRG0300700 Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd KRG0300700 Datasheet HTML 7Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Polymer PTC Resettable Fuse:
:KRG Series
KRG030 Radial Leaded Type 30V
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
6
www.thinking.com.tw
2008.04
All specifications are subject to change without notice.
Taping Specification
Note:
1.
KRG0300090-KRG0300400,please refer to Fig. 1.
2.
KRG0300500-KRG0300900, please refer to Fig 2.
Reel Specification
Fig.1
Fig.2
Fig.3
T
t
△ h
△ h
0
H
C
H
C
P
H
1
H
0
D
0
D
0
P
0
W
W
2
W
1
L
1
P
1
p
p
p
p
H
C
H
P
C
D
0
D
0
D
0
P
0
W
W
2
L
1
W
1
P
1
p
p
p
p
H
1
H
0
T
t
△h
△ h


Similar Part No. - KRG0300700

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
KRG0160075 THINKING-KRG0160075 Datasheet
331Kb / 7P
   KRG016 Radial Leaded Type 16V
KRG0160090 THINKING-KRG0160090 Datasheet
331Kb / 7P
   KRG016 Radial Leaded Type 16V
KRG0160110 THINKING-KRG0160110 Datasheet
331Kb / 7P
   KRG016 Radial Leaded Type 16V
KRG0160120 THINKING-KRG0160120 Datasheet
331Kb / 7P
   KRG016 Radial Leaded Type 16V
KRG0160135 THINKING-KRG0160135 Datasheet
331Kb / 7P
   KRG016 Radial Leaded Type 16V
More results

Similar Description - KRG0300700

ManufacturerPart #DatasheetDescription
logo
Littelfuse
RLD30P090UA LITTELFUSE-RLD30P090UA Datasheet
63Kb / 2P
   Radial Leaded, 30V
logo
Thinking Electronic Ind...
KRG0160075 THINKING-KRG0160075 Datasheet
331Kb / 7P
   KRG016 Radial Leaded Type 16V
KRG0600010 THINKING-KRG0600010 Datasheet
308Kb / 7P
   KRG060 Radial Leaded Type 60V
KRL1200010 THINKING-KRL1200010 Datasheet
292Kb / 7P
   KRL120 Radial Leaded Type 120V
KRL2400005 THINKING-KRL2400005 Datasheet
172Kb / 5P
   KRL240 Radial Leaded Type 240V
logo
Littelfuse
60R010 LITTELFUSE-60R010_10 Datasheet
210Kb / 7P
   Radial Leaded
logo
Thinking Electronic Ind...
KRT6000015 THINKING-KRT6000015 Datasheet
143Kb / 5P
   Radial Leaded Type KRT600 For Telecom Application
KRT2500008 THINKING-KRT2500008 Datasheet
177Kb / 6P
   Radial Leaded Type KRT250 For Telecom Application
logo
Taiyo Yuden (U.S.A.), I...
LHL13TB332J TAIYO-YUDEN-LHL13TB332J Datasheet
522Kb / 20P
   RADIAL LEADED INDUCTORS
logo
XFMRS Inc.
RLXF0811-822J XFMRS-RLXF0811-822J Datasheet
31Kb / 1P
   Radial Leaded Inductor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com