Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KRG0600090 Datasheet(PDF) 7 Page - Thinking Electronic Industrial Co.,Ltd

Part # KRG0600090
Description  KRG060 Radial Leaded Type 60V
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

KRG0600090 Datasheet(HTML) 7 Page - Thinking Electronic Industrial Co.,Ltd

  KRG0600090 Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd KRG0600090 Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd KRG0600090 Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd KRG0600090 Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd KRG0600090 Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd KRG0600090 Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd KRG0600090 Datasheet HTML 7Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Polymer PTC Resettable Fuse:
:KRG Series
KRG060 Radial Leaded Type 60V
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
7
www.thinking.com.tw
2008.04
All specifications are subject to change without notice.
Quantity
Bulk packing
Reel packing
Ammo packing
Storage Conditions of Products
Storage Conditions:
1.Storage Temperature : -10℃~+40℃
2.Relative Humidity: ≦75%RH
3. Keep away from corrosive atmosphere and sunlight.
Period of Storage :1 year
Series
Quantity PCS/Bag
KRG060 (0010~0025)
1000
KRG060 (0030~0185)
500
KRG060 (0250~0375)
250
Series
Quantity PCS/Reel
KRG060 (0010, 0020~0040)
3000
KRG0600017
2500
KRG060 (0050~0090)
2000
KRG060 (0110~0185)
1500
KRG060 (0250~0375)
1000
Series
Quantity PCS/Box
KRG060 (0010~0040)
2000
KRG060 (0050~0090)
1500
KRG060 (0110~0375)
1000
W
L
H
348
185
73
Unit: mm


Similar Part No. - KRG0600090

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
KRG0160075 THINKING-KRG0160075 Datasheet
331Kb / 7P
   KRG016 Radial Leaded Type 16V
KRG0160090 THINKING-KRG0160090 Datasheet
331Kb / 7P
   KRG016 Radial Leaded Type 16V
KRG0160110 THINKING-KRG0160110 Datasheet
331Kb / 7P
   KRG016 Radial Leaded Type 16V
KRG0160120 THINKING-KRG0160120 Datasheet
331Kb / 7P
   KRG016 Radial Leaded Type 16V
KRG0160135 THINKING-KRG0160135 Datasheet
331Kb / 7P
   KRG016 Radial Leaded Type 16V
More results

Similar Description - KRG0600090

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RLD60 ETC1-RLD60 Datasheet
66Kb / 2P
   Radial Leaded, 60V
logo
Thinking Electronic Ind...
KRG0160075 THINKING-KRG0160075 Datasheet
331Kb / 7P
   KRG016 Radial Leaded Type 16V
KRL1200010 THINKING-KRL1200010 Datasheet
292Kb / 7P
   KRL120 Radial Leaded Type 120V
KRG0300090 THINKING-KRG0300090 Datasheet
165Kb / 7P
   KRG030 Radial Leaded Type 30V
KRL2400005 THINKING-KRL2400005 Datasheet
172Kb / 5P
   KRL240 Radial Leaded Type 240V
logo
Littelfuse
60R010 LITTELFUSE-60R010_10 Datasheet
210Kb / 7P
   Radial Leaded
logo
Thinking Electronic Ind...
KRT6000015 THINKING-KRT6000015 Datasheet
143Kb / 5P
   Radial Leaded Type KRT600 For Telecom Application
KRT2500008 THINKING-KRT2500008 Datasheet
177Kb / 6P
   Radial Leaded Type KRT250 For Telecom Application
logo
Taiyo Yuden (U.S.A.), I...
LHL13TB332J TAIYO-YUDEN-LHL13TB332J Datasheet
522Kb / 20P
   RADIAL LEADED INDUCTORS
logo
XFMRS Inc.
RLXF0811-822J XFMRS-RLXF0811-822J Datasheet
31Kb / 1P
   Radial Leaded Inductor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com