Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KRT2500012 Datasheet(PDF) 6 Page - Thinking Electronic Industrial Co.,Ltd

Part # KRT2500012
Description  Radial Leaded Type KRT250 For Telecom Application
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

KRT2500012 Datasheet(HTML) 6 Page - Thinking Electronic Industrial Co.,Ltd

  KRT2500012 Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd KRT2500012 Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd KRT2500012 Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd KRT2500012 Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd KRT2500012 Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd KRT2500012 Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Polymer PTC Resettable Fuse:
:KRT Series
Radial Leaded Type KRT250 For Telecom Application
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
6
www.thinking.com.tw
2009.10
All specifications are subject to change without notice
Reel Specification
Quantity
Bulk packing
Reel packing
Storage Conditions of Products
Storage Conditions:
1.Storage Temperature : -10℃~+40℃
2.Relative Humidity: ≦75%RH
3. Keep away from corrosive atmosphere and sunlight.
Period of Storage :1 year
Series
Quantity
PCS/Bag
KRT250 (0008 ~ 0015)
300
KRT2500018
200
Series
Quantity
PCS/Reel
KRT250 (0008 ~ 0015)
1500
KRT2500018
1200
Fig.3


Similar Part No. - KRT2500012

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KRT-11XS14N KODENSHI-KRT-11XS14N Datasheet
357Kb / 3P
   Optical Monitoring Photodiode TO CAN for KRT-11XSx4N
KRT-11XS24N KODENSHI-KRT-11XS24N Datasheet
357Kb / 3P
   Optical Monitoring Photodiode TO CAN for KRT-11XSx4N
KRT-11XS34N KODENSHI-KRT-11XS34N Datasheet
357Kb / 3P
   Optical Monitoring Photodiode TO CAN for KRT-11XSx4N
KRT-13221 KODENSHI-KRT-13221 Datasheet
182Kb / 2P
   1.25Gbps InGaAs PIN PD for TO 46 PKG
KRT-14211C KODENSHI-KRT-14211C Datasheet
194Kb / 2P
   2.5G InGaAs PIN PD for TO 46 PKG
More results

Similar Description - KRT2500012

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
KRT6000015 THINKING-KRT6000015 Datasheet
143Kb / 5P
   Radial Leaded Type KRT600 For Telecom Application
PPL137R0KA0B5 THINKING-PPL137R0KA0B5 Datasheet
266Kb / 9P
   Overload Protection for Telecom Application
PPL07100KA0B5-Y THINKING-PPL07100KA0B5-Y Datasheet
170Kb / 6P
   Overload Protection for Telecom Application
logo
PCA ELECTRONICS INC.
EPA3284G PCA-EPA3284G Datasheet
30Kb / 1P
   Common Mode Choke for Telecom Application
logo
Thinking Electronic Ind...
KRG0160075 THINKING-KRG0160075 Datasheet
331Kb / 7P
   KRG016 Radial Leaded Type 16V
KRG0600010 THINKING-KRG0600010 Datasheet
308Kb / 7P
   KRG060 Radial Leaded Type 60V
KRL1200010 THINKING-KRL1200010 Datasheet
292Kb / 7P
   KRL120 Radial Leaded Type 120V
KRG0300090 THINKING-KRG0300090 Datasheet
165Kb / 7P
   KRG030 Radial Leaded Type 30V
logo
EPCOS
B72207S0600S212 EPCOS-B72207S0600S212 Datasheet
81Kb / 3P
   Leaded Varistors Telecom Series
logo
Thinking Electronic Ind...
KRL2400005 THINKING-KRL2400005 Datasheet
172Kb / 5P
   KRL240 Radial Leaded Type 240V
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com