Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KRT2500012XXU Datasheet(PDF) 2 Page - Thinking Electronic Industrial Co.,Ltd

Part # KRT2500012XXU
Description  Radial Leaded Type KRT250 For Telecom Application
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

KRT2500012XXU Datasheet(HTML) 2 Page - Thinking Electronic Industrial Co.,Ltd

  KRT2500012XXU Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd KRT2500012XXU Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd KRT2500012XXU Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd KRT2500012XXU Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd KRT2500012XXU Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd KRT2500012XXU Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Polymer PTC Resettable Fuse:
:KRT Series
Radial Leaded Type KRT250 For Telecom Application
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
2
www.thinking.com.tw
2009.10
All specifications are subject to change without notice
(Unit: mm)
A
B
C
D
E
F
Figure
Part no.
Max.
Max.
Typ.
Typ.
Max.
Typ.
Style
KRT2500008
5.8
9.6
5.0±0.8
4.7
4.6
0.65±0.04
1
KRT2500008XXU
5.1
9.1
5.0±0.8
4.7
3.8
0.65±0.04
3
KRT2500011
6.8
9.9
5.0±0.8
4.7
4.6
0.65±0.04
1
KRT2500011XXU
5.9
9.4
5.0±0.8
4.7
3.8
0.65±0.04
3
KRT2500012
6.5
11.0
5.0±0.8
4.7
4.6
0.65±0.04
2
KRT2500012XXU
6.0
10.0
5.0±0.8
4.7
3.8
0.65±0.04
4
KRT2500015
6.5
11.0
5.0±0.8
4.7
4.6
0.65±0.04
2
KRT2500015XXU
6.0
10.0
5.0±0.8
4.7
3.8
0.65±0.04
4
KRT2500018
10.9
12.6
5.0±0.8
4.7
4.6
0.65±0.04
2
KRT2500018XXU
10.4
12.6
5.0±0.8
4.7
3.8
0.65±0.04
4
Electrical Characteristics(23℃
℃)
Resistance (Ω)
Vmax.
Imax.
Ihold
@ 23℃
Itrip
@ 23℃
Vmax
Interrupt
Pd
(Max.)
Maximum
Time to Trip
Initial (Ri)
Post trip (R1)
Safety
Approvals
Part no.
(Vdc)
(A)
(A)
(A)
(VAC)
(W)
(A)
(Sec.)
Min.
Max.
UL/cUL
TUV
KRT2500008
60
3.0
0.080
0.160
250
1.00
0.35
4.00
14.00
33.00
KRT2500008XXU
60
3.0
0.080
0.160
250
1.00
0.35
4.00
14.00
33.00
KRT2500011
60
3.0
0.110
0.220
250
1.00
1.00
2.00
5.00
16.00
KRT2500011XXU
60
3.0
0.110
0.220
250
1.00
1.00
2.00
5.00
16.00
KRT2500012
60
3.0
0.120
0.240
250
1.00
1.00
2.00
4.00
16.00
KRT2500012XXU
60
3.0
0.120
0.240
250
1.00
1.00
2.00
6.00
16.00
KRT2500015
60
3.0
0.150
0.290
250
1.00
1.00
2.50
3.00
12.00
KRT2500015XXU
60
3.0
0.150
0.290
250
1.00
1.00
2.50
3.50
12.00
KRT2500018
60
10.0
0.180
0.650
250
1.50
1.50
11.00
0.80
4.00
KRT2500018XXU
60
10.0
0.180
0.650
250
1.50
1.50
10.00
0.80
4.00
Note1: The first X is appearance, the second X is packaging.
Note2: U=Uncoating
Note3: UL&cUL File No. E138827
TUV File No. R50066618


Similar Part No. - KRT2500012XXU

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KRT-11XS14N KODENSHI-KRT-11XS14N Datasheet
357Kb / 3P
   Optical Monitoring Photodiode TO CAN for KRT-11XSx4N
KRT-11XS24N KODENSHI-KRT-11XS24N Datasheet
357Kb / 3P
   Optical Monitoring Photodiode TO CAN for KRT-11XSx4N
KRT-11XS34N KODENSHI-KRT-11XS34N Datasheet
357Kb / 3P
   Optical Monitoring Photodiode TO CAN for KRT-11XSx4N
KRT-13221 KODENSHI-KRT-13221 Datasheet
182Kb / 2P
   1.25Gbps InGaAs PIN PD for TO 46 PKG
KRT-14211C KODENSHI-KRT-14211C Datasheet
194Kb / 2P
   2.5G InGaAs PIN PD for TO 46 PKG
More results

Similar Description - KRT2500012XXU

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
KRT6000015 THINKING-KRT6000015 Datasheet
143Kb / 5P
   Radial Leaded Type KRT600 For Telecom Application
PPL137R0KA0B5 THINKING-PPL137R0KA0B5 Datasheet
266Kb / 9P
   Overload Protection for Telecom Application
PPL07100KA0B5-Y THINKING-PPL07100KA0B5-Y Datasheet
170Kb / 6P
   Overload Protection for Telecom Application
logo
PCA ELECTRONICS INC.
EPA3284G PCA-EPA3284G Datasheet
30Kb / 1P
   Common Mode Choke for Telecom Application
logo
Thinking Electronic Ind...
KRG0160075 THINKING-KRG0160075 Datasheet
331Kb / 7P
   KRG016 Radial Leaded Type 16V
KRG0600010 THINKING-KRG0600010 Datasheet
308Kb / 7P
   KRG060 Radial Leaded Type 60V
KRL1200010 THINKING-KRL1200010 Datasheet
292Kb / 7P
   KRL120 Radial Leaded Type 120V
KRG0300090 THINKING-KRG0300090 Datasheet
165Kb / 7P
   KRG030 Radial Leaded Type 30V
logo
EPCOS
B72207S0600S212 EPCOS-B72207S0600S212 Datasheet
81Kb / 3P
   Leaded Varistors Telecom Series
logo
Thinking Electronic Ind...
KRL2400005 THINKING-KRL2400005 Datasheet
172Kb / 5P
   KRL240 Radial Leaded Type 240V
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com