Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GC63R600RT Datasheet(PDF) 1 Page - Thinking Electronic Industrial Co.,Ltd

Part # GC63R600RT
Description  3-Electrode 6.08.0 mm Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

GC63R600RT Datasheet(HTML) 1 Page - Thinking Electronic Industrial Co.,Ltd

  GC63R600RT Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd GC63R600RT Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd GC63R600RT Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd GC63R600RT Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Gas Discharge Tube:
:GC6 Series
3-Electrode Φ6.0*8.0 mm Type
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
1
www.thinking.com.tw
2010.09
All specification are subject to change without notice.
Features
1. RoHS compliant
2. Rugged ceramic-metal construction
3. Available with or without leads
4. Available with fail-safe clip
5. DC spark-over voltage:90~600V
6. Low capacitance
7. Agency recognition :UL
Recommended Applications
1. Data transmission lines
2. Communication lines
3. CATV system
4. Power distribution system
5. Power supplier
6. Test equipment
7. Instrumentation circuits
Part Number Code
G
C
6
3
R
0
9
0
R
B
1
2
3
4
5
6
7
8
9
10
11
12
13
Product Code
G
THINKING Gas
Discharge Tube
Type Series (size)
C6
Φ6.0*T8.0
Electrode Number
3R
3 Electrodes
DC Spark-over
Voltage
070
70V
230
230V
600
600V
14B
1400V
25B
2500V
Lead Wire Style
N
No Lead
R
Radial Lead
Packaging
B
Bulk
T
Ammo
Taping
R
Reel
Taping
Internal Control
Code
Product Type
F
Fail-Safe Clip


Similar Part No. - GC63R600RT

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
GC6-1 SYNERGY-GC6-1 Datasheet
392Kb / 3P
   Directional coupler
GC6-2 SYNERGY-GC6-2 Datasheet
341Kb / 3P
   Directional coupler
logo
Microsemi Corporation
GC6001 MICROSEMI-GC6001 Datasheet
105Kb / 2P
   POWER GENERATION Microwave Noise Diodes
GC6002 MICROSEMI-GC6002 Datasheet
105Kb / 2P
   POWER GENERATION Microwave Noise Diodes
GC6003 MICROSEMI-GC6003 Datasheet
105Kb / 2P
   POWER GENERATION Microwave Noise Diodes
More results

Similar Description - GC63R600RT

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
GB83R075NB THINKING-GB83R075NB Datasheet
157Kb / 4P
   3-Electrode 8.0T10 mm Type
GQF3R075NRM THINKING-GQF3R075NRM Datasheet
214Kb / 4P
   SMD 3-Electrode 57.2 mm Type
GD52R070NB THINKING-GD52R070NB Datasheet
180Kb / 5P
   2-Electrode 5.5T6 mm Type
GF42R075NRM THINKING-GF42R075NRM Datasheet
164Kb / 3P
   SMD 2-Electrode 44.2 mm Type
GF62R075NRM THINKING-GF62R075NRM Datasheet
136Kb / 4P
   SMD 2-Electrode 6.2T4.2 mm Type
GD82R070NB THINKING-GD82R070NB Datasheet
173Kb / 5P
   2-Electrode 8.0T8 mm High Voltage Type
logo
EPCOS
B88069X2601B502 EPCOS-B88069X2601B502 Datasheet
83Kb / 2P
   3-Electrode-Arrester
logo
Guangdong Juxing Electr...
JX3R-L JUXING-JX3R-L Datasheet
1Mb / 3P
   3-Electrode arrester
logo
EPCOS
B88069X5870B502 EPCOS-B88069X5870B502 Datasheet
64Kb / 2P
   3-Electrode-Arrester
logo
Guangdong Juxing Electr...
JX3R-F JUXING-JX3R-F Datasheet
1Mb / 3P
   3-Electrode arrester
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com