Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KRL1200090 Datasheet(PDF) 7 Page - Thinking Electronic Industrial Co.,Ltd

Part # KRL1200090
Description  KRL120 Radial Leaded Type 120V
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

KRL1200090 Datasheet(HTML) 7 Page - Thinking Electronic Industrial Co.,Ltd

  KRL1200090 Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd KRL1200090 Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd KRL1200090 Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd KRL1200090 Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd KRL1200090 Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd KRL1200090 Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd KRL1200090 Datasheet HTML 7Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Polymer PTC Resettable Fuse:
:KRL Type
KRL120 Radial Leaded Type 120V
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
7
www.thinking.com.tw
2009.12
All specifications are subject to change without notice
Quantity
Bulk Packing
Part No.
Pcs/ Bag
KRL1200010-KRL1200050
500
KRL1200065-KRL1200110
300
KRL1200125- KRL1200160
200
KRL1200185- KRL1200375
100
Reel Packing
Part No.
Pcs/ Reel
KRL1200010-KRL1200050
2000
KRL1200065-KRL1200375
1500
Storage Conditions of Products
Storage Conditions :
1. Storage Temperature: -10℃~+40℃
2. Relative humidity: ≦75%RH
3. Thermistors must be kept away from sunlight and stored in a non-corrosive atmosphere.
Period of Storage : 1 year


Similar Part No. - KRL1200090

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
KRL2400005 THINKING-KRL2400005 Datasheet
172Kb / 5P
   KRL240 Radial Leaded Type 240V
KRL2400008 THINKING-KRL2400008 Datasheet
172Kb / 5P
   KRL240 Radial Leaded Type 240V
KRL2400012 THINKING-KRL2400012 Datasheet
172Kb / 5P
   KRL240 Radial Leaded Type 240V
KRL2400016 THINKING-KRL2400016 Datasheet
172Kb / 5P
   KRL240 Radial Leaded Type 240V
KRL2400025 THINKING-KRL2400025 Datasheet
172Kb / 5P
   KRL240 Radial Leaded Type 240V
More results

Similar Description - KRL1200090

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
KRG0160075 THINKING-KRG0160075 Datasheet
331Kb / 7P
   KRG016 Radial Leaded Type 16V
KRG0600010 THINKING-KRG0600010 Datasheet
308Kb / 7P
   KRG060 Radial Leaded Type 60V
KRG0300090 THINKING-KRG0300090 Datasheet
165Kb / 7P
   KRG030 Radial Leaded Type 30V
KRL2400005 THINKING-KRL2400005 Datasheet
172Kb / 5P
   KRL240 Radial Leaded Type 240V
logo
Littelfuse
60R010 LITTELFUSE-60R010_10 Datasheet
210Kb / 7P
   Radial Leaded
logo
Thinking Electronic Ind...
KRT6000015 THINKING-KRT6000015 Datasheet
143Kb / 5P
   Radial Leaded Type KRT600 For Telecom Application
KRT2500008 THINKING-KRT2500008 Datasheet
177Kb / 6P
   Radial Leaded Type KRT250 For Telecom Application
logo
Taiyo Yuden (U.S.A.), I...
LHL13TB332J TAIYO-YUDEN-LHL13TB332J Datasheet
522Kb / 20P
   RADIAL LEADED INDUCTORS
logo
XFMRS Inc.
RLXF0811-822J XFMRS-RLXF0811-822J Datasheet
31Kb / 1P
   Radial Leaded Inductor
logo
Taiyo Yuden (U.S.A.), I...
LHL08TB272J TAIYO-YUDEN-LHL08TB272J Datasheet
137Kb / 1P
   Radial Leaded Inductors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com