Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD82R130NTH Datasheet(PDF) 1 Page - Thinking Electronic Industrial Co.,Ltd

Part # GD82R130NTH
Description  2-Electrode 8.0T6 mm High Surge
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

GD82R130NTH Datasheet(HTML) 1 Page - Thinking Electronic Industrial Co.,Ltd

  GD82R130NTH Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd GD82R130NTH Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd GD82R130NTH Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd GD82R130NTH Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd GD82R130NTH Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Gas Discharge Tube: GD8-H Series
2-Electrode Φ8.0*T6 mm High Surge
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
1
www.thinking.com.tw
2010.09
All specification are subject to change without notice
Features
1. RoHS compliant
2. Rugged ceramic-metal construction
3. Available with or without Leads
4. DC spark-over voltage: 70V ~470V
5. Low capacitance
6. High transient current capability
7. Agency recognition: UL/cUL
Recommended Applications
1. Data transmission lines
2. Communication lines
3. CATV system
4. Power distribution system
5. Power supplier
6. Test equipment
7. Instrumentation circuits
Part Number Code
G
D
8
2
R
0
7
0
A
B
H
1
2
3
4
5
6
7
8
9
10
11
12
13
Product Code
G
THINKING Gas
Discharge Tube
Type Series (size)
D8
Φ8.0*T6.0
Electrode Number
2R
2 Electrodes
DC Spark-over
Voltage
070
70V
230
230V
600
600V
14B
1400V
25B
2500V
Lead Wire Style
N
No Lead
A
Axial Lead
Packaging
B
Bulk
T
Ammo
Taping
R
Reel
Taping
Internal Control
Code
Product Type
H
High Surge


Similar Part No. - GD82R130NTH

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
GD82R070NB THINKING-GD82R070NB Datasheet
173Kb / 5P
   2-Electrode 8.0T8 mm High Voltage Type
More results

Similar Description - GD82R130NTH

ManufacturerPart #DatasheetDescription
logo
EPCOS
M51_A230X EPCOS-M51_A230X Datasheet
124Kb / 4P
   Surge arrester 2-electrode arrester
B88069X4651102 EPCOS-B88069X4651102 Datasheet
123Kb / 4P
   Surge arrester 2-electrode arrester
B88069X6821B101 EPCOS-B88069X6821B101 Datasheet
71Kb / 4P
   Surge arrester 2-electrode arrester
B88069X8920B252 EPCOS-B88069X8920B252 Datasheet
61Kb / 4P
   SURGE ARRESTER 2-electrode arrester
M50_A230X EPCOS-M50_A230X Datasheet
122Kb / 4P
   Surge arrester 2-electrode arrester
B88069X8860B502 EPCOS-B88069X8860B502 Datasheet
66Kb / 4P
   SURGE ARRESTER 2-electrode arrester
B88069X8800B252 EPCOS-B88069X8800B252 Datasheet
61Kb / 4P
   SURGE ARRESTER 2-electrode arrester
M51_A350X EPCOS-M51_A350X Datasheet
124Kb / 4P
   Surge arrester 2-electrode arrester
B88069X0810S102 EPCOS-B88069X0810S102 Datasheet
124Kb / 4P
   Surge arrester 2-electrode arrester
B88069X0190S102 EPCOS-B88069X0190S102 Datasheet
124Kb / 4P
   Surge arrester 2-electrode arrester
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com