Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMC4S175 Datasheet(PDF) 5 Page - Thinking Electronic Industrial Co.,Ltd

Part # KMC4S175
Description  Polymer PTC Resettable Fuse
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

KMC4S175 Datasheet(HTML) 5 Page - Thinking Electronic Industrial Co.,Ltd

  KMC4S175 Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd KMC4S175 Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd KMC4S175 Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd KMC4S175 Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd KMC4S175 Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd KMC4S175 Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd KMC4S175 Datasheet HTML 7Page - Thinking Electronic Industrial Co.,Ltd KMC4S175 Datasheet HTML 8Page - Thinking Electronic Industrial Co.,Ltd KMC4S175 Datasheet HTML 9Page - Thinking Electronic Industrial Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Polymer PTC Resettable Fuse:
:KMC Series
SMD Type
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
5
www.thinking.com.tw
2009.12
All specifications are subject to change without notice.
Electrical Characteristics(23℃
℃)
Resistance @ 23℃ ( )
Vmax.
Imax.
Ihold
@ 23℃
Itrip
@ 23℃
Pd
(Max.)
Maximum
Time to Trip
Initial
(Min.Ri)
Post trip
(Max.R1)
Safety Approvals
Current
Time
Part No.
(VDC)
(A)
(A)
(A)
(W)
(A)
( )
( )
( )
UL
cUL TUV
KMC5S010
30
100
0.10
0.30
0.8
0.5
1.5
1.6
15
KMC5S014
60
10
0.14
0.34
0.8
1.5
0.15
1.5
6
KMC5S020
30
100
0.20
0.40
0.8
8
0.02
0.8
5
KMC5S035
16
100
0.35
0.70
0.8
8
0.1
0.32
1.5
KMC5S050
16
100
0.50
1.00
0.8
8
0.15
0.15
1
KMC5S075
13.2
100
0.75
1.50
0.8
8
0.2
0.11
0.45
KMC5S075-24
24
100
0.75
1.50
0.8
8
0.2
0.11
0.29
KMC5S075-33
33
20
0.75
1.50
0.8
8
0.2
0.11
0.4
KMC5S110
8
100
1.10
2.20
0.8
8
0.3
0.04
0.21
KMC5S110-16
16
100
1.10
2.20
0.8
8
0.5
0.06
0.18
KMC5S110-24
24
20
1.10
2.20
0.8
8
0.5
0.06
0.2
KMC5S110-33
33
20
1.10
2.20
0.8
8
0.5
0.06
0.2
KMC5S125-16
16
100
1.25
2.50
0.8
8
0.4
0.05
0.14
KMC5S125
6
100
1.25
2.50
0.8
8
0.4
0.05
0.14
KMC5S150
8
100
1.50
3.00
0.9
8
0.3
0.04
0.11
KMC5S150-12
12
100
1.50
3.00
0.9
8
0.5
0.04
0.11
KMC5S150-24
24
20
1.50
3.00
0.9
8
1.5
0.04
0.12
KMC5S160
8
100
1.60
3.20
0.8
8
1.0
0.03
0.1
KMC5S200
8
100
2.00
3.50
1.2
8
2.0
0.02
0.06
KMC5S260
6
100
2.60
5.00
1.2
8
2.5
0.015
0.047
KMC5S300
6
100
3.00
5.00
1.2
8
4.0
0.012
0.04
Note : UL&cUL File No. E138827
TUV File No. R50143386


Similar Part No. - KMC4S175

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KMC-21 ETC2-KMC-21 Datasheet
1Mb / 2P
   Compact VHF/UHF FM Portable Radios
KMC-45 ETC2-KMC-45 Datasheet
1Mb / 2P
   Compact VHF/UHF FM Portable Radios
KMC05 ETC2-KMC05 Datasheet
143Kb / 2P
   Magnetic Field Sensors Current Sensor
logo
United Chemi-Con, Inc.
KMC101E104M31N0T00 CHEMI-CON-KMC101E104M31N0T00 Datasheet
48Kb / 4P
   MULTILAYER CERAMIC CHIP CAPACITORS
KMC101E105M43N0T00 CHEMI-CON-KMC101E105M43N0T00 Datasheet
48Kb / 4P
   MULTILAYER CERAMIC CHIP CAPACITORS
More results

Similar Description - KMC4S175

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
KSM0150120 THINKING-KSM0150120 Datasheet
194Kb / 4P
   Polymer PTC Resettable Fuse
logo
HuaXinAn Electronics CO...
SMD1210 HUAXINAN-SMD1210 Datasheet
253Kb / 2P
   Resettable Fuse PTC
JK130010 HUAXINAN-JK130010 Datasheet
302Kb / 2P
   Resettable Fuse PTC
JK30075 HUAXINAN-JK30075 Datasheet
321Kb / 3P
   Resettable Fuse PTC
JK-MSMD010 HUAXINAN-JK-MSMD010 Datasheet
269Kb / 2P
   Resettable Fuse PTC
JK-SMD0805-010 HUAXINAN-JK-SMD0805-010 Datasheet
251Kb / 2P
   Resettable Fuse PTC
logo
Bourns Electronic Solut...
MF-LL190 BOURNS-MF-LL190 Datasheet
235Kb / 2P
   PTC Resettable Fuse
logo
HuaXinAn Electronics CO...
JK60005 HUAXINAN-JK60005 Datasheet
304Kb / 2P
   Resettable Fuse PTC
SMD2920 HUAXINAN-SMD2920 Datasheet
311Kb / 2P
   Resettable Fuse PTC
JK6075 HUAXINAN-JK6075 Datasheet
284Kb / 2P
   Resettable Fuse PTC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com