Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSH0150310 Datasheet(PDF) 1 Page - Thinking Electronic Industrial Co.,Ltd

Part # KSH0150310
Description  Strap Type KSH Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

KSH0150310 Datasheet(HTML) 1 Page - Thinking Electronic Industrial Co.,Ltd

  KSH0150310 Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd KSH0150310 Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd KSH0150310 Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd KSH0150310 Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Polymer PTC Resettable Fuse:
:KSH Series
Strap Type KSH Series
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
1
www.thinking.com.tw
2006.06
All specifications are subject to change without notice.
Features
1. RoHS compliant
2. Broadest range of resettable devices available in the industry
3. Current ratings from 1.7 to 14.1A
4. Maximum voltage : 15V , 20V
5. Operating temperature range : -40 ~ +85℃
6. Agency Recognition :UL /cUL/TUV
Recommended Applications
1. Rechargeable battery packs
Part No. Code
Dimensions
K
S
H
0
1
5
0
1
7
0
N
B
Y
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Usage
M
Metal hydride
device
L
Lithium ion
device
V
Very low
temp. device
H
High power
device
I hold
0008
0.08A
0090
0.9A
0014
0.14A
0135
1.35A
0170
1.7A
0600
6A
1000
10A
1200
12A
Shape of lead
S
Slitted lead on
single side
D
Slitted lead on
duel side
N
Noslitted lead
Packaging
B
Bulk
R
Taping & Reel
Internal Control
Code
Y
ROHS
Control
Product code
K
Thinking
PPTC
thermistor
Form factor
S
Strap
Vmax.
operation
015
15V
020
20V
Marking: xxx=Vmax. operation, yyyy=I hold


Similar Part No. - KSH0150310

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSH112 FAIRCHILD-KSH112 Datasheet
57Kb / 6P
   D-PAK for Surface Mount Applications
logo
Inchange Semiconductor ...
KSH112 ISC-KSH112 Datasheet
331Kb / 3P
   isc Silicon NPN Power Transistor
logo
Fairchild Semiconductor
KSH112-I FAIRCHILD-KSH112-I Datasheet
57Kb / 6P
   D-PAK for Surface Mount Applications
KSH112I FAIRCHILD-KSH112I Datasheet
63Kb / 6P
   D-PAK for Surface Mount Applications
KSH112TM FAIRCHILD-KSH112TM Datasheet
62Kb / 6P
   D-PAK for Surface Mount Applications
More results

Similar Description - KSH0150310

ManufacturerPart #DatasheetDescription
logo
RFE international
FLR190F RFE-FLR190F Datasheet
129Kb / 1P
   STRAP TYPE PPTC FLR Series
logo
Thinking Electronic Ind...
KSL0150070 THINKING-KSL0150070 Datasheet
166Kb / 4P
   Strap Type KSL Series
KSV0120170 THINKING-KSV0120170 Datasheet
142Kb / 5P
   Strap Type KSV Series
logo
RFE international
FLT070F RFE-FLT070F Datasheet
120Kb / 1P
   STRAP TYPE PPTC FLT Series
FSR120F RFE-FSR120F Datasheet
111Kb / 2P
   STRAP TYPE PPTC FSR Series
logo
List of Unclassifed Man...
L-1011-9 ETC2-L-1011-9 Datasheet
37Kb / 1P
   CHO-STRAP INSULATED GROUND STRAP
logo
EPCOS
B72240L0131K100 EPCOS-B72240L0131K100 Datasheet
82Kb / 5P
   Strap Varistors HighE Series
B72250L0131K100 EPCOS-B72250L0131K100 Datasheet
84Kb / 5P
   Strap Varistors
logo
Socay Electornics Co., ...
JK-P070 SOCAY-JK-P070 Datasheet
315Kb / 4P
   Axial Lead Battery Strap Type Resettable Polymer PTCs
logo
List of Unclassifed Man...
BT-BS-609-ENV ETC-BT-BS-609-ENV Datasheet
136Kb / 1P
   STRAP WRENCH ENVELOPE DRAWING
REV. 1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com