Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSV0160170X Datasheet(PDF) 1 Page - Thinking Electronic Industrial Co.,Ltd

Part # KSV0160170X
Description  Strap Type KSV Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

KSV0160170X Datasheet(HTML) 1 Page - Thinking Electronic Industrial Co.,Ltd

  KSV0160170X Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd KSV0160170X Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd KSV0160170X Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd KSV0160170X Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd KSV0160170X Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Polymer PTC Resettable Fuse:
:KSV Series
Strap Type KSV Series
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
1
www.thinking.com.tw
2006.06
All specifications are subject to change without notice.
Features
1. RoHS compliant
2. Low resistance, low trip temperature
3. Current ratings from 1.7 to 2.4A
4. Maximum voltage :12V and 16V
5. Operating temperature range :
KSV012:-40 ~ +75℃
KSV016:-40 ~ +85℃
6. Agency Recognition :UL /cUL/TUV
Recommended Applications
1. Rechargeable battery packs
Part No. Code
Dimensions
K
S
V
0
1
6
0
1
7
0
N
B
Y
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Internal Control
Code
Y
ROHS
Control
Usage
M
Metal hydride
device
L
Lithium ion
device
V
Very low
temp. device
H
High power
device
I hold
0008
0.08A
0090
0.9A
0014
0.14A
0135
1.35A
0170
1.7A
0600
6A
1000
10A
1200
12A
Shape of lead
S
Slitted lead on
single side
D
Slitted lead on
duel side
N
Noslitted lead
Packaging
B
Bulk
R
Taping & Reel
Product code
K
Thinking
PPTC
thermistor
Form factor
S
Strap
Vmax.
operation
012
12V
016
16V
Marking: xxx=Vmax. operation, yyyy=I hold


Similar Part No. - KSV0160170X

ManufacturerPart #DatasheetDescription
logo
Knox Semiconductor, Inc
KSV1401 KNOX-KSV1401 Datasheet
35Kb / 1P
   SILICON HYPERABRUPT TUNING DIODES
logo
M/A-COM Technology Solu...
KSV1401 MA-COM-KSV1401 Datasheet
395Kb / 2P
   Low Inductance
logo
Knox Semiconductor, Inc
KSV1402 KNOX-KSV1402 Datasheet
35Kb / 1P
   SILICON HYPERABRUPT TUNING DIODES
logo
M/A-COM Technology Solu...
KSV1402 MA-COM-KSV1402 Datasheet
395Kb / 2P
   Low Inductance
logo
Knox Semiconductor, Inc
KSV1403 KNOX-KSV1403 Datasheet
35Kb / 1P
   SILICON HYPERABRUPT TUNING DIODES
More results

Similar Description - KSV0160170X

ManufacturerPart #DatasheetDescription
logo
RFE international
FLR190F RFE-FLR190F Datasheet
129Kb / 1P
   STRAP TYPE PPTC FLR Series
logo
Thinking Electronic Ind...
KSL0150070 THINKING-KSL0150070 Datasheet
166Kb / 4P
   Strap Type KSL Series
KSH0150170 THINKING-KSH0150170 Datasheet
179Kb / 4P
   Strap Type KSH Series
logo
RFE international
FLT070F RFE-FLT070F Datasheet
120Kb / 1P
   STRAP TYPE PPTC FLT Series
FSR120F RFE-FSR120F Datasheet
111Kb / 2P
   STRAP TYPE PPTC FSR Series
logo
List of Unclassifed Man...
L-1011-9 ETC2-L-1011-9 Datasheet
37Kb / 1P
   CHO-STRAP INSULATED GROUND STRAP
logo
EPCOS
B72240L0131K100 EPCOS-B72240L0131K100 Datasheet
82Kb / 5P
   Strap Varistors HighE Series
B72250L0131K100 EPCOS-B72250L0131K100 Datasheet
84Kb / 5P
   Strap Varistors
logo
Socay Electornics Co., ...
JK-P070 SOCAY-JK-P070 Datasheet
315Kb / 4P
   Axial Lead Battery Strap Type Resettable Polymer PTCs
logo
List of Unclassifed Man...
BT-BS-609-ENV ETC-BT-BS-609-ENV Datasheet
136Kb / 1P
   STRAP WRENCH ENVELOPE DRAWING
REV. 1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com