Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1325G Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C1325G
Description  4-Mbit (256 K x 18) Flow through Sync SRAM Synchronous self timed write
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1325G Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C1325G_11 Datasheet HTML 7Page - Cypress Semiconductor CY7C1325G_11 Datasheet HTML 8Page - Cypress Semiconductor CY7C1325G_11 Datasheet HTML 9Page - Cypress Semiconductor CY7C1325G_11 Datasheet HTML 10Page - Cypress Semiconductor CY7C1325G_11 Datasheet HTML 11Page - Cypress Semiconductor CY7C1325G_11 Datasheet HTML 12Page - Cypress Semiconductor CY7C1325G_11 Datasheet HTML 13Page - Cypress Semiconductor CY7C1325G_11 Datasheet HTML 14Page - Cypress Semiconductor CY7C1325G_11 Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
CY7C1325G
Document Number: 38-05518 Rev. *H
Page 11 of 21
ISB1
Automatic CE
power-down
current—TTL inputs
Max VDD, device deselected,
VIN  VIH or VIN  VIL, f = fMAX,
inputs switching
7.5 ns cycle, 133 MHz
90
mA
10 ns cycle, 100 MHz
80
mA
ISB2
Automatic CE
power-down
current—CMOS inputs
Max VDD, device deselected,
VIN  VDD – 0.3 V or VIN  0.3 V,
f = 0, inputs static
All speeds
40
mA
ISB3
Automatic CE
power-down
current—CMOS inputs
Max VDD, device deselected,
VIN  VDDQ – 0.3 V or
VIN  0.3 V,
f = fMAX, inputs switching
7.5 ns cycle, 133 MHz
75
mA
10 ns cycle, 100 MHz
65
mA
ISB4
Automatic CE
power-down
current—TTL inputs
Max VDD, device deselected,
VIN  VDD – 0.3 V or VIN  0.3 V,
f = 0, inputs static
All speeds
45
mA
Capacitance[10]
Parameter
Description
Test Conditions
100-pin TQFP
Max
119-ball BGA
Max
Unit
CIN
Input capacitance
TA = 25 C, f = 1 MHz,
VDD = 3.3 V, VDDQ = 3.3 V
55
pF
CCLK
Clock input capacitance
5
5
pF
CI/O
Input/output capacitance
5
7
pF
Thermal Resistance[10]
Parameter
Description
Test Conditions
100 TQFP
Package
119 BGA
Package
Unit
JA
Thermal resistance
(junction to ambient)
Test conditions follow standard test
methods and procedures for
measuring thermal impedance, per
EIA/JESD51.
30.32
34.1
°C/W
JC
Thermal resistance
(junction to case)
6.85
14.0
°C/W
Electrical Characteristics (continued)
Over the Operating Range [8, 9]
Parameter
Description
Test Conditions
Min
Max
Unit
Figure 3. AC Test Loads and Waveforms
Note
10. Tested initially and after any design or process change that may affect these parameters.
OUTPUT
R = 317
R = 351
5pF
INCLUDING
JIG AND
SCOPE
(a)
(b)
OUTPUT
RL = 50 
Z0 = 50 
VT= 1.5 V
3.3 V
ALL INPUT PULSES
VDDQ
GND
90%
10%
90%
10%
 1 ns
 1 ns
(c)
OUTPUT
R = 1667
R = 1538
5pF
INCLUDING
JIG AND
SCOPE
(a)
(b)
OUTPUT
RL = 50 
Z0 = 50 
VT = 1.25 V
2.5 V
ALL INPUT PULSES
VDDQ
GND
90%
10%
90%
10%
 1 ns
 1 ns
(c)
3.3 V I/O Test Load
2.5 V I/O Test Load
[+] Feedback


Similar Part No. - CY7C1325G_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1325G-117AXC CYPRESS-CY7C1325G-117AXC Datasheet
337Kb / 16P
   4-Mbit (256K x 18) Flow-Through Sync SRAM
CY7C1325G-117AXI CYPRESS-CY7C1325G-117AXI Datasheet
337Kb / 16P
   4-Mbit (256K x 18) Flow-Through Sync SRAM
CY7C1325G-117BGC CYPRESS-CY7C1325G-117BGC Datasheet
337Kb / 16P
   4-Mbit (256K x 18) Flow-Through Sync SRAM
CY7C1325G-117BGI CYPRESS-CY7C1325G-117BGI Datasheet
337Kb / 16P
   4-Mbit (256K x 18) Flow-Through Sync SRAM
CY7C1325G-117BGXC CYPRESS-CY7C1325G-117BGXC Datasheet
337Kb / 16P
   4-Mbit (256K x 18) Flow-Through Sync SRAM
More results

Similar Description - CY7C1325G_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1325G CYPRESS-CY7C1325G_13 Datasheet
769Kb / 23P
   4-Mbit (256 K x 18) Flow-Through Sync SRAM
CY7C1325H CYPRESS-CY7C1325H Datasheet
731Kb / 21P
   4-Mbit (256 K 횞 18) Flow-Through Sync SRAM
CY7C1325G CYPRESS-CY7C1325G_12 Datasheet
753Kb / 22P
   4-Mbit (256 K 횞 18) Flow-Through Sync SRAM
CY7C1327G CYPRESS-CY7C1327G_13 Datasheet
779Kb / 23P
   4-Mbit (256 K x 18) Pipelined Sync SRAM
CY7C1325G CYPRESS-CY7C1325G Datasheet
337Kb / 16P
   4-Mbit (256K x 18) Flow-Through Sync SRAM
CY7C1328G CYPRESS-CY7C1328G_13 Datasheet
602Kb / 23P
   4-Mbit (256 K x 18) Pipelined DCD Sync SRAM
CY7C1353G CYPRESS-CY7C1353G_13 Datasheet
552Kb / 19P
   4-Mbit (256 K x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1345G CYPRESS-CY7C1345G_13 Datasheet
771Kb / 24P
   4-Mbit (128 K x 36) Flow-Through Sync SRAM
CY7C1338G CYPRESS-CY7C1338G_13 Datasheet
610Kb / 22P
   4-Mbit (128 K x 32) Flow-Through Sync SRAM
CY7C1365CV33 CYPRESS-CY7C1365CV33 Datasheet
567Kb / 21P
   9-Mbit (256 K 횞 32) Flow-Through Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com