Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD82R230ARH Datasheet(PDF) 2 Page - Thinking Electronic Industrial Co.,Ltd

Part # GD82R230ARH
Description  2-Electrode 8.0T6 mm High Surge
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

GD82R230ARH Datasheet(HTML) 2 Page - Thinking Electronic Industrial Co.,Ltd

  GD82R230ARH Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd GD82R230ARH Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd GD82R230ARH Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd GD82R230ARH Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd GD82R230ARH Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Gas Discharge Tube: GD8-H Series
2-Electrode Φ8.0*T6 mm High Surge
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
2
www.thinking.com.tw
2010.09
All specification are subject to change without notice
Characteristics
DC
Breakdown
Voltage
Max. Impulse
Breakdown
Voltage
Impulse
Discharge
Current
(8/20µs)
Impulse
Life
(10/1000µs)
Normal
Alternating
Discharge
Current
DC
Holdover
voltage
(100V/S)
100V/µs
1KV/µs
1
time
10
times
100A
50Hz,
1Sec
Single
9 Cycles
<150ms
Minimum
Insulation
Resistance
Maximum
Capacitance
(1MHz)
Safety
approvals
Type
(V)
(V)
(V)
(KA)
Times
(A)
(V)
(G )
(pF)
UL
497B
GD82R070□□H
70±20%
500
600
52
GD82R075□□H
75±20%
500
600
52
GD82R090□□H
90±20%
500
600
52
GD82R120□□H
120±15%
500
700
52
GD82R130□□H
130±15%
500
700
52
GD82R145□□H
145±15%
500
700
52
GD82R180□□H
180±15%
500
700
80
GD82R230□□H
230±15%
500
700
80
GD82R250□□H
250±15%
500
700
80
GD82R300□□H
300±15%
700
900
150
GD82R350□□H
350±15%
700
900
150
GD82R400□□H
400±15%
800
1000
150
GD82R470□□H
470±15%
900
1100
20
15
500
20
65
150
10
1.5
Note1: The first □ is the style of lead wire, and the second □ is packaging.
Note2: H = High Surge Series
Note3: UL / 497B→ File No. E245070
Note 4: Insulation resistance test conditions:
DC Breakdown Voltage
DC Measuring Voltage
70-90V
50V
120-400V
100V
470-600V
250V


Similar Part No. - GD82R230ARH

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
GD82R070NB THINKING-GD82R070NB Datasheet
173Kb / 5P
   2-Electrode 8.0T8 mm High Voltage Type
More results

Similar Description - GD82R230ARH

ManufacturerPart #DatasheetDescription
logo
EPCOS
M51_A230X EPCOS-M51_A230X Datasheet
124Kb / 4P
   Surge arrester 2-electrode arrester
B88069X4651102 EPCOS-B88069X4651102 Datasheet
123Kb / 4P
   Surge arrester 2-electrode arrester
B88069X6821B101 EPCOS-B88069X6821B101 Datasheet
71Kb / 4P
   Surge arrester 2-electrode arrester
B88069X8920B252 EPCOS-B88069X8920B252 Datasheet
61Kb / 4P
   SURGE ARRESTER 2-electrode arrester
M50_A230X EPCOS-M50_A230X Datasheet
122Kb / 4P
   Surge arrester 2-electrode arrester
B88069X8860B502 EPCOS-B88069X8860B502 Datasheet
66Kb / 4P
   SURGE ARRESTER 2-electrode arrester
B88069X8800B252 EPCOS-B88069X8800B252 Datasheet
61Kb / 4P
   SURGE ARRESTER 2-electrode arrester
M51_A350X EPCOS-M51_A350X Datasheet
124Kb / 4P
   Surge arrester 2-electrode arrester
B88069X0810S102 EPCOS-B88069X0810S102 Datasheet
124Kb / 4P
   Surge arrester 2-electrode arrester
B88069X0190S102 EPCOS-B88069X0190S102 Datasheet
124Kb / 4P
   Surge arrester 2-electrode arrester
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com