Electronic Components Datasheet Search |
|
PPL07100YA0B5-Y Datasheet(PDF) 1 Page - Thinking Electronic Industrial Co.,Ltd |
|
PPL07100YA0B5-Y Datasheet(HTML) 1 Page - Thinking Electronic Industrial Co.,Ltd |
1 / 6 page CPTC Thermistor: Twin SMD Type PPL Series Overload Protection for Telecom Application THINKING ELECTRONIC INDUSTRIAL Co., LTD. 1 www.thinking.com.tw 2010.08 ■ ■ ■ ■ Features 1. RoHS compliant 2. Two resistance-matched PTCs in a plastic housing 3. Wide resistance range in telecom area from 10 to 50 4. Agency recognition: UL/cUL/TUV 5. Compliant with ITU-T standards 6. Operating temperature range:0 ~ +60°C (V=Vmax) -25 ~ +125°C (V=0) Recommended Applications 1. Cable Modem, ADSL Modem with VOIP 2. Customer Premise Equipment (CPE) 3. Central Office (CO) 4. Access Equipment (AE) 5. Main Distribution Frame (MDF) 6. Public Switched Telephone Network (PSTN) 7. Exchanger Part Number Code P P L 0 7 5 0 0 M A 0 C 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 Product Code PPL PTC Thermistor for Overload Protection Dimensions 07 ψ7mm Resistance (R25) 7R0 7Ω 100 10Ω 500 50Ω Tolerance of R25 K ±10% L ±15% M ±20% H ±25% N ±30% Y Special Curie temperature P8 80℃ A0 100℃ A2 120℃ A4 140℃ Voltage A4 140VAC B5 250VAC C0 300VAC Internal Control Code |
Similar Part No. - PPL07100YA0B5-Y |
|
Similar Description - PPL07100YA0B5-Y |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |