Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPM1P470M100R Datasheet(PDF) 4 Page - Thinking Electronic Industrial Co.,Ltd

Part # TPM1P470M100R
Description  SMD CPTC Thermistor for Over-Current Protection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

TPM1P470M100R Datasheet(HTML) 4 Page - Thinking Electronic Industrial Co.,Ltd

  TPM1P470M100R Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd TPM1P470M100R Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd TPM1P470M100R Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd TPM1P470M100R Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd TPM1P470M100R Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd TPM1P470M100R Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd TPM1P470M100R Datasheet HTML 7Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CPTC Thermistor:
:TPM Type
SMD CPTC Thermistor for Over-Current Protection
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
4
www.thinking.com.tw
2011.06
All specifications are subject to change without notice
■ Typical Application Circuit
Fig 1. Over-current Protection
Fig 2. LED
Protection
Soldering Recommendation
IR-Reflow Soldering Profile
3℃/sec
(max.)
60~180 sec
20~40
sec
Time
Cooling
Peak temp
255~260℃
150~200℃
Tamb
3℃/sec
(max.)
6℃/sec
(max.
)
217℃
60~150 sec
8 minutes max
Preheating
LOAD
PTC
PTC


Similar Part No. - TPM1P470M100R

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPM1002PY3 TECHPUBLIC-TPM1002PY3 Datasheet
1Mb / 4P
   P-Channel Enhancement Mode Power MOSFET
TPM1004NS6 TECHPUBLIC-TPM1004NS6 Datasheet
1Mb / 3P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
TPM1019ND6 TECHPUBLIC-TPM1019ND6 Datasheet
1Mb / 3P
   20V N-Channel Enhancement Mode Power MOSFET
TPM1019ND6-1 TECHPUBLIC-TPM1019ND6-1 Datasheet
1Mb / 3P
   20V N-Channel Enhancement Mode Power MOSFET
TPM1019ND6-2 TECHPUBLIC-TPM1019ND6-2 Datasheet
1Mb / 3P
   20V N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - TPM1P470M100R

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
TPM1S471P065RA THINKING-TPM1S471P065RA Datasheet
198Kb / 9P
   SMD CPTC Thermistor for Automotive Application
PHC08102P3B7 THINKING-PHC08102P3B7 Datasheet
46Kb / 2P
   CPTC Thermistor
PHRA1301P7A4 THINKING-PHRA1301P7A4 Datasheet
69Kb / 2P
   CPTC Thermistor
logo
KOA Speer Electronics, ...
PT722AT70CTE471 KOA-PT722AT70CTE471 Datasheet
513Kb / 2P
   ptc chip thermistor (for over-temperature protection)
logo
Rohm
BD9B301MUV-LB ROHM-BD9B301MUV-LB Datasheet
1Mb / 33P
   Over Current Protection
BD9E303EFJ-LB ROHM-BD9E303EFJ-LB Datasheet
1Mb / 31P
   Over-Current Protection
logo
Delta Electronics, Inc.
Q48SC12008 DELTA-Q48SC12008 Datasheet
387Kb / 13P
   Over-Current Protection
Q48SD12034 DELTA-Q48SD12034 Datasheet
572Kb / 25P
   Over-Current Protection
Q48SD12042 DELTA-Q48SD12042 Datasheet
583Kb / 26P
   Over-Current Protection
Q48SG12042 DELTA-Q48SG12042 Datasheet
933Kb / 26P
   Over-Current Protection
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com