Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPM1P221M100R Datasheet(PDF) 1 Page - Thinking Electronic Industrial Co.,Ltd

Part # TPM1P221M100R
Description  SMD CPTC Thermistor for Over-Current Protection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

TPM1P221M100R Datasheet(HTML) 1 Page - Thinking Electronic Industrial Co.,Ltd

  TPM1P221M100R Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd TPM1P221M100R Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd TPM1P221M100R Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd TPM1P221M100R Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd TPM1P221M100R Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd TPM1P221M100R Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd TPM1P221M100R Datasheet HTML 7Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CPTC Thermistor:
:TPM Type
SMD CPTC Thermistor for Over-Current Protection
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
1
www.thinking.com.tw
2011.06
All specifications are subject to change without notice
Features
1. RoHS & Halogen-free compliant
2. EIA size 0603
3. Suitable for reflow soldering
4. Suitable for over-current or short circuit protection
Recommended Applications
1. Notebook
2. AC adapter
3. Battery charger
4. LED
5. Over-current protection for any consumer device
Part Number Code
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
■ Structure and Dimensions
(Unit: mm)
Part No.
Size (EIA)
L1
W
H max.
L2 and L3.
TPM1P
0603
1.60±0.15
0.80±0.15
0.95
0.4±0.02
Size (EIA)
0
0402
1
0603
2
0805
Product Type
TPM
Thinking CPTC
Thermistor
TPM Type
Series
P
Over
current
protection
series
Zero Power
Resistance at 25℃
330
33
470
47
101
100
Tolerance of R25
M
±20﹪
Packaging
R
Reel
B
Bulk
Optional
Suffix
001 ~ZZZ
Curie Point
Temperature
095
95℃
100
100℃
105
105℃


Similar Part No. - TPM1P221M100R

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPM1002PY3 TECHPUBLIC-TPM1002PY3 Datasheet
1Mb / 4P
   P-Channel Enhancement Mode Power MOSFET
TPM1004NS6 TECHPUBLIC-TPM1004NS6 Datasheet
1Mb / 3P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
TPM1019ND6 TECHPUBLIC-TPM1019ND6 Datasheet
1Mb / 3P
   20V N-Channel Enhancement Mode Power MOSFET
TPM1019ND6-1 TECHPUBLIC-TPM1019ND6-1 Datasheet
1Mb / 3P
   20V N-Channel Enhancement Mode Power MOSFET
TPM1019ND6-2 TECHPUBLIC-TPM1019ND6-2 Datasheet
1Mb / 3P
   20V N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - TPM1P221M100R

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
TPM1S471P065RA THINKING-TPM1S471P065RA Datasheet
198Kb / 9P
   SMD CPTC Thermistor for Automotive Application
PHC08102P3B7 THINKING-PHC08102P3B7 Datasheet
46Kb / 2P
   CPTC Thermistor
PHRA1301P7A4 THINKING-PHRA1301P7A4 Datasheet
69Kb / 2P
   CPTC Thermistor
logo
KOA Speer Electronics, ...
PT722AT70CTE471 KOA-PT722AT70CTE471 Datasheet
513Kb / 2P
   ptc chip thermistor (for over-temperature protection)
logo
Rohm
BD9B301MUV-LB ROHM-BD9B301MUV-LB Datasheet
1Mb / 33P
   Over Current Protection
BD9E303EFJ-LB ROHM-BD9E303EFJ-LB Datasheet
1Mb / 31P
   Over-Current Protection
logo
Delta Electronics, Inc.
Q48SC12008 DELTA-Q48SC12008 Datasheet
387Kb / 13P
   Over-Current Protection
Q48SD12034 DELTA-Q48SD12034 Datasheet
572Kb / 25P
   Over-Current Protection
Q48SD12042 DELTA-Q48SD12042 Datasheet
583Kb / 26P
   Over-Current Protection
Q48SG12042 DELTA-Q48SG12042 Datasheet
933Kb / 26P
   Over-Current Protection
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com