Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLA03101QP8D2 Datasheet(PDF) 8 Page - Thinking Electronic Industrial Co.,Ltd

Part # PLA03101QP8D2
Description  For Switching Application
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

PLA03101QP8D2 Datasheet(HTML) 8 Page - Thinking Electronic Industrial Co.,Ltd

  PLA03101QP8D2 Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd PLA03101QP8D2 Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd PLA03101QP8D2 Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd PLA03101QP8D2 Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd PLA03101QP8D2 Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd PLA03101QP8D2 Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd PLA03101QP8D2 Datasheet HTML 7Page - Thinking Electronic Industrial Co.,Ltd PLA03101QP8D2 Datasheet HTML 8Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
CPTC Thermistor:PL Series
For Switching Application
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
8
www.thinking.com.tw
2006.07
Quantity
Bulk Packing
Reel Packing
1500 pcs / Reel
Ammo packing
1000pcs / Ammo box
Storage condition of products
Storage Conditions :
1. Storage Temperature : -10 ~+
40℃
2. Relative humidity :
75%RH
3. Thermistor must be kept away from sunlight and stored in a non-corrosive atmosphere.
Period of Storage : 1 year
Disc Size/mm
Quantity (Bag/pcs)
Φ≦10
200
10<Φ<20
100
Φ≧20
50
Disc Size
Φ<16
Φ≧16
A
46
55
(Unit: mm)
(Unit: mm)
348±5


Similar Part No. - PLA03101QP8D2

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PLA03A-050-R PHIHONG-PLA03A-050-R Datasheet
215Kb / 3P
   3.0 Watt - Unregulated Wall Plug
PLA03A-090-R PHIHONG-PLA03A-090-R Datasheet
215Kb / 3P
   3.0 Watt - Unregulated Wall Plug
PLA03A-120-R PHIHONG-PLA03A-120-R Datasheet
215Kb / 3P
   3.0 Watt - Unregulated Wall Plug
More results

Similar Description - PLA03101QP8D2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS-R218 STMICROELECTRONICS-GS-R218 Datasheet
48Kb / 3P
   27W SWITCHING REGULATOR FOR AUTOMOTIVE APPLICATION
logo
Fairchild Semiconductor
FJX3012R FAIRCHILD-FJX3012R Datasheet
32Kb / 3P
   Switching Application
FJX4001R FAIRCHILD-FJX4001R Datasheet
42Kb / 4P
   Switching Application
FJX4002R FAIRCHILD-FJX4002R Datasheet
42Kb / 4P
   Switching Application
FJX4007R FAIRCHILD-FJX4007R Datasheet
43Kb / 4P
   Switching Application
FJX4009R FAIRCHILD-FJX4009R Datasheet
39Kb / 4P
   Switching Application
FJX4012R FAIRCHILD-FJX4012R Datasheet
32Kb / 3P
   Switching Application
FJX4013R FAIRCHILD-FJX4013R Datasheet
33Kb / 3P
   Switching Application
KSR1003 FAIRCHILD-KSR1003 Datasheet
37Kb / 4P
   Switching Application
KSR1103 FAIRCHILD-KSR1103 Datasheet
56Kb / 4P
   Switching Application
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com