Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30KPA160A Datasheet(PDF) 4 Page - Protek Devices

Part # 30KPA160A
Description  30kW power tvs component
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

30KPA160A Datasheet(HTML) 4 Page - Protek Devices

  30KPA160A Datasheet HTML 1Page - Protek Devices 30KPA160A Datasheet HTML 2Page - Protek Devices 30KPA160A Datasheet HTML 3Page - Protek Devices 30KPA160A Datasheet HTML 4Page - Protek Devices 30KPA160A Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05113.R23 3/11
Page 4
30KPA30A - 30KPA360A
AXiAl leAD PAcKAGe inFoRmAtion
oRDeRinG inFoRmAtion
BAse PARt numBeR
(xx = voltage)
leADFRee suFFiX
tAPe suFFiX
Qty/Reel
Reel siZe
tuBe Qty
30KPAxx
-LF
n/a
n/a
n/a
n/a
30KPAxxA
-LF
n/a
n/a
n/a
n/a
30KPAxxCA
-LF
n/a
n/a
n/a
n/a
notes
1. Marking on Part - logo, part number, date code and positive terminal marked with
band(unidirectional only).
mARKinG DiAGRAm
Package outline per document number 06028.R2 9/09.
outline Dimensions
Dim
millimeteRs
inches
min
mAX
min
mAX
A
24.5
-
1.00
-
B
8.60
9.10
0.34
0.36
C
24.5
-
1.00
-
D
1.20 DIA.
1.30 DIA.
0.048 DIA.
0.052 DIA.
E
8.60
9.10
0.34
0.36
notes
1. Dimensions are exclusive of mold flash and metal burrs.
E
A
B
C
D


Similar Part No. - 30KPA160A

ManufacturerPart #DatasheetDescription
logo
Protek Devices
30KPA160A PROTEC-30KPA160A Datasheet
81Kb / 4P
   POWER TVS COMPONENT
logo
Ruilongyuan Electronics...
30KPA160A RUILON-30KPA160A Datasheet
904Kb / 7P
   Transient Voltage Suppressors
logo
HuaXinAn Electronics CO...
30KPA160A HUAXINAN-30KPA160A Datasheet
424Kb / 5P
   30000W Transient Voltage Suppressors
logo
Protek Devices
30KPA160A PROTEC-30KPA160A Datasheet
60Kb / 4P
   POWER TVS COMPONENT
logo
Socay Electornics Co., ...
30KPA160A SOCAY-30KPA160A Datasheet
451Kb / 5P
   Axial Lead Transient Voltage Suppressors
More results

Similar Description - 30KPA160A

ManufacturerPart #DatasheetDescription
logo
Protek Devices
P30KP30A PROTEC-P30KP30A Datasheet
404Kb / 5P
   30kW power tvs component
P30KP30A PROTEC-P30KP30A_15 Datasheet
298Kb / 6P
   30kW POWER TVS COMPONENT
30KPA30A PROTEC-30KPA30A_12 Datasheet
489Kb / 5P
   30kW power tvs component
P30KP260A PROTEC-P30KP260A Datasheet
405Kb / 5P
   30kW POWER TVS COMPONENT
SM30KPA30A PROTEC-SM30KPA30A Datasheet
347Kb / 6P
   30kW SURFACE MOUNT POWER TVS COMPONENT
SM30KPA30AN PROTEC-SM30KPA30AN Datasheet
389Kb / 7P
   30kW SURFACE MOUNT POWER TVS COMPONENT
15KP PROTEC-15KP Datasheet
88Kb / 5P
   POWER TVS COMPONENT
15KP17A PROTEC-15KP17A_07 Datasheet
65Kb / 5P
   POWER TVS COMPONENT
15KPA PROTEC-15KPA Datasheet
72Kb / 5P
   POWER TVS COMPONENT
30KPA30A PROTEC-30KPA30A_07 Datasheet
60Kb / 4P
   POWER TVS COMPONENT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com