Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM02-100 Datasheet(PDF) 1 Page - Protek Devices

Part # EM02-100
Description  TVS/EMI Filter Array
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

EM02-100 Datasheet(HTML) 1 Page - Protek Devices

  EM02-100 Datasheet HTML 1Page - Protek Devices EM02-100 Datasheet HTML 2Page - Protek Devices EM02-100 Datasheet HTML 3Page - Protek Devices EM02-100 Datasheet HTML 4Page - Protek Devices EM02-100 Datasheet HTML 5Page - Protek Devices EM02-100 Datasheet HTML 6Page - Protek Devices EM02-100 Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05267.R3 3/11
Page 1
EM02-100
TVS/EMI FIlTER ARRAy
DEScRIPTIon
The EM02-100 is a SOT-563, 2 line low pass filter array with integrated TVS diodes. The EM02-100 is designed to
suppress unwanted EMI/RFI signals and provide ESD protection for high-speed data interfaces such as LCD displays,
SMART phones and other portable electronics
With a desired cutoff frequency of 110MHz, the EM02-100 provides good EMI/RFI attenuation better than 25dB in the
800MHz - 3GHz bandwidth. This blocks RF noises from GSM, DCS or Bluetooth which can affect the baseband chipset
and other blocks. Coupled with the integrated TVS diodes, this device is able to meet IEC 61000-4-2 (ESD) and 61000-
4-4 (EFT) immunity requirements.
FEATuRES
• Compatible with IEC 61000-4-2 (ESD): Air 15kV, Contact 8kV
• Compatible with IEC 61000-4-4 (EFT): 40A, 5/50ns
• ESD Protection > 25 kilovolts
• EMI Filtering/TVS Low Pass Filters
• > 25dB Attenuation from 800MHz to 3GHz
• Protects up 2 data lines
• RoHS Compliant
• REACH Compliant
MEchAnIcAl chARAcTERISTIcS
• Molded JEDEC SOT-563 Package
• Approximate Weight: 3 milligrams
• Lead-Free Pure-Tin Plating (Annealed)
• Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
• Flammability Rating UL 94V-0
• 8mm Tape and Reel per EIA Standard 481
APPlIcATIonS
• SMART Phones
• LCD Display Panel
• Portable Electronics
• SMART Cards
cIRcuIT DIAgRAM
SoT-563 PAckAgE
100 Ohm
15pF
15pF
Pin 1
100 Ohm
15pF
15pF
Pin 2, 5
Pin 3
Pin 4
Pin 6


Similar Part No. - EM02-100

ManufacturerPart #DatasheetDescription
logo
Protek Devices
EM02-100 PROTEC-EM02-100 Datasheet
80Kb / 4P
   EMI FILTER/TVS ARRAY
EM02-100 PROTEC-EM02-100_12 Datasheet
516Kb / 7P
   TVS/ EMI FILTER ARRAY
More results

Similar Description - EM02-100

ManufacturerPart #DatasheetDescription
logo
Protek Devices
EM02-100 PROTEC-EM02-100 Datasheet
80Kb / 4P
   EMI FILTER/TVS ARRAY
EM4DLP-100L PROTEC-EM4DLP-100L Datasheet
74Kb / 4P
   EMI FILTER/TVS ARRAY
EM6D-100-4D PROTEC-EM6D-100-4D Datasheet
83Kb / 4P
   EMI FILTER/TVS ARRAY
EMIF4-100LFC PROTEC-EMIF4-100LFC_07 Datasheet
88Kb / 5P
   EMI FILTER/TVS ARRAY
EMIF6-100LFC PROTEC-EMIF6-100LFC_07 Datasheet
96Kb / 5P
   EMI FILTER/TVS ARRAY
EM6D100L PROTEC-EM6D100L Datasheet
88Kb / 4P
   EMI FILTER/TVS ARRAY
EMF01-100 PROTEC-EMF01-100 Datasheet
95Kb / 4P
   EMI FILTER/TVS ARRAY
EM4D-100L PROTEC-EM4D-100L_11 Datasheet
744Kb / 7P
   emi filter/tvs array
EM4DLP-100L PROTEC-EM4DLP-100L_11 Datasheet
746Kb / 7P
   emi filter/tvs array
EM1631-08DSLP PROTEC-EM1631-08DSLP Datasheet
635Kb / 7P
   emi filter/tvs array
EM4D-100L PROTEC-EM4D-100L Datasheet
74Kb / 4P
   EMI FILTER/TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com