Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTLS2101RA016Y03 Datasheet(PDF) 6 Page - Thinking Electronic Industrial Co.,Ltd

Part # PTLS2101RA016Y03
Description  Temperature Sensor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

PTLS2101RA016Y03 Datasheet(HTML) 6 Page - Thinking Electronic Industrial Co.,Ltd

  PTLS2101RA016Y03 Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd PTLS2101RA016Y03 Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd PTLS2101RA016Y03 Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd PTLS2101RA016Y03 Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd PTLS2101RA016Y03 Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd PTLS2101RA016Y03 Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd PTLS2101RA016Y03 Datasheet HTML 7Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
CPTC Thermistor:PT Series
Temperature Sensor
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
6
www.thinking.com.tw
2006.07
Packaging
Taping Specification
Taping
Code
P0
±0.3
P
±0.3
P1
±1.0
H0
±1.0
W0
±1.0
W1
±1.0
W2
±1.0
W
±1.0
T
Max
∆P
Max
∆h
Max
A
Max
D0
±0.2
t
±0.2
H1 MAX
A(X)/R(W)
12.7
2.5
5.10
18.0
12.0
9.0
3.0
18.0
6.0
1.0
2.0
0.5
4.0
0.6
32.5
Quantity
Reel Packing
2000pcs/reel
Ammo packing
1500pcs/box
Bulk Packing
Type
Quantity pcs/bag
PTL
500
PTM
200
348±5
∆h
∆h
P1
D0
P
W
W2
W1
W0
P0
P
2
∆P
∆P
H0
H1
T
t


Similar Part No. - PTLS2101RA016Y03

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PTL BOURNS-PTL Datasheet
399Kb / 4P
   PTL Series Slide Potentiometer w/LED
logo
List of Unclassifed Man...
PTL-10-432 ETC2-PTL-10-432 Datasheet
2Mb / 1P
   TLS 2200 Voice & Data Comm Materials
PTL-101-432 ETC2-PTL-101-432 Datasheet
2Mb / 1P
   TLS 2200 Voice & Data Comm Materials
PTL-11-432 ETC2-PTL-11-432 Datasheet
2Mb / 1P
   TLS 2200 Voice & Data Comm Materials
PTL-16-430 ETC2-PTL-16-430 Datasheet
2Mb / 1P
   TLS 2200 Voice & Data Comm Materials
More results

Similar Description - PTLS2101RA016Y03

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP431 TI1-TMP431 Datasheet
1Mb / 47P
[Old version datasheet]   Temperature Sensor
logo
Diodes Incorporated
ZNI1000 DIODES-ZNI1000 Datasheet
165Kb / 6P
   Temperature sensor
logo
TE Connectivity Ltd
RTD TEC-RTD Datasheet
118Kb / 3P
   Temperature Sensor
logo
Texas Instruments
TMP435 TI1-TMP435 Datasheet
810Kb / 33P
[Old version datasheet]   TEMPERATURE SENSOR
logo
Zetex Semiconductors
ZNI1000 ZETEX-ZNI1000_06 Datasheet
107Kb / 5P
   TEMPERATURE SENSOR
logo
Analog Devices
AD7291 AD-AD7291_17 Datasheet
572Kb / 29P
   Temperature Sensor
logo
TRACO Electronic AG
TSP-TS TRACOPOWER-TSP-TS Datasheet
230Kb / 1P
   Temperature Sensor
Rev. June 30, 2021
TBL-BC-TS1 TRACOPOWER-TBL-BC-TS1 Datasheet
219Kb / 1P
   Temperature Sensor
Rev. June 30, 2021
logo
Zetex Semiconductors
ZNI1000 ZETEX-ZNI1000 Datasheet
117Kb / 3P
   TEMPERATURE SENSOR
logo
Integrated Device Techn...
TS3001GB2A0 IDT-TS3001GB2A0 Datasheet
523Kb / 23P
   Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com