Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TVM0G5R5M100 Datasheet(PDF) 4 Page - Thinking Electronic Industrial Co.,Ltd

Part # TVM0G5R5M100
Description  SMD Type For ESD Suppressor (Low Clamping Series)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

TVM0G5R5M100 Datasheet(HTML) 4 Page - Thinking Electronic Industrial Co.,Ltd

  TVM0G5R5M100 Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd TVM0G5R5M100 Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd TVM0G5R5M100 Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd TVM0G5R5M100 Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd TVM0G5R5M100 Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd TVM0G5R5M100 Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Metal Oxide Varistor:
:TVM-G Series
SMD Type For ESD Suppressor (Low Clamping Series)
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
4
www.thinking.com.tw
2011.06
Recommended Soldering Pad Dimensions
Size
Z (mm)
G (mm)
X (mm)
Y (mm)
0402
2.1~2.2
0.4~0.5
0.6~0.7
0.9~1.0
0603
2.7~2.8
0.6~0.7
0.9~1.0
1.0~1.1
0805
3.1~3.2
0.6~0.7
1.4~1.5
1.2~1.3
Followed Standard:IPC-SM-782A
Storage Conditions of Products
Storage Conditions :
1. Storage Temperature: -10℃~+40℃
2. Relative Humidity: ≦75%RH
3. Keep away from corrosive atmosphere and sunlight.
Period of Storage : 1 year
Y
G
Z


Similar Part No. - TVM0G5R5M100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TVM0A080M ETC1-TVM0A080M Datasheet
2Mb / 43P
   ZINC OXIDE VARISTOR 50 SERIES
TVM0A110M ETC1-TVM0A110M Datasheet
2Mb / 43P
   ZINC OXIDE VARISTOR 50 SERIES
TVM0A12RM ETC1-TVM0A12RM Datasheet
2Mb / 43P
   ZINC OXIDE VARISTOR 50 SERIES
TVM0A150L ETC1-TVM0A150L Datasheet
2Mb / 43P
   ZINC OXIDE VARISTOR 50 SERIES
TVM0A180K ETC1-TVM0A180K Datasheet
2Mb / 43P
   ZINC OXIDE VARISTOR 50 SERIES
More results

Similar Description - TVM0G5R5M100

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSQA6V8AW5T2 ONSEMI-NSQA6V8AW5T2_09 Datasheet
165Kb / 6P
   Transient Voltage Suppressor ESD Protection Diode with Low Clamping Voltage
September, 2009 ??Rev. 5
logo
Gennum Corporation
1851ZA GENNUM-1851ZA Datasheet
612Kb / 7P
   Low ESD clamping voltage
8052P GENNUM-8052P Datasheet
958Kb / 9P
   Low ESD Clamping Voltage
3381P GENNUM-3381P Datasheet
522Kb / 5P
   Low ESD clamping voltage
3321P GENNUM-3321P Datasheet
778Kb / 8P
   Low ESD clamping voltage
3346P GENNUM-3346P Datasheet
283Kb / 9P
   Low ESD clamping voltage
logo
Formosa MS
ESD5Z3.3C FORMOSA-ESD5Z3.3C Datasheet
202Kb / 7P
   SMD Transient Voltage Suppressor For ESD Protection
N032AT23 FORMOSA-N032AT23 Datasheet
196Kb / 7P
   SMD Transient Voltage Suppressor For ESD Protection
logo
ON Semiconductor
SD12CT1 ONSEMI-SD12CT1 Datasheet
36Kb / 4P
   Transient Voltage Suppressor(Bi-directional ESD Protection with Ultra Low Clamping Voltage)
February, 2005 ??Rev. 0
logo
Leshan Radio Company
LESD9B5.0ST5G LRC-LESD9B5.0ST5G Datasheet
454Kb / 4P
   Transient Voltage Suppressors for ESD Protection Low Clamping Voltage
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com