Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TTS2B50213272 Datasheet(PDF) 2 Page - Thinking Electronic Industrial Co.,Ltd

Part # TTS2B50213272
Description  Bead Type for Temperature Sensing/Compensation
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

TTS2B50213272 Datasheet(HTML) 2 Page - Thinking Electronic Industrial Co.,Ltd

  TTS2B50213272 Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd TTS2B50213272 Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd TTS2B50213272 Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd TTS2B50213272 Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd TTS2B50213272 Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd TTS2B50213272 Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NTC Thermistor:
:TTS Type
Bead Type for Temperature Sensing/Compensation
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
2
www.thinking.com.tw
2008.03
Electrical Characteristics
Zero power
Resistance
at 25°C
Tolerance
of
R25
B
Value
Tolerance
of
B value
Max.
Power
Rating
at 25°C
Dissipation
Factor
Thermal
Time
Constant
Operating
Temperature
Range
Safety
Approvals
Part No.
R25 (KΩ)
( ±%)
(K)
(±%)
Pmax(mW)
δ
(mW/°C)
τ
(Sec.)
TL~TU(°C)
UL cUL
TTS#B502327*
5
25/50
3270
TTS#B502347*
5
25/50
3470
TTS#B502□365*
5
25/50
3650
TTS#B502395*
5
25/50
3950
TTS#B103338*
10
25/50
3380
TTS#B103347*
10
25/50
3470
TTS#B103395*
10
25/50
3950
TTS#A10334D
10
25/85
3435
TTS#A10339H
10
25/85
3975
TTS#B203395*
20
25/50
3950
TTS#A20334D*
20
25/85
3435
TTS#A303395*
30
25/85
3950
TTS#B473395*
47
25/50
3950
TTS#B503395*
50
25/50
3950
TTS#A50334D*
50
25/85
3435
TTS#A83340B*
83
25/85
4015
TTS#A10434D*
100
25/85
3435
TTS#B104410*
100
25/50
4100
TTS#A104425*
100
25/85
4250
TTS#B474439*
470
25/50
4390
TTS#A504427*
500
25/85
4270
TTS#B504□430*
500
1、2、3、
5、10
25/50
4300
1﹑2﹑3
45
1
10
-40 ~ +100
Note 1: # = Body Size , □ = Tolerance of R25 ,
* = Tolerance of B value
Note 2: UL/
cUL File No E138827


Similar Part No. - TTS2B50213272

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
TTS2B102F30A1C MERITEK-TTS2B102F30A1C Datasheet
921Kb / 9P
   NTC Thermistors
TTS2B102F30A1F MERITEK-TTS2B102F30A1F Datasheet
921Kb / 9P
   NTC Thermistors
TTS2B102F30A1M MERITEK-TTS2B102F30A1M Datasheet
921Kb / 9P
   NTC Thermistors
TTS2B102F30A2C MERITEK-TTS2B102F30A2C Datasheet
921Kb / 9P
   NTC Thermistors
TTS2B102F30A2F MERITEK-TTS2B102F30A2F Datasheet
921Kb / 9P
   NTC Thermistors
More results

Similar Description - TTS2B50213272

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
TGMAA503F3993DA6 THINKING-TGMAA503F3993DA6 Datasheet
94Kb / 4P
   Glass Encapsulated Type for Temperature Sensing/Compensation
TTF3A50211 THINKING-TTF3A50211 Datasheet
103Kb / 5P
   Insulation Film Type for Temperature Sensing/Compensation
DHT0A50213552 THINKING-DHT0A50213552 Datasheet
210Kb / 6P
   Glass Axial Type for Temperature Sensing/Compensation
TTC3A901139D1 THINKING-TTC3A901139D1 Datasheet
150Kb / 7P
   3mm Disc Type for Temperature Sensing/Compensation
logo
List of Unclassifed Man...
TTC05 ETC2-TTC05 Datasheet
2Mb / 5P
   Temperature Compensation/Sensing
logo
Thinking Electronic Ind...
TCF3A20213181 THINKING-TCF3A20213181 Datasheet
109Kb / 5P
   Lead Frame for Temperature Sensing/Compensation
TTC050055 THINKING-TTC050055 Datasheet
384Kb / 8P
   圭5 mm Disc Type for Temperature Sensing/Compensation
logo
EPCOS
S964 EPCOS-S964 Datasheet
530Kb / 26P
   NTC thermistors for temperature sensing and compensation
B57964S0202F000 EPCOS-B57964S0202F000 Datasheet
324Kb / 17P
   NTC thermistors for temperature sensing and compensation
logo
List of Unclassifed Man...
SLC0100 ETC1-SLC0100 Datasheet
165Kb / 3P
   CLASS I TEMPERATURE COMPENSATION TYPE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com