Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DHT0B30333953 Datasheet(PDF) 6 Page - Thinking Electronic Industrial Co.,Ltd

Part # DHT0B30333953
Description  Glass Axial Type for Temperature Sensing/Compensation
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

DHT0B30333953 Datasheet(HTML) 6 Page - Thinking Electronic Industrial Co.,Ltd

  DHT0B30333953 Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd DHT0B30333953 Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd DHT0B30333953 Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd DHT0B30333953 Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd DHT0B30333953 Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd DHT0B30333953 Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
NTC Thermistor:
:DHT Type
Glass Axial Type for Temperature Sensing/Compensation
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
6
www.thinking.com.tw
2010.06
All specifications are subject to change without notice
Packaging
Taping Specification
Type
W
P
|L1-L2|
T
Z
S
MAX
53
5.5
1
7
1.2
0.8
W= 52mm
MIN
51
4.5
0
5
0
0
Quantity
Bulk Packing: 500 pcs/bag
Reel Packing: 5000 pcs/reel
Ammo Packing: 5000 pcs/box
Storage Conditions of Products
Storage Conditions:
1.Storage Temperature : -10℃~+40℃
2.Relative Humidity: ≦75%RH
3. Keep away from corrosive atmosphere and sunlight.
Period of Storage :1 year
L1
L2
W
S
T
T
S
Z
P
Tape
Tape
83±2
80±2
75±1
31±1
340±10


Similar Part No. - DHT0B30333953

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DHT11 ETC2-DHT11 Datasheet
971Kb / 8P
   Temperature humidity module
DHT11 ETC-DHT11 Datasheet
1Mb / 9P
   DHT11 Humidity & Temperature Sensor
DHT12 ETC1-DHT12 Datasheet
919Kb / 14P
   Digital temperature
DHT22 ETC2-DHT22 Datasheet
380Kb / 10P
   Digital-output relative humidity & temperature sensor/module
logo
Festo Corporation.
DHTG-140-12-A FESTO-DHTG-140-12-A Datasheet
119Kb / 2P
   Rotary indexing table
More results

Similar Description - DHT0B30333953

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
TGMAA503F3993DA6 THINKING-TGMAA503F3993DA6 Datasheet
94Kb / 4P
   Glass Encapsulated Type for Temperature Sensing/Compensation
TTS1B50213271 THINKING-TTS1B50213271 Datasheet
109Kb / 6P
   Bead Type for Temperature Sensing/Compensation
TTF3A50211 THINKING-TTF3A50211 Datasheet
103Kb / 5P
   Insulation Film Type for Temperature Sensing/Compensation
TTC3A901139D1 THINKING-TTC3A901139D1 Datasheet
150Kb / 7P
   3mm Disc Type for Temperature Sensing/Compensation
logo
List of Unclassifed Man...
TTC05 ETC2-TTC05 Datasheet
2Mb / 5P
   Temperature Compensation/Sensing
logo
Thinking Electronic Ind...
TCF3A20213181 THINKING-TCF3A20213181 Datasheet
109Kb / 5P
   Lead Frame for Temperature Sensing/Compensation
TTC050055 THINKING-TTC050055 Datasheet
384Kb / 8P
   圭5 mm Disc Type for Temperature Sensing/Compensation
logo
EPCOS
S964 EPCOS-S964 Datasheet
530Kb / 26P
   NTC thermistors for temperature sensing and compensation
B57964S0202F000 EPCOS-B57964S0202F000 Datasheet
324Kb / 17P
   NTC thermistors for temperature sensing and compensation
logo
List of Unclassifed Man...
SLC0100 ETC1-SLC0100 Datasheet
165Kb / 3P
   CLASS I TEMPERATURE COMPENSATION TYPE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com