Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPZ1275 Datasheet(PDF) 1 Page - Protek Devices

Part # GPZ1275
Description  high energ y - extended pulse tvs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

GPZ1275 Datasheet(HTML) 1 Page - Protek Devices

  GPZ1275_11 Datasheet HTML 1Page - Protek Devices GPZ1275_11 Datasheet HTML 2Page - Protek Devices GPZ1275_11 Datasheet HTML 3Page - Protek Devices GPZ1275_11 Datasheet HTML 4Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05028.R6 2/11
Page 1
GPZ1275
hiGh eneRGy - extended Pulse tvs
descRiPtion
The GPZ1275 is a high power transient voltage suppressor (TVS) designed to provide protection against long duration
switching transient threats. This heavy duty device is constructed using hermetically sealed TVS subassemblies and is
suited for DC applications that include heavy duty motors, generators, or where DC power is being switched on and off
at frequent intervals.
FeatuRes
• Compatible with IEC 61000-4-5 (Surge): 95A, 8/20µs Level 3(Line-
Gnd) & Level 4(Line-Line)
• MIL-STD-1275 Compliant
• 30,000 Watts Peak Pulse Power per Line (tp = 1ms)
• High Average (DC) Power Dissipation
• Superior Heat Dissipation Capability
• Each Device 100% Tested
Mechanical chaRacteRistics
• Hermetically Sealed Sub-Assemblies
• Approximate Weight: 65 grams
• Flammability Rating UL 94V-0
aPPlications
• Remote DC Power Supply, Base Station & Microwave Protection
• MIL-STD-1275 Power Bus Protection
• Electric Drive Motors & Controls
• Mobile Electronics Operating in Harsh Environments
GPZ1275 PackaGe
MaxiMuM RatinGs @ 25°c unless otherwise specified
PaRaMeteR
syMBol
value
units
Peak Pulse Power (tp = 1ms) - See Figure 1
P
PP
30
kilowatts
Operating Temperature
T
L
-55 to 150
°C
Storage Temperature
T
STG
-55 to 150
°C
Steady State Power Dissipation (derate 2.33W/°C)
T
A
350
Watts
electRical chaRacteRistics PeR line @ 25°c unless otherwise specified
PaRt
nuMBeR
(note 1)
Rated
stand-oFF
voltaGe
v
WM
volts
MiniMuM
BReakdoWn
voltaGe
MaxiMuM
claMPinG
voltaGe
(Fig. 2)
@ i
PPM
v
c
volts
MaxiMuM
leakaGe
cuRRent
@v
WM
i
d
µa
MaxiMuM
Peak Pulse
cuRRent
(Fig. 2)
i
PPM
aMPs
v
(BR)
volts
@i
t
ma
GPZ1275
28
32
30
55
60
500
note
1. Maximum VF = 3.5V @ 100A, 8.3ms (sine wave).


Similar Part No. - GPZ1275_11

ManufacturerPart #DatasheetDescription
logo
Protek Devices
GPZ1275 PROTEC-GPZ1275_12 Datasheet
404Kb / 4P
   HIGH ENERGY - EXTENDED PULSE TVS
More results

Similar Description - GPZ1275_11

ManufacturerPart #DatasheetDescription
logo
Protek Devices
GPZ532 PROTEC-GPZ532_08 Datasheet
70Kb / 3P
   HIGH ENERGY - EXTENDED PULSE TVS
GPZ1275 PROTEC-GPZ1275 Datasheet
116Kb / 3P
   HIGH ENERGY - EXTENDED PULSE TVS
GPZ532 PROTEC-GPZ532_07 Datasheet
93Kb / 3P
   HIGH ENERGY - EXTENDED PULSE TVS
GPZ532 PROTEC-GPZ532_12 Datasheet
413Kb / 4P
   HIGH ENERGY - EXTENDED PULSE TVS
GPZ1275 PROTEC-GPZ1275_12 Datasheet
404Kb / 4P
   HIGH ENERGY - EXTENDED PULSE TVS
logo
Shanghai Leiditech Elec...
ULLC0521 LEIDITECH-ULLC0521 Datasheet
755Kb / 3P
   LOW CAPACITANCE TVS DIODE ARRA Y
logo
Sony Corporation
CXA2061S SONY-CXA2061S Datasheet
435Kb / 44P
   Y/C/RGB/D for NTSC Color TVs
logo
Shanghai Leiditech Elec...
LM1235P6 LEIDITECH-LM1235P6 Datasheet
2Mb / 5P
   Asymmetrical TVS Diode for Dual Extended Common-Mode
LSM1235P6 LEIDITECH-LSM1235P6 Datasheet
2Mb / 5P
   Asymmetrical TVS Diode for Dual Extended Common-Mode
logo
Sony Corporation
CXA2050S SONY-CXA2050S Datasheet
810Kb / 48P
   Y/C/RGB/D for PAL/NTSC Color TVs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com