Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPL09500YA0C0 Datasheet(PDF) 3 Page - Thinking Electronic Industrial Co.,Ltd

Part # PPL09500YA0C0
Description  Overload Protection for Telecom Application
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

PPL09500YA0C0 Datasheet(HTML) 3 Page - Thinking Electronic Industrial Co.,Ltd

  PPL09500YA0C0 Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd PPL09500YA0C0 Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd PPL09500YA0C0 Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd PPL09500YA0C0 Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd PPL09500YA0C0 Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd PPL09500YA0C0 Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd PPL09500YA0C0 Datasheet HTML 7Page - Thinking Electronic Industrial Co.,Ltd PPL09500YA0C0 Datasheet HTML 8Page - Thinking Electronic Industrial Co.,Ltd PPL09500YA0C0 Datasheet HTML 9Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CPTC Thermistor:
Dip Type PPL Series
Overload Protection for Telecom Application
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
3
www.thinking.com.tw
2010.08
■ Characteristics
Note1: =Tolerance of R25
Note2: UL/cUL File No. E138827
TUV File No. R 50171789
Nominal
Zero-power
Resistance
Non-
operating
Current at
25℃
Non-
operating
Current at
40℃
Trip
Current
at 25℃
Responding Time
(s)
Max
Voltage
Max.
Current
Safety
Approvals
Part No.
R25 ( )
IN (mA)
@25℃
IN (mA)
@40℃
It (mA)
@25℃
3A→
0.5A
1A→
0.5A
0.5A→
0.15A
(VAC)
Imax(A)
UL/
cUL
TUV
PPL137R0□A0B5
7
180
170
540
3
20
90
250
3
PPL07100□A0B5
10
130
120
390
0.8
8.0
35
250
2.5
PPL09100□A0B5
10
140
130
390
0.8
8.0
35
250
3
PPL07180□A0B5
18
110
100
330
0.4
2.5
10
250
3
PPL09180□A0B5
18
110
100
330
0.4
2.5
10
250
3
PPL07250□A0B5
25
90
80
225
0.35
2.0
10
250
3
PPL09250□A0B5
25
75
70
225
0.35
2.0
10
250
3
PPL07390□A0B5
39
70
65
180
0.3
1.0
4.0
250
3
PPL09390□A0B5
39
70
65
180
0.3
1.0
4.0
250
3
PPL07500□A0C0
50
60
55
165
0.15
0.8
3.5
300
3
PPL09500□A0C0
50
65
60
165
0.15
0.8
3.5
300
3


Similar Part No. - PPL09500YA0C0

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
PPL03 BOOKHAM-PPL03 Datasheet
184Kb / 4P
   Hybrid Wire Grid Polarizer & Thin Film Dichroic Filter
PPL04 BOOKHAM-PPL04 Datasheet
184Kb / 4P
   Hybrid Wire Grid Polarizer & Thin Film Dichroic Filter
PPL05 BOOKHAM-PPL05 Datasheet
184Kb / 4P
   Hybrid Wire Grid Polarizer & Thin Film Dichroic Filter
logo
Thinking Electronic Ind...
PPL07100HA0B5-Y THINKING-PPL07100HA0B5-Y Datasheet
170Kb / 6P
   Overload Protection for Telecom Application
PPL07100KA0B5-Y THINKING-PPL07100KA0B5-Y Datasheet
170Kb / 6P
   Overload Protection for Telecom Application
More results

Similar Description - PPL09500YA0C0

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
PPL07100KA0B5-Y THINKING-PPL07100KA0B5-Y Datasheet
170Kb / 6P
   Overload Protection for Telecom Application
logo
Vishay Siliconix
PTCTT VISHAY-PTCTT Datasheet
122Kb / 5P
   TWIN Vertical SMD PTC Thermistors For Telecom Overload Protection
Revision:03-Mar-14
PTCTT VISHAY-PTCTT_V01 Datasheet
121Kb / 5P
   TWIN Vertical SMD PTC Thermistors For Telecom Overload Protection
01-Jan-2022
logo
STMicroelectronics
CLP30-200B1 STMICROELECTRONICS-CLP30-200B1_06 Datasheet
151Kb / 15P
   ASD (Application Specific Devices) Overvoltage and overcurrent protection for telecom line
SMP100MC STMICROELECTRONICS-SMP100MC_05 Datasheet
166Kb / 13P
   Trisil??for telecom equipment protection
SMP100LC STMICROELECTRONICS-SMP100LC_07 Datasheet
148Kb / 12P
   Trisil for telecom equipment protection
SMP75 STMICROELECTRONICS-SMP75 Datasheet
89Kb / 9P
   Trisil??for telecom equipment protection
SMP100MC STMICROELECTRONICS-SMP100MC Datasheet
108Kb / 10P
   TRISIL??FOR TELECOM EQUIPMENT PROTECTION
December 2004 REV. 1
SMP80MC STMICROELECTRONICS-SMP80MC Datasheet
85Kb / 9P
   TRISIL FOR TELECOM EQUIPMENT PROTECTION
SMP50 STMICROELECTRONICS-SMP50_07 Datasheet
129Kb / 11P
   Trisil for telecom equipment protection
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com