Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPD05180PA1B2 Datasheet(PDF) 9 Page - Thinking Electronic Industrial Co.,Ltd

Part # PPD05180PA1B2
Description  Overload Protection
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

PPD05180PA1B2 Datasheet(HTML) 9 Page - Thinking Electronic Industrial Co.,Ltd

Back Button PPD05180PA1B2 Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd PPD05180PA1B2 Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd PPD05180PA1B2 Datasheet HTML 7Page - Thinking Electronic Industrial Co.,Ltd PPD05180PA1B2 Datasheet HTML 8Page - Thinking Electronic Industrial Co.,Ltd PPD05180PA1B2 Datasheet HTML 9Page - Thinking Electronic Industrial Co.,Ltd PPD05180PA1B2 Datasheet HTML 10Page - Thinking Electronic Industrial Co.,Ltd PPD05180PA1B2 Datasheet HTML 11Page - Thinking Electronic Industrial Co.,Ltd PPD05180PA1B2 Datasheet HTML 12Page - Thinking Electronic Industrial Co.,Ltd PPD05180PA1B2 Datasheet HTML 13Page - Thinking Electronic Industrial Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
CPTC Thermistor:
:PP Series
Overload Protection
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
9
www.thinking.com.tw
2008.04
220VAC/ 130℃
220VAC/ 140℃
Curie
Temperature
Nominal
Zero-power
Resistance
Non-
operating
Current at
25℃
Trip
Current
at 25℃
Voltage
Maximum
Current
Dimensions
Safety
Approvals
Part No.
Tc (℃)
R25 ( )
IN (mA)
It (mA)
VR(VAC)
Imax(A)
Dmax
(mm)
Tmax
(mm)
d±0.02
(mm)
Hmax
(mm)
UL
cUL CQC TUV
PPL04161□A3B2
160
55
90
220
0.2
6.5
5.0
0.6
10.5
PPL05500□A3B2
50
100
150
220
0.4
7.0
5.0
0.6
10.5
PPL08250□A3B2
25
140
230
220
1.0
10
5.0
0.6
13.5
PPL10130□A3B2
13
200
320
220
1.5
12
5.0
0.6
15.5
PPL129R0□A3B2
9.0
330
500
220
2.2
14
5.0
0.6
17.5
PPL165R0□A3B2
5.0
450
680
220
4.1
17.5
5.0
0.6
21.5
PPL203R5□A3B2
130±10
3.5
650
980
220
7.0
22
5.0
0.6
25.5
Curie
Temperature
Nominal
Zero-power
Resistance
Non-
operating
Current at
25℃
Trip Current
at 25℃
Voltage
Maximum
Current
Dimensions
Safety
Approvals
Part No.
Tc (℃)
R25 ( )
IN (mA)
It (mA)
VR(VAC)
Imax(A)
Dmax
(mm)
Tmax
(mm)
d±0.02
(mm)
Hmax
(mm)
UL
cUL CQC TUV
PPL03181□A4B2
180
30
90
220
0.3
5.0
5.0
0.5
8.5
PPL05560□A4B2
56
95
190
220
0.6
7.0
5.0
0.6
10.5
PPL05750□A4B2
75
60
180
220
0.4
7.0
5.0
0.6
10.5
PPL05850□A4B2
85
76
152
220
0.55
7.0
5.0
0.6
10.5
PPL05121□A4B2
120
63
126
220
0.45
7.0
5.0
0.6
10.5
PPL05261□A4B2
260
39
78
220
0.3
7.0
5.0
0.6
10.5
PPL05501□A4B2
500
28
56
220
0.2
7.0
5.0
0.6
10.5
PPL05122□A4B2
1200
19
38
220
0.14
7.0
5.0
0.6
10.5
PPL05192□A4B2
1900
15
30
220
0.11
7.0
5.0
0.6
10.5
PPL05302□A4B2
3000
11
22
220
0.08
7.0
5.0
0.6
10.5
PPL07290□A4B2
29
140
280
220
0.8
9.0
5.0
0.6
12.5
PPL07480□A4B2
48
110
220
220
0.65
9.0
5.0
0.6
12.5
PPL08180□A4B2
18
190
380
220
1.0
10
5.0
0.6
13.5
PPL08220□A4B2
22
170
340
220
0.9
10
5.0
0.6
13.5
PPL08240□A4B2
24
110
330
220
1.0
10
5.0
0.6
13.5
PPL09160□A4B2
16
150
450
220
1.5
11
5.0
0.6
14.5
PPL10120□A4B2
12
250
500
220
1.5
12
5.0
0.6
15.5
PPL10170□A4B2
17
210
420
220
1.3
12
5.0
0.6
15.5
PPL119R1□A4B2
9.1
220
660
220
2.5
13.5
5.0
0.6
16.5
PPL128R4□A4B2
8.4
320
640
220
2.2
14
5.0
0.6
17.5
PPL12110□A4B2
11
280
560
220
1.8
14
5.0
0.6
17.5
PPL164R4□A4B2
4.4
490
980
220
3.5
17.5
5.0
0.6
21.5
PPL155R1□A4B2
5.1
350
1050
220
4.5
17.5
5.0
0.6
21.5
PPL166R6□A4B2
6.6
400
800
220
3.0
17.5
5.0
0.6
21.5
PPL202R8□A4B2
2.8
700
1400
220
5.5
22
5.0
0.6
25.5
PPL203R6□A4B2
3.6
470
1400
220
5.0
22
5.0
0.6
25.5
PPL204R0□A4B2
140±10
4.0
590
1180
220
4.5
22
5.0
0.6
25.5


Similar Part No. - PPD05180PA1B2

ManufacturerPart #DatasheetDescription
logo
3M Electronics
PPD 3M-PPD Datasheet
156Kb / 3P
   3M??Fire Barrier Plastic Pipe Device (PPD)
logo
M-System Co.,Ltd.
PPD MSYSTEM-PPD Datasheet
157Kb / 5P
   Plug-in Signal Conditioners M-UNIT
PPD-A1A1N-K MSYSTEM-PPD-A1A1N-K Datasheet
157Kb / 5P
   Plug-in Signal Conditioners M-UNIT
PPD-A1A1N-K/Q MSYSTEM-PPD-A1A1N-K/Q Datasheet
157Kb / 5P
   Plug-in Signal Conditioners M-UNIT
PPD-A1A1N-P MSYSTEM-PPD-A1A1N-P Datasheet
157Kb / 5P
   Plug-in Signal Conditioners M-UNIT
More results

Similar Description - PPD05180PA1B2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS307 INFINEON-BTS307_13 Datasheet
374Kb / 12P
   Overload protection
2013-10-10
logo
STMicroelectronics
STEVAL-ISA103V1 STMICROELECTRONICS-STEVAL-ISA103V1 Datasheet
225Kb / 4P
   Overload protection
March 2012 Rev 1
L78 STMICROELECTRONICS-L78 Datasheet
2Mb / 54P
   Thermal overload protection
November 2016 Rev 34
logo
EPCOS
B59707-A1120-A62 EPCOS-B59707-A1120-A62 Datasheet
43Kb / 2P
   Overload Protection SMDs
logo
M.S. Kennedy Corporatio...
MSK5212 MSK-MSK5212 Datasheet
151Kb / 6P
   Internal Thermal Overload Protection
MSK5214 MSK-MSK5214 Datasheet
151Kb / 6P
   Internal Thermal Overload Protection
logo
Inchange Semiconductor ...
LM7805 ISC-LM7805 Datasheet
239Kb / 2P
   Internal thermal overload protection
logo
M.S. Kennedy Corporatio...
MSK5211 MSK-MSK5211 Datasheet
151Kb / 6P
   Internal Thermal Overload Protection
MSK5213 MSK-MSK5213 Datasheet
151Kb / 6P
   Internal Thermal Overload Protection
logo
Inchange Semiconductor ...
LM7812 ISC-LM7812 Datasheet
240Kb / 2P
   Internal thermal overload protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com